Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH373-PL-B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH373-PL-B
Description  INTERNAL PULL-UP HALL EFFECT LATCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH373-PL-B Datasheet(HTML) 1 Page - Diodes Incorporated

  AH373-PL-B Datasheet HTML 1Page - Diodes Incorporated AH373-PL-B Datasheet HTML 2Page - Diodes Incorporated AH373-PL-B Datasheet HTML 3Page - Diodes Incorporated AH373-PL-B Datasheet HTML 4Page - Diodes Incorporated AH373-PL-B Datasheet HTML 5Page - Diodes Incorporated AH373-PL-B Datasheet HTML 6Page - Diodes Incorporated AH373-PL-B Datasheet HTML 7Page - Diodes Incorporated AH373-PL-B Datasheet HTML 8Page - Diodes Incorporated AH373-PL-B Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AH373
INTERNAL PULL-UP HALL EFFECT LATCH
AH373
Document number: DS31173 Rev. 6 - 2
1 of 9
www.diodes.com
July 2010
© Diodes Incorporated
Description
AH373 is a single-digital-output Hall-Effect latch sensor with
pull-up resistor for high temperature operation. The device
includes an on-chip Hall voltage generator for magnetic
sensing,
an
amplifier
to
amplify
Hall
voltage,
and
a
comparator to provide switching hysteresis for noise rejection,
and an output driver with a pull-up resistor. An internal band-
gap regulator provides a temperature compensated supply
voltage for internal circuits and allows a wide operating supply
range.
When the magnetic flux density (B) is larger than operate
point (Bop), output is switched on (OUT pin is pulled low).
The output state is held on until a magnetic flux density
reversal falls below Brp. When B is less than Brp, the output
is switched off.
The AH373 is available in SIP-3L and SC59 packages.
Features
Bipolar Hall-Effect latch sensor
2.2V to 20V DC operating voltage
Built-in pull-up resistor
25mA output sink current
Operating temperature: -40°C ~ +125°C
SIP-3L and SC59 packages
(SC59 is commonly known as SOT23 in Asia)
Green Molding Compound (No Br, Sb) (Note 1)
Pin Assignments
(Top View)
1. Vdd
2. GND
3. OUT
SIP-3L
1. Vdd
GND 2.
3. OUT
(Top View)
SC59
Applications
Rotor Position Sensing
Current Switch
Encoder
RPM Detection
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
Typical Application Circuit
M
Driver
&
Control Logic
Ia
Ib
Ic
IA
IC
IB
HB
HA
HC
M: Three Phase Hall Motor
Digital Hall Effect Sensor
Hall Motor Driver
RPM sensing
3 Phase Hall Motor


Similar Part No. - AH373-PL-B

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH373-PL ANACHIP-AH373-PL Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
AH373-PLA ANACHIP-AH373-PLA Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
More results

Similar Description - AH373-PL-B

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH373 ANACHIP-AH373 Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
AH172 ANACHIP-AH172 Datasheet
179Kb / 6P
   Internal Pull-up Hall Effect Latch
AH373 ANACHIP-AH373_1 Datasheet
183Kb / 6P
   Internal Pull-up Hall Effect Latch
logo
Diodes Incorporated
AH372 DIODES-AH372 Datasheet
528Kb / 12P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH173 DIODES-AH173_10 Datasheet
162Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
logo
Anachip Corp
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
   Internal Pull-up Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH173 DIODES-AH173 Datasheet
123Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH173 Rev. 4
logo
Taiwan Semiconductor Co...
TSH193 TSC-TSH193 Datasheet
437Kb / 8P
   Pull-up Resistor Integrated Hall Effect Latch
logo
Diodes Incorporated
AH3781 DIODES-AH3781 Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3782 DIODES-AH3782 Datasheet
519Kb / 14P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com