Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSN-1060A-119 Datasheet(PDF) 4 Page - Mini-Circuits

Part # KSN-1060A-119
Description  Frequency Synthesizer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KSN-1060A-119 Datasheet(HTML) 4 Page - Mini-Circuits

  KSN-1060A-119 Datasheet HTML 1Page - Mini-Circuits KSN-1060A-119 Datasheet HTML 2Page - Mini-Circuits KSN-1060A-119 Datasheet HTML 3Page - Mini-Circuits KSN-1060A-119 Datasheet HTML 4Page - Mini-Circuits KSN-1060A-119 Datasheet HTML 5Page - Mini-Circuits KSN-1060A-119 Datasheet HTML 6Page - Mini-Circuits KSN-1060A-119 Datasheet HTML 7Page - Mini-Circuits KSN-1060A-119 Datasheet HTML 8Page - Mini-Circuits KSN-1060A-119 Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Page 4 of 13
KSN-1060A-119+
Frequency Synthesizer
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
FREQUENCY
POWER OUTPUT
VCO CURRENT
PLL CURENT
(MHz)
(dBm)
(mA)
(mA)
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
969.99
-0.46
0.64
0.40
34.96
36.81
38.18
14.71
16.01
18.70
976.92
-0.44
0.62
0.39
34.98
36.85
38.22
14.46
15.78
18.43
988.86
-0.39
0.62
0.40
35.05
36.94
38.29
14.50
15.84
18.47
1000.80
-0.36
0.65
0.44
35.14
37.03
38.36
14.67
16.02
18.65
1012.74
-0.43
0.61
0.40
35.22
37.11
38.43
14.72
16.08
18.73
1024.68
-0.58
0.48
0.24
35.27
37.18
38.50
14.67
16.04
18.68
1036.62
-0.69
0.33
0.02
35.31
37.24
38.54
14.55
15.91
18.54
1048.56
-0.77
0.20
-0.24
35.34
37.27
38.57
14.47
15.83
18.46
1060.50
-0.79
0.10
-0.53
35.37
37.27
38.60
14.70
16.07
18.71
1072.44
-0.85
-0.05
-0.94
35.37
37.25
38.62
14.76
16.14
18.79
1072.98
-0.85
-0.06
-0.96
35.37
37.25
38.62
14.74
16.12
18.77
FREQUENCY
HARMONICS (dBc)
(MHz)
F2
F3
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
969.99
-22.72
-24.16
-24.50
-37.55
-40.13
-43.42
976.92
-23.08
-24.20
-24.48
-38.13
-41.28
-44.41
988.86
-23.96
-24.57
-24.76
-39.26
-42.90
-45.33
1000.80
-24.69
-25.23
-25.18
-40.76
-44.41
-46.39
1012.74
-25.25
-25.59
-25.44
-42.48
-46.18
-47.67
1024.68
-25.32
-25.57
-25.28
-43.97
-47.60
-48.66
1036.62
-26.14
-26.74
-25.56
-44.89
-47.83
-49.33
1048.56
-26.63
-27.51
-24.52
-46.67
-49.69
-51.65
1060.50
-27.67
-28.52
-23.24
-47.77
-50.91
-53.54
1072.44
-29.84
-28.05
-22.00
-48.96
-52.25
-55.29
1072.98
-29.99
-27.96
-21.96
-49.04
-52.43
-55.75
Typical Performance Data


Similar Part No. - KSN-1060A-119

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KSN-1060A-219 MINI-KSN-1060A-219 Datasheet
753Kb / 10P
   Frequency Synthesizer
KSN-1060A-219++ MINI-KSN-1060A-219+ Datasheet
753Kb / 10P
   Frequency Synthesizer
More results

Similar Description - KSN-1060A-119

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com