Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC651154F Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC651154F
Description  Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC651154F Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC651154F Datasheet HTML 3Page - Sanyo Semicon Device LC651154F Datasheet HTML 4Page - Sanyo Semicon Device LC651154F Datasheet HTML 5Page - Sanyo Semicon Device LC651154F Datasheet HTML 6Page - Sanyo Semicon Device LC651154F Datasheet HTML 7Page - Sanyo Semicon Device LC651154F Datasheet HTML 8Page - Sanyo Semicon Device LC651154F Datasheet HTML 9Page - Sanyo Semicon Device LC651154F Datasheet HTML 10Page - Sanyo Semicon Device LC651154F Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Development Support
The following are provided for development with the LC651154 and LC651152.
• User’s manual
See the “LC651104/1102 User’s Manual.”
• Development tools manual
See the “Four-Bit Microcontroller EVA86000 Development Tools Manual.”
• Software manual
“LC65/66 Series Software Manual”
• Development tools
— Program development (EVA86000 System)
— On-chip EPROM microcontroller <LC65E1104> for program evaluation
No. 6278-7/39
LC651154N, 651154F, 651154L, 651152N, 651152F, 651152L
Pin Functions
Symbol
Number
I/O
Function
Option
At reset
Handling when
of pins
unused
VDD
VSS
1
Power supply
OSC1
1
Input
• Connection for the RC circuit or ceramic oscillator
element used for the system clock oscillator
• Leave OSC2 open when an external clock input is
used.
(1) Two-pin RC oscillator or
external clock
(2) Two-pin ceramic oscillator
(3) Divider option
1. No divider
2. Divide-by-3
3. Divide-by-4
——
• I/O port A0 to A3
Input in 4-bit units (IP instruction)
Output in 4-bit units (OP instruction)
Testing in 1-bit units (BP and BNP instructions)
Set and reset in 1-bit units (SPB and RPB
instructions)
• PA3 is used for standby mode control
• Application must assure that chattering does not
occur on the PA3 input during HALT instruction
execution.
• All four pins have shared functions
PA0/AD0 - A/D converter input AD0
PA1/AD1 - A/D converter input AD1
PA2/AD2 - A/D converter input AD2
PA3/AD3 - A/D converter input AD3
(1) Open-drain output
(2) Pull-up resistor
Options (1) and (2) can be
specified in bit units
High-level
output (The
output n-
channel
transistors in
the off state.)
Select the
open-drain
output option
and connect
to VSS.
OSC2
1
Output
PA0 to
PA3/
AD0 to
AD3
4
I/O
• I/O port C0 to C3
The port functions are identical to those of PA0 to
PA3. (See note.)
• The output during a reset can be selected to be
either high or low as an option.
Note: This port has no standby mode control
function.
(1) Open-drain output
(2) Pull-up resistor
(3) High-level output during reset
(4) Low-level output during reset
• Options (1) and (2) can be
specified in bit units
• Options (3) and (4) are
specified 4 bits at a time
• High-level
output
• Low-level
output
(Depending
on option
selected.)
The same as
for PA0 to
PA3
PC0 to
PC3
4
I/O
• I/O port D0 to D3
The port functions and options are identical to
those of PC0 to PC3.
The same as PC0 to PC3
The same as
PC0 to PC3
The same as
for PA0 to
PA3
PD0 to
PD3
4
I/O
Continued on next page.


Similar Part No. - LC651154F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC651102F SANYO-LC651102F Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC651102F SANYO-LC651102F Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC651102F SANYO-LC651102F Datasheet
261Kb / 14P
   One-Time Programmable 4-Bit Single-Chip Microcontroller
LC651102L SANYO-LC651102L Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC651102L SANYO-LC651102L Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
More results

Similar Description - LC651154F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC651432N SANYO-LC651432N Datasheet
374Kb / 39P
   Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
LC651204N SANYO-LC651204N Datasheet
312Kb / 35P
   4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
LC65F1306A SANYO-LC65F1306A Datasheet
685Kb / 22P
   4-Bit Single-Chip CMOS Microcontroller for Small-Scale Control Applications
LC6529N SANYO-LC6529N Datasheet
525Kb / 39P
   4-Bit Microcomputer for Small-Scale Control Applications
LC6543N SANYO-LC6543N Datasheet
1Mb / 49P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS???
LC6543C SANYO-LC6543C Datasheet
1Mb / 41P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS?
LC651306A SANYO-LC651306A Datasheet
697Kb / 21P
   4-Bit Single-Chip Microcontroller for Small-Scale Control Applications
LC651104N SANYO-LC651104N Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC6527C SANYO-LC6527C Datasheet
1Mb / 32P
   Single Chip 4 Bit Microcomputers for Small scale control oriented applications
LC6527N SANYO-LC6527N Datasheet
962Kb / 42P
   SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com