Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC651152N Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC651152N
Description  Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC651152N Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC651152N Datasheet HTML 1Page - Sanyo Semicon Device LC651152N Datasheet HTML 2Page - Sanyo Semicon Device LC651152N Datasheet HTML 3Page - Sanyo Semicon Device LC651152N Datasheet HTML 4Page - Sanyo Semicon Device LC651152N Datasheet HTML 5Page - Sanyo Semicon Device LC651152N Datasheet HTML 6Page - Sanyo Semicon Device LC651152N Datasheet HTML 7Page - Sanyo Semicon Device LC651152N Datasheet HTML 8Page - Sanyo Semicon Device LC651152N Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
No. 6278-4/39
LC651154N, 651154F, 651154L, 651152N, 651152F, 651152L
Differences between the LC651154L/1152L and the LC651104L/1102L.
The table below lists the points that require care when converting an existing product that uses the LC651104L/1102L to
use the LC651154L/1152L.
Caution: Perform a full system evaluation and inspection after replacing the microcontroller.
Parameter
LC651154L/1152L
LC651104L/1102L
Pdmax (1) : DIP
310 mW
250 mW
Allowable power dissipation
Pdmax (2) : MFP
220 mW
150 mW
Pdmax (3) : SSOP
160 mW
(No corresponding package)
Operating supply voltage
VDD
2.2 to 6 V
2.5 to 6 V
Oscillator frequency precision: within ±2%
Changes in the recommended oscillator
Oscillator frequency precision: within ±4%
constants (See table 1.)
400 kHz typ. (VDD = 2.2 to 6 V)
400 kHz typ. (VDD = 2.5 to 6 V)
Frequency variability (sample to sample):
Frequency variability (sample to sample):
290 to 841 kHz
276 to 742 kHz
Pull-up resistors
Ru [RES]
200 to 800 k
Ω (500 kΩ typ.)
300 to 700 k
Ω (500 kΩ typ.)
Serial clock input clock cycle time
tCKCY (1) [ SCK]
min. 2.0 µs
min. 6.0 µs
A/D converter characteristics
Operating voltage
VDD = 3 to 6 V
VDD = 4 to 6 V
AV+ = VDD
Reference input current
200 to 800 µA (500 µA typ.)
75 to 300 µA (150 µA typ.)
AV– = VSS
IRIF [AV+, AV–]
Watchdog timer
VDD = 2.2 to 6.0 V
VDD = 2.5 to 6.0 V
Package
DIP30S-D, MFP30S
DIP30S-D, MFP30S
An SSOP30 version was added.
Oscillator characteristics
Ceramic oscillator
Oscillator frequency
2-pin RC oscillator
Oscillator frequency
fCFOSC
[OSC1, OSC2]
fMOSC
[OSC1, OSC2]


Similar Part No. - LC651152N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC651102F SANYO-LC651102F Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC651102F SANYO-LC651102F Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC651102F SANYO-LC651102F Datasheet
261Kb / 14P
   One-Time Programmable 4-Bit Single-Chip Microcontroller
LC651102L SANYO-LC651102L Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC651102L SANYO-LC651102L Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
More results

Similar Description - LC651152N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC651432N SANYO-LC651432N Datasheet
374Kb / 39P
   Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
LC651204N SANYO-LC651204N Datasheet
312Kb / 35P
   4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
LC65F1306A SANYO-LC65F1306A Datasheet
685Kb / 22P
   4-Bit Single-Chip CMOS Microcontroller for Small-Scale Control Applications
LC6529N SANYO-LC6529N Datasheet
525Kb / 39P
   4-Bit Microcomputer for Small-Scale Control Applications
LC6543N SANYO-LC6543N Datasheet
1Mb / 49P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS???
LC6543C SANYO-LC6543C Datasheet
1Mb / 41P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS?
LC651306A SANYO-LC651306A Datasheet
697Kb / 21P
   4-Bit Single-Chip Microcontroller for Small-Scale Control Applications
LC651104N SANYO-LC651104N Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC6527C SANYO-LC6527C Datasheet
1Mb / 32P
   Single Chip 4 Bit Microcomputers for Small scale control oriented applications
LC6527N SANYO-LC6527N Datasheet
962Kb / 42P
   SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com