Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF1PLUSX0Y1 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MF1PLUSX0Y1
Description  Mainstream contactless smart card IC for fast and easy solution development
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1PLUSX0Y1 Datasheet(HTML) 2 Page - NXP Semiconductors

  MF1PLUSX0Y1 Datasheet HTML 1Page - NXP Semiconductors MF1PLUSX0Y1 Datasheet HTML 2Page - NXP Semiconductors MF1PLUSX0Y1 Datasheet HTML 3Page - NXP Semiconductors MF1PLUSX0Y1 Datasheet HTML 4Page - NXP Semiconductors MF1PLUSX0Y1 Datasheet HTML 5Page - NXP Semiconductors MF1PLUSX0Y1 Datasheet HTML 6Page - NXP Semiconductors MF1PLUSX0Y1 Datasheet HTML 7Page - NXP Semiconductors MF1PLUSX0Y1 Datasheet HTML 8Page - NXP Semiconductors MF1PLUSX0Y1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MF1PLUSX0Y1_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3.2 — 21 February 2011
163532
2 of 20
NXP Semiconductors
MF1PLUSx0y1
Mainstream contactless smart card IC
Number of single write operations: 200000 cycles (typical)
Common Criteria Certification: EAL4+
3.
Applications
Public transportation
Access management such as employee, school or campus cards
Electronic toll collection
Closed loop micro payment
Car parking
Internet cafés
Loyalty programs
4.
Quick reference data
[1]
Measured with LCR meter.
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Ci
input capacitance Tamb = 22 °C; fi = 13.56
MHz; 2.8 V RMS
[1] 15.0
17.0
19.04
pF
fi
input frequency
-
13.56
-
MHz
EEPROM characteristics
tret
retention time
Tamb = 22 °C10
-
-
year
Nendu(W) write endurance
Tamb = 22 °C; excluding
anti-tearing for AES keys or
sector trailers in security
level 3
100000 200000 -
cycle


Similar Part No. - MF1PLUSX0Y1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF1P2101DA4/02 NXP-MF1P2101DA4/02 Datasheet
246Kb / 33P
   MIFARE Plus EV1
Rev.3.2-6 December2018
MF1P2101DA6/02 NXP-MF1P2101DA6/02 Datasheet
246Kb / 33P
   MIFARE Plus EV1
Rev.3.2-6 December2018
MF1P2101DUD/02 NXP-MF1P2101DUD/02 Datasheet
246Kb / 33P
   MIFARE Plus EV1
Rev.3.2-6 December2018
MF1P2101DUF/02 NXP-MF1P2101DUF/02 Datasheet
246Kb / 33P
   MIFARE Plus EV1
Rev.3.2-6 December2018
MF1P2131DA4/02 NXP-MF1P2131DA4/02 Datasheet
246Kb / 33P
   MIFARE Plus EV1
Rev.3.2-6 December2018
More results

Similar Description - MF1PLUSX0Y1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF1SPLUSX0Y1 NXP-MF1SPLUSX0Y1 Datasheet
148Kb / 17P
   Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2-21 February 2011
MF1S5009 NXP-MF1S5009 Datasheet
278Kb / 32P
   Mainstream contactless smart card IC for fast and easy solution development
Rev. 3-27 July 2010
MF1S503X NXP-MF1S503X Datasheet
437Kb / 37P
   MIFARE Classic 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.1-21 February 2011
MF1S50YYX_V1 NXP-MF1S50YYX_V1 Datasheet
467Kb / 36P
   MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 May 2018
MF1S70YYX_V1 NXP-MF1S70YYX_V1 Datasheet
458Kb / 37P
   MIFARE Classic EV1 4K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 November 2017
logo
Advantech Co., Ltd.
ARK-1380 ADVANTECH-ARK-1380 Datasheet
409Kb / 2P
   Mainstream Solution for Space Critical Applications
logo
NXP Semiconductors
MF1SEP10X1 NXP-MF1SEP10X1 Datasheet
160Kb / 17P
   MIFARE PLUS SE - Secure contactless smart card IC for seamless migration
Rev.3.1-16 March2017
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
MF-RD700 NXP-MF-RD700 Datasheet
198Kb / 18P
   PEGODA Contactless Smart Card Reader
Revision 2.0
logo
Cherry Semiconductor Co...
JT-0300WB-2 CHERRY-JT-0300WB-2 Datasheet
82Kb / 2P
   Class 1 Terminal for Contact and Contactless Smart Cards:
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com