Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF1SPLUSX0Y1 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MF1SPLUSX0Y1
Description  Mainstream contactless smart card IC for fast and easy solution development
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1SPLUSX0Y1 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MF1SPLUSX0Y1 Datasheet HTML 3Page - NXP Semiconductors MF1SPLUSX0Y1 Datasheet HTML 4Page - NXP Semiconductors MF1SPLUSX0Y1 Datasheet HTML 5Page - NXP Semiconductors MF1SPLUSX0Y1 Datasheet HTML 6Page - NXP Semiconductors MF1SPLUSX0Y1 Datasheet HTML 7Page - NXP Semiconductors MF1SPLUSX0Y1 Datasheet HTML 8Page - NXP Semiconductors MF1SPLUSX0Y1 Datasheet HTML 9Page - NXP Semiconductors MF1SPLUSX0Y1 Datasheet HTML 10Page - NXP Semiconductors MF1SPLUSX0Y1 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
MF1SPLUSX0Y1_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3.2 — 21 February 2011
187032
7 of 17
NXP Semiconductors
MF1SPLUSx0y1
Mainstream contactless smart card IC
There are three different versions of the PICC. The UID is programmed into a locked part
of the NV-memory which is reserved for the manufacturer:
unique 7-byte serial number
unique 4-byte serial number
non-unique 4-byte serial number
Due to security and system requirements, these bytes are write-protected after being
programmed by the PICC manufacturer at production.
Remark: The programmed 4-byte NUID serial number is not globally unique which has to
be considered in the contactless system design. See Ref. 11 for further information
regarding handling of UIDs.
The customer must decide which UID length to use when ordering the product, see
Table 2 for ordering information.
During personalization, the PICC can be configured to support Random ID in security
level 3. The user can configure whether Random ID or fixed UID shall be used. According
to ISO/IEC 14443-3 (see Ref. 5), the first anticollision loop returns the Random Number
Tag 08h, the 3-byte Random Number and the BCC, if Random ID is used. The retrieval of
the UID in this case can be done using the Virtual Card Support Last command (see
Ref. 3) or by reading out block 0.
8.2.1 Backwards compatibility protocol
The backwards compatibility of this product, as used in security level 1 and security
level 2, runs on the same protocol layer as MIFARE Classic 1K and MIFARE Classic 4K.
The protocol is formed out of the following components:
Frame definition: according to ISO/IEC 14443-3
Bit encoding: according to ISO/IEC 14443-2
Error code handling: handling is proprietary as error codes are formatted in half bytes.
Command specification: commands are proprietary. Please use the specification as in
Ref. 1 and Ref. 2 and the additional commands which are only implemented in
MIFARE Plus as described in this document and in Ref. 3.
The following security levels can run on this protocol:
Security Level 0
Security Level 1
8.2.2 ISO/IEC 14443-4 Protocol
The ISO/IEC 14443-4 Protocol (also known as T=CL) is used in many processor cards.
This protocol is used for the MIFARE Plus with the following security levels:
Security Level 0: all commands
Security Level 1: only the security level switch and originality function.
Security Level 3: all commands


Similar Part No. - MF1SPLUSX0Y1

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
MF1S WELWYN-MF1S Datasheet
67Kb / 2P
   Power Metal Film Resistors
logo
TT Electronics.
MF1S TTELEC-MF1S Datasheet
304Kb / 3P
   Flameproof protection
logo
Rosenberger Hochfrequen...
MF1S111-101L5-NM ROSENBERGER-MF1S111-101L5-NM Datasheet
643Kb / 2P
   straight plug
MF1S111-199L-NM ROSENBERGER-MF1S111-199L-NM Datasheet
51Kb / 2P
   straight plug
MF1S111-1H8L5-NM ROSENBERGER-MF1S111-1H8L5-NM Datasheet
109Kb / 2P
   straight plug
More results

Similar Description - MF1SPLUSX0Y1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF1S5009 NXP-MF1S5009 Datasheet
278Kb / 32P
   Mainstream contactless smart card IC for fast and easy solution development
Rev. 3-27 July 2010
MF1PLUSX0Y1 NXP-MF1PLUSX0Y1 Datasheet
163Kb / 20P
   Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2-21 February 2011
MF1S503X NXP-MF1S503X Datasheet
437Kb / 37P
   MIFARE Classic 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.1-21 February 2011
MF1S50YYX_V1 NXP-MF1S50YYX_V1 Datasheet
467Kb / 36P
   MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 May 2018
MF1S70YYX_V1 NXP-MF1S70YYX_V1 Datasheet
458Kb / 37P
   MIFARE Classic EV1 4K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 November 2017
logo
Advantech Co., Ltd.
ARK-1380 ADVANTECH-ARK-1380 Datasheet
409Kb / 2P
   Mainstream Solution for Space Critical Applications
logo
NXP Semiconductors
MF1SEP10X1 NXP-MF1SEP10X1 Datasheet
160Kb / 17P
   MIFARE PLUS SE - Secure contactless smart card IC for seamless migration
Rev.3.1-16 March2017
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
MF-RD700 NXP-MF-RD700 Datasheet
198Kb / 18P
   PEGODA Contactless Smart Card Reader
Revision 2.0
logo
Cherry Semiconductor Co...
JT-0300WB-2 CHERRY-JT-0300WB-2 Datasheet
82Kb / 2P
   Class 1 Terminal for Contact and Contactless Smart Cards:
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com