Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF1PLUS6011DUD03 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MF1PLUS6011DUD03
Description  Mainstream contactless smart card IC for fast and easy solution development
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1PLUS6011DUD03 Datasheet(HTML) 1 Page - NXP Semiconductors

  MF1PLUS6011DUD03 Datasheet HTML 1Page - NXP Semiconductors MF1PLUS6011DUD03 Datasheet HTML 2Page - NXP Semiconductors MF1PLUS6011DUD03 Datasheet HTML 3Page - NXP Semiconductors MF1PLUS6011DUD03 Datasheet HTML 4Page - NXP Semiconductors MF1PLUS6011DUD03 Datasheet HTML 5Page - NXP Semiconductors MF1PLUS6011DUD03 Datasheet HTML 6Page - NXP Semiconductors MF1PLUS6011DUD03 Datasheet HTML 7Page - NXP Semiconductors MF1PLUS6011DUD03 Datasheet HTML 8Page - NXP Semiconductors MF1PLUS6011DUD03 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
General description
Migrate classic contactless smart card systems to the next security level! MIFARE Plus
brings benchmark security to mainstream contactless smart card applications. It is the
only mainstream IC compatible with MIFARE Classic 1K (MF1ICS50) and MIFARE
Classic 4K (MF1ICS70) which offers an upgrade path for existing infrastructure and
services.
After the security upgrade, MIFARE Plus uses AES-128 (Advanced Encryption Standard)
for authentication, data integrity and encryption. MIFARE Plus is based on open global
standards for both air interface and cryptographic methods at the highest security level.
MIFARE Plus is available in two versions: MIFARE Plus X and MIFARE Plus S.
The MIFARE Plus X (MF1PLUSx0y1, described in this data sheet) offers more
flexibility to optimize the command flow for speed and confidentiality. It offers a rich
feature set including proximity checks against relay attacks.
The MIFARE Plus S (MF1SPLUSx0y1)is the standard version for straight forward
migration of MIFARE Classic systems. It is configured to offer high data integrity.
2.
Features and benefits
2 kB or 4 kB EEPROM
Simple fixed memory structure compatible with MIFARE Classic 1K and
MIFARE Classic 4K
Memory structure identical to MIFARE Classic 4K (sectors, blocks)
Access conditions freely configurable
Supports ISO/IEC 14443-31 UIDs (4-byte UID, 4 Byte NUID, 7-byte UID),
optional support of random IDs
Multi-sector authentication, Multi-block read and write
AES-128 used for authenticity, confidentiality and integrity
Anti-tearing mechanism for writing AES keys
Keys can be stored as MIFARE CRYPTO1 keys (2
× 48-bit per sector) and as AES
keys (2
× 128-bit per sector)
Full support of virtual card concept
Proximity check
Communication speed up to 848 kbit/s
MF1PLUSx0y1
Mainstream contactless smart card IC for fast and easy
solution development
Rev. 3.2 — 21 February 2011
163532
Product short data sheet
PUBLIC
1.
ISO/IEC 14443-x used in this data sheet refers to ISO/IEC 14443 Type A.


Similar Part No. - MF1PLUS6011DUD03

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF1P2101DA4/02 NXP-MF1P2101DA4/02 Datasheet
246Kb / 33P
   MIFARE Plus EV1
Rev.3.2-6 December2018
MF1P2101DA6/02 NXP-MF1P2101DA6/02 Datasheet
246Kb / 33P
   MIFARE Plus EV1
Rev.3.2-6 December2018
MF1P2101DUD/02 NXP-MF1P2101DUD/02 Datasheet
246Kb / 33P
   MIFARE Plus EV1
Rev.3.2-6 December2018
MF1P2101DUF/02 NXP-MF1P2101DUF/02 Datasheet
246Kb / 33P
   MIFARE Plus EV1
Rev.3.2-6 December2018
MF1P2131DA4/02 NXP-MF1P2131DA4/02 Datasheet
246Kb / 33P
   MIFARE Plus EV1
Rev.3.2-6 December2018
More results

Similar Description - MF1PLUS6011DUD03

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF1SPLUSX0Y1 NXP-MF1SPLUSX0Y1 Datasheet
148Kb / 17P
   Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2-21 February 2011
MF1S5009 NXP-MF1S5009 Datasheet
278Kb / 32P
   Mainstream contactless smart card IC for fast and easy solution development
Rev. 3-27 July 2010
MF1S503X NXP-MF1S503X Datasheet
437Kb / 37P
   MIFARE Classic 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.1-21 February 2011
MF1S50YYX_V1 NXP-MF1S50YYX_V1 Datasheet
467Kb / 36P
   MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 May 2018
MF1S70YYX_V1 NXP-MF1S70YYX_V1 Datasheet
458Kb / 37P
   MIFARE Classic EV1 4K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 November 2017
logo
Advantech Co., Ltd.
ARK-1380 ADVANTECH-ARK-1380 Datasheet
409Kb / 2P
   Mainstream Solution for Space Critical Applications
logo
NXP Semiconductors
MF1SEP10X1 NXP-MF1SEP10X1 Datasheet
160Kb / 17P
   MIFARE PLUS SE - Secure contactless smart card IC for seamless migration
Rev.3.1-16 March2017
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
MF-RD700 NXP-MF-RD700 Datasheet
198Kb / 18P
   PEGODA Contactless Smart Card Reader
Revision 2.0
logo
Cherry Semiconductor Co...
JT-0300WB-2 CHERRY-JT-0300WB-2 Datasheet
82Kb / 2P
   Class 1 Terminal for Contact and Contactless Smart Cards:
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com