Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0L1BSF Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PESD5V0L1BSF
Description  Ultra low profile bidirectional low capacitance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0L1BSF Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PESD5V0L1BSF Datasheet HTML 5Page - NXP Semiconductors PESD5V0L1BSF Datasheet HTML 6Page - NXP Semiconductors PESD5V0L1BSF Datasheet HTML 7Page - NXP Semiconductors PESD5V0L1BSF Datasheet HTML 8Page - NXP Semiconductors PESD5V0L1BSF Datasheet HTML 9Page - NXP Semiconductors PESD5V0L1BSF Datasheet HTML 10Page - NXP Semiconductors PESD5V0L1BSF Datasheet HTML 11Page - NXP Semiconductors PESD5V0L1BSF Datasheet HTML 12Page - NXP Semiconductors PESD5V0L1BSF Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PESD5V0L1BSF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 18 February 2011
9 of 13
NXP Semiconductors
PESD5V0L1BSF
Bidirectional low capacitance ESD protection diode
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 13.
10. Soldering
Based on results of board mount testing, NXP Semiconductors requires the following
soldering guidelines:
1. Soldering footprint as indicated in Figure 12: solder paste has to cover the whole
solder land area.
2. Non-solder mask defined (copper-defined) solder lands.
3. Minimum stencil thickness of 100
μm.
4. Paste type 4 or smaller sphere size.
5. Pick and placement accuracy of
±50 μm.
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
9000
PESD5V0L1BSF
SOD962
2 mm pitch, 8 mm tape and reel
-315
Reflow soldering is the required soldering method.
Fig 12. Required reflow soldering footprint PESD5V0L1BSF (SOD962)
Footprint information for reflow soldering of leadless ultra small package; 2 terminals
SOD962
sod962_fr
solder land
solder resist
solder land plus solder paste
solder paste deposit
Dimensions in mm
R0.025 (8
×)
0.12
(2
×)
0.2
(2
×)
0.22
(2
×)
0.4
0.85
0.4


Similar Part No. - PESD5V0L1BSF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0L1BSF PHILIPS-PESD5V0L1BSF Datasheet
162Kb / 13P
   Ultra low profile bidirectional low capacitance ESD protection diode
Rev. 1-18 February 2011
logo
Shanghai Leiditech Elec...
PESD5V0L1BSF LEIDITECH-PESD5V0L1BSF Datasheet
1Mb / 3P
   1- Line Bi-directional TVS Diode
Rev : 01.06.2014
logo
Nexperia B.V. All right...
PESD5V0L1BSF NEXPERIA-PESD5V0L1BSF Datasheet
755Kb / 13P
   Ultra low profile bidirectional low capacitance ESD protection diode
Rev. 1 - 18 February 2011
More results

Similar Description - PESD5V0L1BSF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0V1BCSF PHILIPS-PESD5V0V1BCSF_15 Datasheet
222Kb / 13P
   Ultra low profile bidirectional very low capacitance
Rev. 1-2 September 2011
PESD5V0S1BSF NXP-PESD5V0S1BSF_11 Datasheet
139Kb / 13P
   Ultra low profile bidirectional low capacitance ESD protection diode
Rev. 2-18 February 2011
logo
Nexperia B.V. All right...
PESD5V0L1BSF NEXPERIA-PESD5V0L1BSF Datasheet
755Kb / 13P
   Ultra low profile bidirectional low capacitance ESD protection diode
Rev. 1 - 18 February 2011
PESD5V0S1BSF NEXPERIA-PESD5V0S1BSF Datasheet
742Kb / 13P
   Ultra low profile bidirectional low capacitance ESD protection diode
Rev. 2 - 18 February 2011
logo
NXP Semiconductors
PESD5V0L1BSF PHILIPS-PESD5V0L1BSF Datasheet
162Kb / 13P
   Ultra low profile bidirectional low capacitance ESD protection diode
Rev. 1-18 February 2011
PESD5V0S1BSF NXP-PESD5V0S1BSF Datasheet
298Kb / 13P
   Ultra low profile bidirectional low capacitance ESD protection diode
Rev. 1-12 November 2010
logo
Diodes Incorporated
DBLC08CI DIODES-DBLC08CI Datasheet
461Kb / 5P
   ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
January 2022 Rev. 1 - 2
DBLC12CI DIODES-DBLC12CI Datasheet
455Kb / 5P
   ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
January 2022 Rev. 1 - 2
DBLC05CI DIODES-DBLC05CI Datasheet
459Kb / 5P
   ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
January 2022 Rev. 1 - 2
DBLC15CI DIODES-DBLC15CI Datasheet
462Kb / 5P
   ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
January 2022 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com