Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF3080CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF3080CT
Description  Isolated 30.0AMPS Schottky Barrier Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF3080CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF3080CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF3080CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High Surge capability
MBRF3080CT
= Specific Device Code
G
= Green compound
Y
= Year
WW
= Work Week
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
IFSM
A
IRRM
A
VF
V
IR
mA
mA
dV/dt
V/uS
Cj
pF
RθJC
OC/W
TJ
OC
TSTG
OC
Note2: Thermal Resistance from Junction to Case Per Leg
Typical Junction Capacitance
360
Guarding for overvoltage protection
30
MBRF3080CT
Note1: Pulse Test : 300us Pulse Width, 1% Duty cycle
-65 to + 175
Features
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
Maximum Thermal Resistance Per Leg (Note 2)
Maximum Instantaneous Forward Voltage at
IF = 15A, TA=25℃
IF = 15A, TA=125℃
IF = 30A, TA=25℃
IF = 30A, TA=125℃
Voltage rate of change (Rated VR)
Type Number
Case: ITO-220AB molded plastic body
Polarity: As marked
Maximum Ratings and Electrical Characteristics
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-750, Method 2026
10,000
200
-65 to + 150
80
56
0.5
0.2
10
0.84
0.70
0.94
0.82
MBRF3080CT
ITO-220AB
Version:A10
80
Isolated 30.0AMPS Schottky Barrier Rectifier
Operating Temperature Range
Storage Temperature Range
5
Maximum Reverse Current at Rated DC Blocking Voltage (Note 1)
Ta=25 ℃
Ta=125 ℃
Peak Repetitive Reverse Surge Current
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
Maximum RMS Voltage
Maximum Repetitive Peak Reverse Voltage
Plastic material used carries Underwriters Laboratory
Classifications 94V-0
High temperature soldering guaranteed: 260℃/
10 seconds, 0.25"(6.35mm) from case
Mounting torque: 5 in-lbs. Max.
Mechanical Data
Mounting position: Any
Maximum Average Forward Rectified Current
@Tc = 130℃(Total Device)
Maximum DC blocking voltage
Marking Diagram
Dimensions in inches and (millimeters)
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Weight: 1.69 grams
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - MBRF3080CT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MBRF3080CT LUGUANG-MBRF3080CT Datasheet
265Kb / 2P
   Schottky Barrier Rectifiers
logo
Sangdest Microelectroni...
MBRF3080CT SMC-MBRF3080CT Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Taiwan Semiconductor Co...
MBRF3080CT TSC-MBRF3080CT Datasheet
221Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
Microdiode Electronics ...
MBRF3080CT CHENDA-MBRF3080CT Datasheet
588Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Diode Semiconductor Kor...
MBRF3080CT DSK-MBRF3080CT Datasheet
327Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBRF3080CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF30L45CT TSC-MBRF30L45CT_11 Datasheet
252Kb / 2P
   30.0AMPS Isolated Low VF Schottky Barrier Rectifier
MBRI30100CT TSC-MBRI30100CT_11 Datasheet
142Kb / 2P
   30.0AMPS Schottky Barrier Rectifier
MBRS3045CT TSC-MBRS3045CT_11 Datasheet
128Kb / 2P
   30.0AMPS Surface Mount Schottky Barrier Rectifier
MBR3035PT TSC-MBR3035PT_11 Datasheet
133Kb / 2P
   30.0AMPS. Schottky Barrier Rectifiers
MBRS30H45CT TSC-MBRS30H45CT_11 Datasheet
133Kb / 2P
   30.0AMPS Surface Mount Schottky Barrier Rectifier
MBRI30100CT TSC-MBRI30100CT Datasheet
142Kb / 2P
   30.0Amps Surface Mount Schottky Barrier Rectifier
MBR30H100CT TSC-MBR30H100CT Datasheet
128Kb / 2P
   30.0AMPS. Schottky Barrier Rectifiers
MBR3035CT TSC-MBR3035CT_13 Datasheet
234Kb / 3P
   30.0AMPS. Schottky Barrier Rectifiers
SR3020PT TSC-SR3020PT_13 Datasheet
246Kb / 3P
   30.0AMPS. Schottky Barrier Rectifiers
MBR3035CT TSC-MBR3035CT_11 Datasheet
218Kb / 2P
   30.0AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com