Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC651431L Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC651431L
Description  Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC651431L Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC651431L Datasheet HTML 1Page - Sanyo Semicon Device LC651431L Datasheet HTML 2Page - Sanyo Semicon Device LC651431L Datasheet HTML 3Page - Sanyo Semicon Device LC651431L Datasheet HTML 4Page - Sanyo Semicon Device LC651431L Datasheet HTML 5Page - Sanyo Semicon Device LC651431L Datasheet HTML 6Page - Sanyo Semicon Device LC651431L Datasheet HTML 7Page - Sanyo Semicon Device LC651431L Datasheet HTML 8Page - Sanyo Semicon Device LC651431L Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
No. 6498-3/39
LC651432N/F/L, 651431N/F/L
Function Overview
Parameter
LC651432N/1431N
LC651432F/1431F
LC651432L/1431L
ROM
2048
× 8 bits (1432N/F/L)
Memory
1024
× 8 bits (1431N/F/L)
RAM
128
× 4 bits (1432N/F/L)
64
× 4 bits (1431N/F/L)
Instructions
Instruction set
80
Table reference
Provided
Interrupts
One external, one internal
Timers
8-bit timer with 4-bit prescaler
On-chip functions
Stack levels
4
HALT instruction based
Standby function
standby function
Provided
Number of ports
Up to 25 I/O pins
Serial ports
I/O in 4-bit or 8-bit units
I/O voltage
15 V max.
I/O ports
Output current
10 mA typ. 20 mA max.
I/O circuit types
Open drain (n channel) or built-in pull-up resistor output can be specified in 1-bit units.
Output level at reset
High or low can be specified in port units (C and D ports only)
Square-wave output
Possible
Minimum cycle time
2.77 µs (VDD ≥ 3 V)
0.92 µs (VDD ≥ 3 V)
3.84 µs (VDD ≥ 2.2 V)
Characteristics
Supply voltage
3 to 6 V
3 to 6 V
2.2 to 6 V
Supply current
1 mA typ.
1.5 mA typ.
1 mA typ.
RC oscillator (400 or 800 kHz typical)
RC oscillator (400 kHz typical)
Oscillator
Oscillator element
Ceramic oscillator (400 kHz,
Ceramic oscillator: 4 MHz
Ceramic oscillator (400 kHz
800 kHz, 1 MHz, or 4 MHz)
or 4 MHz)
Divider circuit option
1/1, 1/3, 1/4
1/1
1/1, 1/3, 1/4
Other features
Package
DIP30S-D, MFP30S,
SSOP30
Note: Sanyo will be providing details on oscillator elements and oscillator circuit constants as recommended circuits are developed. Contact your Sanyo
representative for more information.


Similar Part No. - LC651431L

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC6514B SANYO-LC6514B Datasheet
461Kb / 16P
   SINGLE-CHIP 4-BIT MICROCOMPUTER (LOW-THRESHOLD INPUT, ON-CHIP FLT DRIVER)
More results

Similar Description - LC651431L

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC651154N SANYO-LC651154N Datasheet
336Kb / 39P
   Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
LC651204N SANYO-LC651204N Datasheet
312Kb / 35P
   4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
LC65F1306A SANYO-LC65F1306A Datasheet
685Kb / 22P
   4-Bit Single-Chip CMOS Microcontroller for Small-Scale Control Applications
LC6529N SANYO-LC6529N Datasheet
525Kb / 39P
   4-Bit Microcomputer for Small-Scale Control Applications
LC6543N SANYO-LC6543N Datasheet
1Mb / 49P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS???
LC6543C SANYO-LC6543C Datasheet
1Mb / 41P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS?
LC651306A SANYO-LC651306A Datasheet
697Kb / 21P
   4-Bit Single-Chip Microcontroller for Small-Scale Control Applications
LC651104N SANYO-LC651104N Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC6527C SANYO-LC6527C Datasheet
1Mb / 32P
   Single Chip 4 Bit Microcomputers for Small scale control oriented applications
LC6527N SANYO-LC6527N Datasheet
962Kb / 42P
   SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com