Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPI3015-6R8MZF-11 Datasheet(PDF) 2 Page - Superworld Electronics

Part # SPI3015-6R8MZF-11
Description  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPI3015-6R8MZF-11 Datasheet(HTML) 2 Page - Superworld Electronics

  SPI3015-6R8MZF-11 Datasheet HTML 1Page - Superworld Electronics SPI3015-6R8MZF-11 Datasheet HTML 2Page - Superworld Electronics SPI3015-6R8MZF-11 Datasheet HTML 3Page - Superworld Electronics SPI3015-6R8MZF-11 Datasheet HTML 4Page - Superworld Electronics SPI3015-6R8MZF-11 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
23.09.2010
NOTE : Specifications subject to change without notice. Please check our website for latest information.
5. ELECTRICAL CHARACTERISTICS :
4. GENERAL SPECIFICATION :
f) Resistance to solder heat : 260°C 10secs
e) Operating temp. : -40°C to +105°C ( include self temp. rise )
d) Storage temp. : -40°C to +105°C
b) IDC2 : Based on temperature rise ( T: 40°C Typ.)
a) IDC1 : Based on inductance change ( L/Lo: <30%) @ ambient temp. 25°C
Part No.
SPI3015-1R5NZF-
Inductance
1.5±30%
( uH )
IDC1
( m )
0.1V/100K
70
2.00
( A )
RDC
IDC2
1.66
( A )
( Hz )
Frequency
Test
±20%
1.8±30%
0.1V/100K
80
2.2±30%
0.1V/100K
90
SPI3015-1R8NZF-
SPI3015-2R2NZF-
1.56
1.40
1.70
1.50
SMD POWER INDUCTORS (PRELIMINARY)
SPI3015 SERIES
SPI3015-2R7NZF-
2.7±30%
0.1V/100K
100
1.40
1.30
3.3±30%
0.1V/100K
110
3.9±30%
0.1V/100K
120
SPI3015-3R3NZF-
SPI3015-3R9NZF-
1.25
1.20
1.30
1.20
SPI3015-4R7MZF-
4.7±20%
0.1V/100K
160
1.00
1.10
5.6±20%
0.1V/100K
170
6.8±20%
0.1V/100K
230
SPI3015-5R6MZF-
SPI3015-6R8MZF-
1.05
1.00
0.90
0.85
SPI3015-8R2MZF-
8.2±30%
0.1V/100K
280
0.80
0.95
10±20%
0.1V/100K
360
12±20%
0.1V/100K
420
SPI3015-100MZF-
SPI3015-120MZF-
0.85
0.77
0.75
0.62
SPI3015-150MZF-
15±20%
0.1V/100K
500
0.58
0.67
18±20%
0.1V/100K
590
SPI3015-180MZF-
0.56
0.54
SPI3015-220MZF-
22±20%
0.1V/100K
720
0.48
0.50
27±20%
0.1V/100K
820
SPI3015-270MZF-
0.45
0.40
c) Rated Current : IDC1 or IDC2, whichever value is lower
SPI3015-1R0NZF-
1.0±30%
0.1V/100K
52
2.30
1.84
Marking
C
D
E
F
G
H
I
J
K
L
M
N
O
P
Q
R
A


Similar Part No. - SPI3015-6R8MZF-11

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPI3015-6R8MZF SUPERWORLD-SPI3015-6R8MZF Datasheet
249Kb / 5P
   SMD POWER INDUCTORS
More results

Similar Description - SPI3015-6R8MZF-11

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com