Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0V1BSF Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PESD5V0V1BSF
Description  Ultra low profile bidirectional very low capacitance ESD protection diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0V1BSF Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PESD5V0V1BSF_11 Datasheet HTML 2Page - NXP Semiconductors PESD5V0V1BSF_11 Datasheet HTML 3Page - NXP Semiconductors PESD5V0V1BSF_11 Datasheet HTML 4Page - NXP Semiconductors PESD5V0V1BSF_11 Datasheet HTML 5Page - NXP Semiconductors PESD5V0V1BSF_11 Datasheet HTML 6Page - NXP Semiconductors PESD5V0V1BSF_11 Datasheet HTML 7Page - NXP Semiconductors PESD5V0V1BSF_11 Datasheet HTML 8Page - NXP Semiconductors PESD5V0V1BSF_11 Datasheet HTML 9Page - NXP Semiconductors PESD5V0V1BSF_11 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PESD5V0V1BSF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 17 February 2011
6 of 13
NXP Semiconductors
PESD5V0V1BSF
Bidirectional very low capacitance ESD protection diode
f=1MHz; Tamb =25 °Cf = 1 MHz; Tamb =25 °C
Fig 6.
Clamped +1 kV ESD pulse waveform
(IEC 61000-4-2 network)
Fig 7.
Clamped
−1 kV ESD pulse waveform
(IEC 61000-4-2 network)
f=1MHz; Tamb =25 °Cf = 1 MHz; Tamb =25 °C
Fig 8.
Clamped +8 kV ESD pulse waveform
(IEC 61000-4-2 network)
Fig 9.
Clamped
−8 kV ESD pulse waveform
(IEC 61000-4-2 network)
t (ns)
−50
300
230
90
160
20
018aaa038
5
10
0
15
20
VCL
(V)
−5
t (ns)
−50
300
230
90
160
20
018aaa039
−10
−5
−15
0
5
VCL
(V)
−20
t (ns)
−50
300
230
90
160
20
018aaa040
30
50
10
70
90
VCL
(V)
−10
t (ns)
−50
300
230
90
160
20
018aaa041
−50
−30
−70
−10
10
VCL
(V)
−90


Similar Part No. - PESD5V0V1BSF_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0V1BSF NXP-PESD5V0V1BSF Datasheet
333Kb / 13P
   Ultra low profile bidirectional very low capacitance ESD protection diode
Rev. 2-17 February 2011
logo
Nexperia B.V. All right...
PESD5V0V1BSF NEXPERIA-PESD5V0V1BSF Datasheet
797Kb / 13P
   Ultra low profile bidirectional very low capacitance ESD protection diode
Rev. 2 - 17 February 2011
More results

Similar Description - PESD5V0V1BSF_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0V1BSF NXP-PESD5V0V1BSF Datasheet
333Kb / 13P
   Ultra low profile bidirectional very low capacitance ESD protection diode
Rev. 2-17 February 2011
logo
Nexperia B.V. All right...
PESD5V0V1BSF NEXPERIA-PESD5V0V1BSF Datasheet
797Kb / 13P
   Ultra low profile bidirectional very low capacitance ESD protection diode
Rev. 2 - 17 February 2011
PESD5V0V1BCSF NEXPERIA-PESD5V0V1BCSF Datasheet
955Kb / 13P
   Ultra low profile bidirectional very low capacitance ESD protection diode
PESD5V0V1BLD-Q NEXPERIA-PESD5V0V1BLD-Q Datasheet
263Kb / 12P
   Very low capacitance bidirectional ESD protection diode
31 May 2022
PESD4V0X1BESF NEXPERIA-PESD4V0X1BESF Datasheet
206Kb / 10P
   Very low capacitance bidirectional ESD protection diode
2 March 2021
PESD5V0V1BL NEXPERIA-PESD5V0V1BL Datasheet
239Kb / 12P
   Very low capacitance bidirectional ESD protection diode
5 July 2018
PESD5V0V1BL-Q NEXPERIA-PESD5V0V1BL-Q Datasheet
252Kb / 12P
   Very low capacitance bidirectional ESD protection diode
30 September 2022
PESD5V0V1BLD NEXPERIA-PESD5V0V1BLD Datasheet
260Kb / 12P
   Very low capacitance bidirectional ESD protection diode
1 April 2023
logo
NXP Semiconductors
PESD5V0V1BDSF PHILIPS-PESD5V0V1BDSF_15 Datasheet
339Kb / 12P
   Very low capacitance bidirectional ESD protection diode
Rev. 1-17 April 2012
PESD12VV1BL PHILIPS-PESD12VV1BL_15 Datasheet
586Kb / 12P
   Very low capacitance bidirectional ESD protection diode
Rev. 2-18 March 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com