Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7241 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF7241
Description  Low Power IEEE 802.15.4 Zero-IF 2.4 GHz Transceiver IC
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7241 Datasheet(HTML) 3 Page - Analog Devices

  ADF7241 Datasheet HTML 1Page - Analog Devices ADF7241 Datasheet HTML 2Page - Analog Devices ADF7241 Datasheet HTML 3Page - Analog Devices ADF7241 Datasheet HTML 4Page - Analog Devices ADF7241 Datasheet HTML 5Page - Analog Devices ADF7241 Datasheet HTML 6Page - Analog Devices ADF7241 Datasheet HTML 7Page - Analog Devices ADF7241 Datasheet HTML 8Page - Analog Devices ADF7241 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
ADF7241
Rev. 0 | Page 3 of 72
GENERAL DESCRIPTION
The ADF7241 is a highly integrated, low power, and high perfor-
mance transceiver for operation in the global 2.4 GHz ISM band. It
is designed with emphasis on flexibility, robustness, ease of use,
and low current consumption. The IC supports the IEEE 802.15.4-
2006 2.4 GHz PHY requirements in both packet and data
streaming modes. With a minimum number of external compo-
nents, it achieves compliance with the FCC CFR47 Part 15,
ETSI EN 300 440 (Equipment Class 2), ETSI EN 300 328
(FHSS, DR > 250 kbps), and ARIB STD T-66 standards.
The ADF7241 complies with the IEEE 802.15.4-2006 2.4 GHz
PHY requirements with a fixed data rate of 250 kbps and DSSS-
OQPSK modulation. The transmitter path of the ADF7241 is
based on a direct closed-loop VCO modulation scheme using a
low noise fractional-N RF frequency synthesizer. The
automatically calibrated VCO operates at twice the fundamental
frequency to reduce spurious emissions and avoid PA pulling
effects. The bandwidth of the RF frequency synthesizer is
automatically optimized for transmit and receive operations to
achieve best phase noise, modulation quality, and synthesizer
settling time performance. The transmitter output power is
programmable from −20 dBm to +4 dBm with automatic PA
ramping to meet transient spurious specifications. An
integrated biasing and control circuit is available in the IC to
significantly simplify the interface to external PAs.
The receive path is based on a zero-IF architecture enabling very
high blocking resilience and selectivity performance, which are
critical performance metrics in interference dominated environ-
ments such as the 2.4 GHz band. In addition, the architecture
does not suffer from any degradation of blocker rejection in the
image channel, which is typically found in low IF receivers. The
IC can operate with a supply voltage between 1.8 V and 3.6 V with
very low power consumption in receive and transmit modes while
maintaining its excellent RF performance, making it especially
suitable for battery-powered systems.
The ADF7241 features a flexible dual-port RF interface that can
be used with an external LNA and/or PA in addition to support-
ing switched antenna diversity.
The ADF7241 incorporates a very low power custom 8-bit
processor that supports a number of transceiver management
functions. These functions are handled by the two main mod-
ules of the processor: the radio controller and the packet manager.
The radio controller manages the state of the IC in various
operating modes and configurations. The host MCU can use
single byte commands to interface to the radio controller. In
transmit mode, the packet manager can be configured to add
preamble and SFD to the payload data stored in the on-chip
packet RAM. In receive mode, the packet manager can detect
and generate an interrupt to the MCU upon receiving a valid SFD,
and store the received data payload in the packet RAM. A total
of 256 bytes of transmit and receive packet RAM space is
provided to decouple the over-the-air data rate from the host
MCU processing speed. Thus, the ADF7241 packet manager
eases the processing burden on the host MCU and saves the
overall system power consumption.
In addition, for applications that require data streaming, a
synchronous bidirectional serial port (SPORT) provides bit-
level input/output data, and has been designed to directly
interface to a wide range of DSPs, such as ADSP-21xx, SHARC®,
TigerSHARC®, and Blackfin®. The SPORT interface can option-
ally be used.
The processor also permits the download and execution of a set
of firmware modules, which include IEEE 802.15.4 automatic
modes, such as node address filtering, as well as unslotted
CSMA/CA. Execution code for these firmware modules is
available from Analog Devices, Inc.
To further optimize the system power consumption, the ADF7241
features an integrated low power 32 kHz RC wake-up oscillator,
which is calibrated from the 26 MHz crystal oscillator while the
transceiver is active. Alternatively, an integrated 32 kHz crystal
oscillator can be used as a wake-up timer for applications
requiring very accurate wake-up timing. A battery backed-up
RAM (BBRAM) is available on the IC where IEEE 802.15.4-
2006 network node addresses can be retained when the IC is in
the sleep state.
The ADF7241 also features a very flexible interrupt controller,
which provides MAC-level and PHY-level interrupts to the host
MCU. The IC is equipped with a SPI interface, which allows
burst mode data transfer for high data throughput efficiency.
The IC also integrates a temperature sensor with digital read-
back and a battery monitor.


Similar Part No. - ADF7241

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
ADF7242BCPZ AD-ADF7242BCPZ Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
ADF7242BCPZ-RL AD-ADF7242BCPZ-RL Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
More results

Similar Description - ADF7241

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
logo
Texas Instruments
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Freescale Semiconductor...
MC13193FC FREESCALE-MC13193FC Datasheet
559Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202_07 Datasheet
367Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201_08 Datasheet
344Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com