Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16334 Datasheet(PDF) 11 Page - Analog Devices

Part # ADIS16334
Description  Low Profile Six Degree of Freedom Inertial Sensor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16334 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADIS16334 Datasheet HTML 7Page - Analog Devices ADIS16334 Datasheet HTML 8Page - Analog Devices ADIS16334 Datasheet HTML 9Page - Analog Devices ADIS16334 Datasheet HTML 10Page - Analog Devices ADIS16334 Datasheet HTML 11Page - Analog Devices ADIS16334 Datasheet HTML 12Page - Analog Devices ADIS16334 Datasheet HTML 13Page - Analog Devices ADIS16334 Datasheet HTML 14Page - Analog Devices ADIS16334 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADIS16334
Rev. 0 | Page 11 of 20
MEMORY MAP
Table 8. User Register Memory Map
Name
User Access1
Flash Backup1
Address1, 2
Default1
Register Description
Bit Function1
FLASH_CNT
Read only
Yes
0x00
N/A
Flash memory write count
Table 30
Reserved
N/A
N/A
0x02
N/A
Reserved
N/A
XGYRO_OUT
Read only
No
0x04
N/A
Output, x-axis gyroscope
Table 10
YGYRO_OUT
Read only
No
0x06
N/A
Output, y-axis gyroscope
Table 10
ZGYRO_OUT
Read only
No
0x08
N/A
Output, z-axis gyroscope
Table 10
XACCL_OUT
Read only
No
0x0A
N/A
Output, x-axis accelerometer
Table 12
YACCL_OUT
Read only
No
0x0C
N/A
Output, y-axis accelerometer
Table 12
ZACCL_OUT
Read only
No
0x0E
N/A
Output, z-axis accelerometer
Table 12
TEMP_OUT
Read only
No
0x10
N/A
Output, internal temperature
Table 14
Reserved
N/A
N/A
0x12
N/A
Reserved
N/A
Reserved
N/A
N/A
0x14
N/A
Reserved
N/A
Reserved
N/A
N/A
0x16
N/A
Reserved
N/A
Reserved
N/A
N/A
0x18
N/A
Reserved
N/A
XGYRO_OFF
Read/write
Yes
0x1A
0x0000
Bias correction, x-axis gyroscope
Table 20
YGYRO_OFF
Read/write
Yes
0x1C
0x0000
Bias correction, y-axis gyroscope
Table 20
ZGYRO_OFF
Read/write
Yes
0x1E
0x0000
Bias correction, z-axis gyroscope
Table 20
XACCL_OFF
Read/write
Yes
0x20
0x0000
Bias correction, x-axis accelerometer
Table 21
YACCL_OFF
Read/write
Yes
0x22
0x0000
Bias correction, y-axis accelerometer
Table 21
ZACCL_OFF
Read/write
Yes
0x24
0x0000
Bias correction, z-axis accelerometer
Table 21
ALM_MAG1
Read/write
Yes
0x26
0x0000
Alarm 1, trigger polarity, threshold
Table 32
ALM_MAG2
Read/write
Yes
0x28
0x0000
Alarm 2, trigger polarity, threshold
Table 33
ALM_SMPL1
Read/write
Yes
0x2A
0x0000
Alarm 1, sample size
Table 34
ALM_SMPL2
Read/write
Yes
0x2C
0x0000
Alarm 2, sample size
Table 34
ALM_CTRL
Read/write
Yes
0x2E
0x0000
Alarm, control
Table 35
Reserved
N/A
N/A
0x30
N/A
Reserved
N/A
GPIO_CTRL
Read/write
No
0x32
0x0000
System, DIOx configuration and control
Table 24
MSC_CTRL
Read/write
Yes
0x34
0x0006
System, data ready, self-test, calibration
Table 25
SMPL_PRD
Read/write
Yes
0x36
0x0001
Sample rate, decimation control
Table 17
SENS_AVG
Read/write
Yes
0x38
0x0402
Dynamic range, digital filter control
Table 18
Reserved
N/A
N/A
0x3A
N/A
Reserved
N/A
DIAG_STAT
Read only
No
0x3C
0x0000
System, status/error flags
Table 26
GLOB_CMD
Write only
No
0x3E
0x0000
System, global commands
Table 23
Reserved
N/A
N/A
0x40 to 0x51
N/A
Reserved
N/A
LOT_ID1
Read only
Yes
0x52
N/A
System, Lot Identification Code 1
Table 27
LOT_ID2
Read only
Yes
0x54
N/A
System, Lot Identification Code 2
Table 27
PROD_ID
Read only
Yes
0x56
0x3FCE
System, product identification
Table 28
SERIAL_NUM
Read only
Yes
0x58
N/A
System, serial number
Table 29
1 N/A is not applicable.
2 Each register contains two bytes. The address of the lower byte is displayed. The address of the upper byte is equal to the address of the lower byte plus 1.


Similar Part No. - ADIS16334

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16334 AD-ADIS16334 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16334PCBZ AD-ADIS16334PCBZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16334

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16364 AD-ADIS16364 Datasheet
257Kb / 16P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
   Six Degrees of Freedom Inertial Sensor
ADIS16375 AD-ADIS16375 Datasheet
738Kb / 28P
   Low Profile, Low Noise Six Degrees of Freedom Inertial Sensor
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16460 AD-ADIS16460 Datasheet
598Kb / 26P
   Compact, Precision, Six Degrees of Freedom Inertial Sensor
ADIS16445 AD-ADIS16445_15 Datasheet
458Kb / 22P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com