Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6801 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF6801
Description  750 MHz to 1150 MHz Quadrature Demodulator with Fractional-N PLL and VCO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6801 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF6801 Datasheet HTML 7Page - Analog Devices ADRF6801 Datasheet HTML 8Page - Analog Devices ADRF6801 Datasheet HTML 9Page - Analog Devices ADRF6801 Datasheet HTML 10Page - Analog Devices ADRF6801 Datasheet HTML 11Page - Analog Devices ADRF6801 Datasheet HTML 12Page - Analog Devices ADRF6801 Datasheet HTML 13Page - Analog Devices ADRF6801 Datasheet HTML 14Page - Analog Devices ADRF6801 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
ADRF6801
Rev. 0 | Page 11 of 36
–40
–35
–30
–25
–20
–15
–10
–5
0
750
800
850
900
950
1000
1050
1100
1150
RF FREQUENCY (MHz)
Figure 16. RF Input Return Loss vs. RF Frequency
–16
–14
12
–10
–8
–6
–4
–2
0
1500
1600
1700
1800
1900
2000
2100
2200
2300
LOP, LON OUTPUT FREQUENCY (MHz)
Figure 17. LO Output Return Loss vs. LO Output Frequency, LO Output
Enabled (1500 MHz to 2300 MHz), Measured through TC1-1-13 Balun
200
220
240
260
280
300
320
340
360
380
400
750
800
850
900
950
1000
1050
1100
1150
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 18. 5 V Supply Currents vs. LO Frequency,
LO Output Enabled
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
–40
–15
10
35
60
85
TEMPERATURE (°C)
Figure 19. VPTAT vs. Temperature
0.5
1.0
1.5
2.0
2.5
3.0
3.5
750
800
850
900
950
1000
1050
1100
1150
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 20. VTUNE vs. LO Frequency


Similar Part No. - ADRF6801

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6806 AD-ADRF6806 Datasheet
965Kb / 36P
   50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
ADRF6806-EVALZ AD-ADRF6806-EVALZ Datasheet
965Kb / 36P
   50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
REV. B
ADRF6806-EVALZ AD-ADRF6806-EVALZ Datasheet
965Kb / 36P
   50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
ADRF6806ACPZ-R7 AD-ADRF6806ACPZ-R7 Datasheet
965Kb / 36P
   50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
REV. B
ADRF6806ACPZ-R7 AD-ADRF6806ACPZ-R7 Datasheet
965Kb / 36P
   50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
More results

Similar Description - ADRF6801

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6806ACPZ-R7 AD-ADRF6806ACPZ-R7 Datasheet
965Kb / 36P
   50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
REV. B
ADRF6806 AD-ADRF6806 Datasheet
965Kb / 36P
   50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
ADRF6601 AD-ADRF6601 Datasheet
640Kb / 24P
   750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6750 AD-ADRF6750 Datasheet
1Mb / 40P
   950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
ADMV4540 AD-ADMV4540 Datasheet
4Mb / 54P
   K Band Quadrature Demodulator with Integrated Fractional-N PLL and VCO
logo
Hittite Microwave Corpo...
HMC837LP6CE HITTITE-HMC837LP6CE Datasheet
1Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO 1025 - 1150, 2050 - 2300, 4100 - 4600 MHz
logo
Analog Devices
ADRF6602 AD-ADRF6602 Datasheet
517Kb / 24P
   1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6604 AD-ADRF6604 Datasheet
834Kb / 32P
   1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
ADRF6603 AD-ADRF6603 Datasheet
504Kb / 24P
   2100 MHz to 2600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6821 AD-ADRF6821 Datasheet
1Mb / 61P
   450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com