Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2576-5.0BU Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # LM2576-5.0BU
Description  52kHz Simple 3A Buck Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2576-5.0BU Datasheet(HTML) 8 Page - Micrel Semiconductor

  LM2576-5.0BU Datasheet HTML 1Page - Micrel Semiconductor LM2576-5.0BU Datasheet HTML 2Page - Micrel Semiconductor LM2576-5.0BU Datasheet HTML 3Page - Micrel Semiconductor LM2576-5.0BU Datasheet HTML 4Page - Micrel Semiconductor LM2576-5.0BU Datasheet HTML 5Page - Micrel Semiconductor LM2576-5.0BU Datasheet HTML 6Page - Micrel Semiconductor LM2576-5.0BU Datasheet HTML 7Page - Micrel Semiconductor LM2576-5.0BU Datasheet HTML 8Page - Micrel Semiconductor LM2576-5.0BU Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
M9999-082605-B
8
August 2005
LM2576
Micrel, Inc.
LM2575
+
100 µF
+VIN
1
3
GND
5
ON/OFF
2
OUTPUT
4
FEEDBACK
L1
330 µH
+
D1
MBR360
COUT
470µF
R2
R1
VOUT
5.00V
7V - 40V
UNREGULATED
DC INPUT
CIN
L
O
A
D
CIN — 100µF, 75V Aluminum Electrolytic
COUT — 470µF, 15V Aluminum Electrolytic
D1 — Schottky, MBR360
L1 — 330µH, 415-0926 (AIE)
R1 — 1k, 0.01%
R2 — 3.065k, 0.01%
5-pin TO-220 socket—2936 (Loranger Mfg. Co.)
4-pin TO-3 socket—8112-AG7 (Augat Inc.)
LM2575-5.0
+
100 µF
+VIN
1
3
GND
5
ON/OFF
2
OUTPUT
4
FEEDBACK
L1
330 µH
+
D1
11DQ06
COUT
220µF
VOUT
5.00V
Note: Pin numbers are for TO-220 Package
7V - 40V
UNREGULATED
DC INPUT
CIN
CIN — 100µF, 75V Aluminum Electrolytic
COUT — 330µF, 15V Aluminum Electrolytic
D1 — Schottky, 11DQ06
L1 — 100µH, 415-0926 (AIE)
5-pin TO-220 socket—2936 (Loranger Mfg. Co.)
4-pin TO-3 socket—8112-AG7 (Augat Inc.)
L
O
A
D
ON/OFF
COMPARATOR
FIXED GAIN
ERROR AMP
3 AMP
SWITCH
OUTPUT
DRIVER
+
-
+
-
VIN
FEED-
BACK
1.23V
BAND-GAP
REFERENCE
52 kHz
OSCILLATOR
RESET
THERMAL
SHUTDOWN
CURRENT
LIMIT
5
2
3
1
Note: Pin numbers are for the TO-220 package
INTERNAL
REGULATOR
ON/OFF
GND
ON/OFF
COMPARATOR
FIXED GAIN
ERROR AMP
3 AMP
SWITCH
OUTPUT
DRIVER
+
-
+
-
VIN
FEED-
BACK
1.23V
BAND-GAP
REFERENCE
52 kHz
OSCILLATOR
RESET
THERMAL
SHUTDOWN
CURRENT
LIMIT
5
2
3
1
4
INTERNAL
REGULATOR
ON/OFF
GND
3.1k
1.0k
4
Block Diagrams
As in any switching regulator, layout is very important. Rapidly switching currents associated with wiring inductance generate voltage transients
which can cause problems. For minimal stray inductance and ground loops, the length of the leads indicated by heavy lines should be kept as
short as possible. Single-point grounding (as indicated) or ground plane construction should be used for best results.
Fixed Regulator
Adjustable Regulator
Test Circuits and Layout Guidelines
Figure 1.


Similar Part No. - LM2576-5.0BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2576-5.0BU MICREL-LM2576-5.0BU Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
LM2576-5.0BU MICREL-LM2576-5.0BU Datasheet
58Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0BU MICREL-LM2576-5.0BU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
More results

Similar Description - LM2576-5.0BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WT MICREL-LM2576-5.0WT Datasheet
58Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
LM2574 MICREL-LM2574 Datasheet
67Kb / 5P
   52kHz Simple 0.5A Buck Regulator
LM2574 MICREL-LM2574_05 Datasheet
192Kb / 8P
   52kHz Simple 0.5A Buck Regulator
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_08 Datasheet
398Kb / 8P
   3A / 52KHz Buck Switching Regulator
logo
Micrel Semiconductor
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
   52KHZ SIMPLE 0.5A BUCK REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_07 Datasheet
395Kb / 8P
   3A / 52KHz Buck Switching Regulator
logo
Micrel Semiconductor
LM2575-3.3BU MICREL-LM2575-3.3BU Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575_09 Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com