Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC44F20YMME Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC44F20YMME
Description  6A, 13V High Speed MOSFET Drivers with Enable Input
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC44F20YMME Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC44F20YMME Datasheet HTML 6Page - Micrel Semiconductor MIC44F20YMME Datasheet HTML 7Page - Micrel Semiconductor MIC44F20YMME Datasheet HTML 8Page - Micrel Semiconductor MIC44F20YMME Datasheet HTML 9Page - Micrel Semiconductor MIC44F20YMME Datasheet HTML 10Page - Micrel Semiconductor MIC44F20YMME Datasheet HTML 11Page - Micrel Semiconductor MIC44F20YMME Datasheet HTML 12Page - Micrel Semiconductor MIC44F20YMME Datasheet HTML 13Page - Micrel Semiconductor MIC44F20YMME Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Micrel, Inc.
MIC44F18/19/20
February 2011
10
M9999-020111
Output Driver Section
A block diagram of the low-side driver is shown in Figure
3. Low driver impedances allow the external MOSFET to
be turned on and off quickly. The rail-to-rail drive
capability of the output ensures a low RDSON from the
external MOSFET.
Redundant Vout pins lower the driver circuit impedance,
which helps increase the drive current and minimize LC
circuit ringing between the MOSFET gate and driver
output.
The slew rate of the output is non-adjustable and
depends only on the VDD voltage and how much
capacitance is present at the VOUT pin. The slew rate
at the MOSFET gate can be adjusted by adding a
resistor between the MOSFET gate and the driver
output.
Figure 3. Output Driver Section


Similar Part No. - MIC44F20YMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC44F20YMME MICREL-MIC44F20YMME Datasheet
605Kb / 13P
   6A High Speed MOSFET Drivers
More results

Similar Description - MIC44F20YMME

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
64Kb / 8P
   6A HIGH-SPEED MOSFET DRIVERS
2002-2012
logo
Micrel Semiconductor
MIC44F18 MICREL-MIC44F18 Datasheet
605Kb / 13P
   6A High Speed MOSFET Drivers
logo
Alpha Industries
AS4420 ALPHA-AS4420 Datasheet
268Kb / 5P
   6A, High Speed MOSFET Drivers
logo
TelCom Semiconductor, I...
TC4420 TELCOM-TC4420 Datasheet
64Kb / 5P
   6A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
378Kb / 22P
   6A High-Speed MOSFET Drivers
2002-2012 11/27/12
TC4420 MICROCHIP-TC4420_04 Datasheet
342Kb / 20P
   6A High-Speed MOSFET Drivers
2004
TC4420M MICROCHIP-TC4420M Datasheet
206Kb / 18P
   6A High-Speed MOSFET Drivers
2005
TC4420 MICROCHIP-TC4420_V01 Datasheet
69Kb / 8P
   6A HIGH-SPEED MOSFET DRIVERS
10/18/96
MCP1406 MICROCHIP-MCP1406_16 Datasheet
764Kb / 30P
   6A High-Speed Power MOSFET Drivers
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com