Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC280-3YM6 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC280-3YM6
Description  Precision IttyBitty Thermal Supervisor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC280-3YM6 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC280-3YM6 Datasheet HTML 1Page - Micrel Semiconductor MIC280-3YM6 Datasheet HTML 2Page - Micrel Semiconductor MIC280-3YM6 Datasheet HTML 3Page - Micrel Semiconductor MIC280-3YM6 Datasheet HTML 4Page - Micrel Semiconductor MIC280-3YM6 Datasheet HTML 5Page - Micrel Semiconductor MIC280-3YM6 Datasheet HTML 6Page - Micrel Semiconductor MIC280-3YM6 Datasheet HTML 7Page - Micrel Semiconductor MIC280-3YM6 Datasheet HTML 8Page - Micrel Semiconductor MIC280-3YM6 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
MIC280
Micrel
MIC280
2
May 2006
Pin Configuration
1
VDD
GND
T1
6
5
/INT
DATA
CLK
4
2
3
SOT23-6
Pin Description
Pin Number
Pin Name
Pin Function
1
VDD
Power Supply Input.
2
GND
Ground.
3
T1
Analog Input. Connection to remote diode junction.
4
CLK
Digital Input. Serial bit clock input.
5
DATA
Digital Input/Output. Open-drain. Serial data input/output.
6
/INT
Digital Output. Open-drain. Interrupt output.
Ordering Information
Part Number
Slave Address Ambient Temp. Range
Package
Standard
Marking Pb-FREE
Marking
MIC280-0BM6
TA00
MIC280-0YM6
TA00
100 1000b
-55°C to +125°C
SOT23-6
MIC280-1BM6
TA01
MIC280-1YM6
TA01
100 1001b
-55°C to +125°C
SOT23-6
MIC280-2BM6
TA02
MIC280-2YM6
TA02
100 1010b
-55°C to +125°C
SOT23-6
MIC280-3BM6
TA03
MIC280-3YM6
TA03
100 1011b
-55°C to +125°C
SOT23-6
MIC280-4BM6
TA04
MIC280-4YM6
TA05
100 1100b
-55°C to +125°C
SOT23-6
MIC280-5BM6
TA05
MIC280-5YM6
TA05
100 1101b
-55°C to +125°C
SOT23-6
MIC280-6BM6
TA06
MIC280-6YM6
TA06
100 1110b
-55°C to +125°C
SOT23-6
MIC280-7BM6
TA07
MIC280-7YM6
TA07
100 1111b
-55°C to +125°C
SOT23-6


Similar Part No. - MIC280-3YM6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC280-3YM6 MICREL-MIC280-3YM6 Datasheet
226Kb / 23P
   Precision IttyBitty Thermal Supervisor
MIC280-3YM6 MICREL-MIC280-3YM6 Datasheet
865Kb / 28P
   Precision IttyBitty??Thermal Supervisor
More results

Similar Description - MIC280-3YM6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC280 MICREL-MIC280_14 Datasheet
865Kb / 28P
   Precision IttyBitty??Thermal Supervisor
MIC280 MICREL-MIC280 Datasheet
226Kb / 23P
   Precision IttyBitty Thermal Supervisor
MIC281 MICREL-MIC281_11 Datasheet
177Kb / 12P
   Low-Cost IttyBitty??Thermal Sensor IttyBitty
MIC281 MICREL-MIC281 Datasheet
171Kb / 12P
   Low-Cost IttyBitty Thermal Sensor IttyBitty
MIC281 MICREL-MIC281_14 Datasheet
693Kb / 14P
   Low-Cost IttyBitty??Thermal Sensor
MIC184 MICREL-MIC184_06 Datasheet
490Kb / 20P
   Local/Remote Thermal Supervisor
MIC284 MICREL-MIC284_05 Datasheet
926Kb / 20P
   Two-Zone Thermal Supervisor
MIC384 MICREL-MIC384_05 Datasheet
518Kb / 22P
   Three-Zone Thermal Supervisor
MIC184 MICREL-MIC184 Datasheet
140Kb / 21P
   Local/Remote Thermal Supervisor Advance Information
MIC284 MICREL-MIC284 Datasheet
439Kb / 20P
   Two-Zone Thermal Supervisor Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com