Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA2211 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # UBA2211
Description  Half-bridge power IC family for CFL lamps
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2211 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button UBA2211 Datasheet HTML 4Page - NXP Semiconductors UBA2211 Datasheet HTML 5Page - NXP Semiconductors UBA2211 Datasheet HTML 6Page - NXP Semiconductors UBA2211 Datasheet HTML 7Page - NXP Semiconductors UBA2211 Datasheet HTML 8Page - NXP Semiconductors UBA2211 Datasheet HTML 9Page - NXP Semiconductors UBA2211 Datasheet HTML 10Page - NXP Semiconductors UBA2211 Datasheet HTML 11Page - NXP Semiconductors UBA2211 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
UBA2211
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 3 January 2011
8 of 19
NXP Semiconductors
UBA2211
Half-bridge power IC family for CFL lamps
(3)
Where Tosc equals the operating frequency fosc /1.
Taking the square root of both sides results in Equation 4:
(4)
or
(5)
A constant current flows through the power switches and the lamp which is defined by the
internal reference voltage (VO(ref)RMS) and the external RSENSE resistor.
The RSENSE resistor sets both the preheat current and the RMS half-bridge current. The
ratio between them is fixed. However by adding a resistor in parallel to Csw (see Figure 7)
this ratio can be adjusted. This is described in more detail in the UBA2211 user manual.
7.8 Non-overlap time
The non-overlap time is defined as the time when both MOSFETs are not conducting. The
non-overlap time is fixed internally.
7.9 OverTemperature Protection (OTP)
OTP is active in all states. When the die temperature reaches the OTP activation
threshold (Tth(act)otp), the oscillator is stopped and the power switches (LSPT/HSPT) are
set to the startup state. When the oscillator is stopped, the DVDT supply no longer
generates the supply current IDVDT. Voltage VDD gradually decreases and the start-up
state is entered as described in Section 7.2 on page 5. OTP is reset when the
temperature < Tth(rel)otp.
7.10 Minimum glow time control
If the preheat time is set too short or omitted, the lamp electrodes do not have the correct
temperature in the ignition state. This results in instant light but also in a reduced
switching lifetime because when the electrode temperature is too low electrode sputtering
and damage occur. The minimum glow time control minimizes electrode damage by
ensuring maximum power use during the glow phase to heat the electrodes heat as
quickly as possible (see Figure 6).
1
T
osc
----------
V
SENSE
2
t
()DT
1
T
osc
----------
V
Oref
()RMS
2
DT
0
T
osc
×
=
0
T
osc
×
1
T
osc
----------
V
SENSE
2
t
()DT
0
T
osc
×
1
T
osc
----------
V
Oref
()RMS
2
DT
0
T
osc
×
=
RMS V
SENSE
V
Oref
()RMS
R
SENSE
I
LSPT
×
==


Similar Part No. - UBA2211

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2211 PHILIPS-UBA2211 Datasheet
191Kb / 20P
   Half-bridge power IC family for CFL lamps
Rev. 3-26 August 2011
UBA2211AP PHILIPS-UBA2211AP Datasheet
191Kb / 20P
   Half-bridge power IC family for CFL lamps
Rev. 3-26 August 2011
UBA2211AT PHILIPS-UBA2211AT Datasheet
191Kb / 20P
   Half-bridge power IC family for CFL lamps
Rev. 3-26 August 2011
UBA2211BP PHILIPS-UBA2211BP Datasheet
191Kb / 20P
   Half-bridge power IC family for CFL lamps
Rev. 3-26 August 2011
UBA2211BT PHILIPS-UBA2211BT Datasheet
191Kb / 20P
   Half-bridge power IC family for CFL lamps
Rev. 3-26 August 2011
More results

Similar Description - UBA2211

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2211_1108 PHILIPS-UBA2211_1108 Datasheet
191Kb / 20P
   Half-bridge power IC family for CFL lamps
Rev. 3-26 August 2011
UBA2024 PHILIPS-UBA2024_10 Datasheet
448Kb / 17P
   Half-bridge power IC for CFL lamps
Rev. 6.2-1 November 2010
UBA2024 NXP-UBA2024_09 Datasheet
90Kb / 14P
   Half-bridge power IC for CFL lamps
Rev. 04-17 September 2009
logo
Shenzhen Winsemi Microe...
WS21351 WINSEMI-WS21351 Datasheet
363Kb / 7P
   Half-bridge power IC for CFL lamps
logo
NXP Semiconductors
UBA2024 PHILIPS-UBA2024 Datasheet
78Kb / 11P
   Half-bridge power IC for CFL lamps
2004 Feb 03
UBA2024 NXP-UBA2024 Datasheet
69Kb / 12P
   Half-bridge power IC for CFL lamps
Rev. 03-16 October 2008
UBA2025 NXP-UBA2025 Datasheet
352Kb / 17P
   CFL power IC
Rev. 01-16 October 2009
UBA2021 PHILIPS-UBA2021 Datasheet
102Kb / 20P
   630 V driver IC for CFL and TL lamps
2001 Jan 30
UBA2021 PHILIPS-UBA2021_08 Datasheet
107Kb / 16P
   630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
UBA2021 NXP-UBA2021 Datasheet
107Kb / 16P
   630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com