Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC662104A Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC662104A
Description  Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC662104A Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC662104A Datasheet HTML 3Page - Sanyo Semicon Device LC662104A Datasheet HTML 4Page - Sanyo Semicon Device LC662104A Datasheet HTML 5Page - Sanyo Semicon Device LC662104A Datasheet HTML 6Page - Sanyo Semicon Device LC662104A Datasheet HTML 7Page - Sanyo Semicon Device LC662104A Datasheet HTML 8Page - Sanyo Semicon Device LC662104A Datasheet HTML 9Page - Sanyo Semicon Device LC662104A Datasheet HTML 10Page - Sanyo Semicon Device LC662104A Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
No. 5996-7/13
LC662104A, 662106A, 662108A
3. Watchdog timer option
A runaway detection function (watchdog timer) can be selected as an option.
4. Port output type options
• The output type of each bit (pin) in ports P0, P1, P2, P3 (except for the P33/HOLD pin), P4, and P5 can be selected
individually from the following two options.
User Options
1. Port 0, 1, 4, and 5 output level options a reset
The output levels at reset for I/O ports 0, 1, 4, and 5 in independent 4-bit groups, can be selected from the following
two options.
2. Oscillator circuit options
• Main clock
Option
Circuit
Conditions and notes
External clock
Ceramic oscillator
The input has Schmitt characteristics
Option
Conditions and notes
Output high at reset
The four bits of ports 0, 1, 4, or 5 are set in a group
Output low at reset
The four bits of ports 0, 1, 4, or 5 are set in a group
Option
Circuit
Conditions and notes
Open-drain output
Output with built-in pull-up
resistor
The port P2, P3, P5, and P6 inputs have Schmitt
characteristics.
The port P2, P3, and P5 inputs have Schmitt
characteristics.
The CMOS outputs (ports P2 and P3) and the
pull-up MOS outputs (P0, P1, P4, and P5) are
distinguished by the drive capacity of the p-
channel transistor.
OSC1
OSC1
OSC2
C1
C2
Ceramic oscillator
DSB
Output data
Input data
DSB
Output data
Input data
Note: There is no RC oscillator option.


Similar Part No. - LC662104A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC662104A SANYO-LC662104A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC662104A SANYO-LC662104A Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
More results

Similar Description - LC662104A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC876596B SANYO-LC876596B Datasheet
682Kb / 23P
   8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com