Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC803-29D2VC3 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC803-29D2VC3
Description  3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC803-29D2VC3 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC803-29D2VC3 Datasheet HTML 2Page - Micrel Semiconductor MIC803-29D2VC3 Datasheet HTML 3Page - Micrel Semiconductor MIC803-29D2VC3 Datasheet HTML 4Page - Micrel Semiconductor MIC803-29D2VC3 Datasheet HTML 5Page - Micrel Semiconductor MIC803-29D2VC3 Datasheet HTML 6Page - Micrel Semiconductor MIC803-29D2VC3 Datasheet HTML 7Page - Micrel Semiconductor MIC803-29D2VC3 Datasheet HTML 8Page - Micrel Semiconductor MIC803-29D2VC3 Datasheet HTML 9Page - Micrel Semiconductor MIC803-29D2VC3 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Micrel, Inc.
MIC803
December 2010
8
M9999-122310-A
Application Information
Microprocessor Reset
The /RESET pin is asserted whenever VCC falls below
the Reset Threshold Voltage, VTH. The /RESET pin
remains asserted for the duration of the Reset Timeout
Period (tRESET) after VCC has risen above the Reset
Threshold Voltage. The reset function ensures the
microprocessor is properly reset and powers up in a
known condition after a power failure. /RESET will
remain valid with VCC as low as 1.0V.
The /RESET output is a simple open-drain N-channel
MOSFET structure. A pull-up resistor must be used to
pull this output up to some voltage. For most
applications, this voltage will be the same power supply
that supplies VCC to the MIC803. As shown in Figure 1, it
is possible, however, to tie this resistor to some other
voltage. This will allow the MIC803 to monitor one
voltage while level-shifting the /RESET output to some
other voltage. The pull-up voltage must be limited to
5.5V. The resistor must be small enough to supply
current to the inputs and leakage paths that are driven
by the /RESET output.
Figure 1. MIC803 used in a Multiple Supply System
/RESET Valid at Low Voltage
As VCC drops to 0V, the MIC803 will no longer be able to
pull the /RESET output low, and the pull-up resistor will
pull the output high. The value of the pull-up resistor and
the voltage it is connected to will affect the point at which
this happens.
Figure 2. /RESET at falling VCC
Wire OR’ing The /RESET Output
Since the /RESET output is open-drain, several reset
sources can be wire-ORed, in parallel, to allow resets
from multiple sources.
VCC Transients
The MIC803 is relatively immune to negative-going VCC
glitches below the Reset Threshold. See the Typical
Characteristic Curve, Maximum Transient Duration vs
Overdrive
on page 6 of the datasheet. As shown in
Figure 3, the Overdrive Voltage is the difference
between the Threshold Voltage and the minimum point
of the VCC glitch. Typically, an overdrive of 100mV, with
duration of 15μs or less will not cause a reset. If
additional transient immunity is needed, a 0.1μF bypass
capacitor can be placed as close as possible to the
MIC803 on the VCC pin.
Figure 3. VCC Transient


Similar Part No. - MIC803-29D2VC3

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC803-29D2VC3 MICREL-MIC803-29D2VC3 Datasheet
612Kb / 12P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
More results

Similar Description - MIC803-29D2VC3

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC803 MICREL-MIC803_15 Datasheet
612Kb / 12P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
logo
Microchip Technology
MIC6315 MICROCHIP-MIC6315 Datasheet
847Kb / 15P
   Open-Drain Microprocessor Reset Circuit
09/14/21
logo
STMicroelectronics
STM6315 STMICROELECTRONICS-STM6315_07 Datasheet
185Kb / 21P
   Open drain microprocessor reset
STM6315 STMICROELECTRONICS-STM6315 Datasheet
172Kb / 21P
   Open Drain Microprocessor Reset
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Exar Corporation
SP809EK-L-2-3 EXAR-SP809EK-L-2-3 Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
APX803S DIODES-APX803S Datasheet
356Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com