Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC914BM5 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC914BM5
Description  160MHz Low-Power SOT23-5 Op Amp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC914BM5 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC914BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC914BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC914BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC914BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC914BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC914BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC914BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC914BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC914BM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Micrel, Inc.
MIC914
October 2007
5
M9999-101807
Test Circuits
2k
10k
10k
10k
0.1µF
0.1F
0.1µF
10µF
0.1µF
10µF
All resistors:
1% metal film
Input
Input
VCC
VEE
MIC913
1
2
4
3
5
BNC
BNC
BNC
Output
0.1µF
10µF
0.1µF
10µF
VCC
VEE
MIC913
1
2
4
3
5
BNC
R7c 2k
Input
R6
5k
R2
5k
R3
200k
R4
R5
5k
Output
R1 5k
BNC
All resistors 1%
VV
R2
R1
R2
R
R4
OUT
ERROR
=+
+
++
⎝⎜
⎠⎟
1
5
R7
PSRR vs. Frequency
CMRR vs. Frequency
R2 4k
S2
S1
0.1µF
10µF
0.1µF
10µF
10pF
10pF
VCC
VEE
MIC913
1
2
4
3
5
BNC
R4 27k
R3 27k
R1
R5
100pF
To
Dynamic
Analyzer
Noise Measurement


Similar Part No. - MIC914BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC914BM5 MICREL-MIC914BM5 Datasheet
201Kb / 12P
   160MHz Low-Power SOT-23-5 Op Amp
More results

Similar Description - MIC914BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC914 MICREL-MIC914 Datasheet
201Kb / 12P
   160MHz Low-Power SOT-23-5 Op Amp
MIC911 MICREL-MIC911_07 Datasheet
561Kb / 13P
   105MHz Low-Power SOT23-5 Op Amp
MIC912 MICREL-MIC912_07 Datasheet
1Mb / 12P
   200MHz Low-Power SOT23-5 Op Amp
MIC913 MICREL-MIC913_07 Datasheet
463Kb / 13P
   350MHz Low-Power SOT23-5 Op Amp
MIC863 MICREL-MIC863 Datasheet
1Mb / 16P
   Dual Ultra Low Power Op Amp in SOT23-8
MIC863 MICREL-MIC863_11 Datasheet
1Mb / 16P
   Dual Ultra Low Power Op Amp in SOT23-8
MIC862 MICREL-MIC862_06 Datasheet
2Mb / 12P
   Dual Ultra Low Power Op Amp in SOT23-8
MIC862 MICREL-MIC862_14 Datasheet
1Mb / 14P
   Dual Ultra-Low-Power Op Amp in SOT23-8
MIC910 MICREL-MIC910_14 Datasheet
2Mb / 14P
   135MHz, Low-Power SOT-23-5 Op Amp
MIC910 MICREL-MIC910 Datasheet
552Kb / 12P
   135MHz Low-Power SOT-23-5 Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com