Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2LA66ANFP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R5F2LA66ANFP
Description  Household appliances, office equipment, audio equipment, consumer products
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2LA66ANFP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R5F2LA66ANFP Datasheet HTML 4Page - Renesas Technology Corp R5F2LA66ANFP Datasheet HTML 5Page - Renesas Technology Corp R5F2LA66ANFP Datasheet HTML 6Page - Renesas Technology Corp R5F2LA66ANFP Datasheet HTML 7Page - Renesas Technology Corp R5F2LA66ANFP Datasheet HTML 8Page - Renesas Technology Corp R5F2LA66ANFP Datasheet HTML 9Page - Renesas Technology Corp R5F2LA66ANFP Datasheet HTML 10Page - Renesas Technology Corp R5F2LA66ANFP Datasheet HTML 11Page - Renesas Technology Corp R5F2LA66ANFP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 106 page
background image
R01DS0011EJ0100 Rev.1.00
Page 8 of 102
Dec 21, 2010
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
1. Overview
1.2
Product Lists
Tables 1.9 to 1.12 list product information for each group. Figures 1.1 to 1.4 show the Correspondence of Part No.,
with Memory Size and Package for each group.
Table 1.9
Product List for R8C/LA3A Group
Current of Dec 2010
Figure 1.1
Correspondence of Part No., with Memory Size and Package of R8C/LA3A Group
Part No.
Internal ROM Capacity
Internal RAM
Capacity
Package Type
Remarks
Program ROM
Data Flash
R5F2LA32ANFP
8 Kbytes
1 Kbyte
× 2
2 Kbytes
PLQP0032GB-A
N Version
R5F2LA34ANFP
16 Kbytes
1 Kbyte
× 2
2 Kbytes
PLQP0032GB-A
R5F2LA36ANFP
32 Kbytes
1 Kbyte
× 2
2 Kbytes
PLQP0032GB-A
R5F2LA38ANFP
64 Kbytes
1 Kbyte
× 2
3.5 Kbytes
PLQP0032GB-A
R5F2LA32ADFP
8 Kbytes
1 Kbyte
× 2
2 Kbytes
PLQP0032GB-A
D Version
R5F2LA34ADFP
16 Kbytes
1 Kbyte
× 2
2 Kbytes
PLQP0032GB-A
R5F2LA36ADFP
32 Kbytes
1 Kbyte
× 2
2 Kbytes
PLQP0032GB-A
R5F2LA38ADFP
64 Kbytes
1 Kbyte
× 2
3.5 Kbytes
PLQP0032GB-A
Part No. R 5 F 2L A3 8 A N FP
Package type:
FP: LQFP (0.8 mm pin-pitch)
Classification
N: Operating ambient temperature
−20 to 85°C
D: Operating ambient temperature
−40 to 85°C
DataFlash
A: DataFlash
ROM capacity
2: 8KB
4: 16KB
6: 32KB
8: 64KB
R8C/LA3A Group
R8C/Lx Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor


Similar Part No. - R5F2LA66ANFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F2L357ADFP RENESAS-R5F2L357ADFP Datasheet
10Mb / 848P
   RENESAS MCU R8C FAMILY / R8C/Lx SERIES
R5F2L357ANFP RENESAS-R5F2L357ANFP Datasheet
10Mb / 848P
   RENESAS MCU R8C FAMILY / R8C/Lx SERIES
R5F2L357BDFP RENESAS-R5F2L357BDFP Datasheet
10Mb / 848P
   RENESAS MCU R8C FAMILY / R8C/Lx SERIES
R5F2L357BNFP RENESAS-R5F2L357BNFP Datasheet
10Mb / 848P
   RENESAS MCU R8C FAMILY / R8C/Lx SERIES
R5F2L357CDFP RENESAS-R5F2L357CDFP Datasheet
854Kb / 76P
   RENESAS MCU
More results

Similar Description - R5F2LA66ANFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8CL35A RENESAS-R8CL35A_09 Datasheet
1Mb / 89P
   Household appliances, office equipment, audio equipment, consumer products, etc.
R8C35M RENESAS-R8C35M Datasheet
560Kb / 57P
   household appliances, office equipment, audio equipment, consumer equipment
R8C33M RENESAS-R8C33M Datasheet
548Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C3NT RENESAS-R8C3NT Datasheet
589Kb / 58P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C32M RENESAS-R8C32M Datasheet
541Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
   Office Equipment Household Appliances
logo
Renesas Technology Corp
M16C64C RENESAS-M16C64C Datasheet
757Kb / 91P
   cameras, televisions, household appliances, office equipment
M16C RENESAS-M16C_11 Datasheet
891Kb / 112P
   televisions, household appliances, office equipment, communication devices
logo
American Electronic Com...
DG31H AEC-DG31H Datasheet
353Kb / 2P
   Domestic appliances, office equipment etc
logo
Toshiba Semiconductor
TLP3061 TOSHIBA-TLP3061 Datasheet
285Kb / 5P
   office machine household use equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com