Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC920BM5 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC920BM5
Description  80MHz Low-Power SC-70 Op Amp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC920BM5 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC920BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC920BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC920BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC920BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC920BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC920BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC920BM5 Datasheet HTML 9Page - Micrel Semiconductor MIC920BM5 Datasheet HTML 10Page - Micrel Semiconductor MIC920BM5 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MIC920
Micrel, Inc.
MIC920
8
March 2006
Functional Characteristics
TIME (100ns/div)
V
CC = ±9.0V
C
L = 1.7µF
Av = 1.0V/V
Small Signal Response
TIME (100ns/div)
V
CC = ±5.0V
C
L = 1.7µF
Av = 1.0V/V
Small Signal Response
TIME (100ns/div)
Small Signal Response
V
CC = ±9.0V
C
L = 100pF
Av = +1
TIME (100ns/div)
Small Signal Response
V
CC = ±5.0V
C
L = 100pF
Av = +1V/V
Small Signal Response
TIME (100ns/div)
V
CC = ±9.0V
C
L = 1000pF
Av = +1V/V
Small Signal Response
TIME (100ns/div)
V
CC = ±5.0V
C
L = 1000pF
Av = +1V/V


Similar Part No. - MIC920BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC920BM5 MICREL-MIC920BM5 Datasheet
161Kb / 11P
   80MHz Low-Power SC-70 Op Amp
More results

Similar Description - MIC920BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC920 MICREL-MIC920 Datasheet
161Kb / 11P
   80MHz Low-Power SC-70 Op Amp
MIC922 MICREL-MIC922 Datasheet
277Kb / 12P
   230MHz Low-Power SC-70 Op Amp
MIC922 MICREL-MIC922_06 Datasheet
659Kb / 11P
   230MHz Low-Power SC-70 Op Amp
MIC921 MICREL-MIC921 Datasheet
161Kb / 11P
   45MHz Low-Power SC-70 Op Amp
MIC921 MICREL-MIC921_06 Datasheet
1Mb / 11P
   45MHz Low-Power SC-70 Op Amp
MIC918 MICREL-MIC918 Datasheet
47Kb / 7P
   51MHz Low-Power SOT-23-5/SC-70 Op Amp
MIC919 MICREL-MIC919 Datasheet
47Kb / 7P
   27MHz Low-Power SOT-23-5/SC-70 Op Amp
logo
Texas Instruments
OPA358 TI1-OPA358 Datasheet
854Kb / 18P
[Old version datasheet]   3V Single-Supply 80MHz High-Speed Op Amp
logo
Linear Technology
LT1800 LINER-LT1800 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800 LINER-LT1800_15 Datasheet
284Kb / 18P
   80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com