Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2LA66ANFA Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R5F2LA66ANFA
Description  Household appliances, office equipment, audio equipment, consumer products
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2LA66ANFA Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R5F2LA66ANFA Datasheet HTML 6Page - Renesas Technology Corp R5F2LA66ANFA Datasheet HTML 7Page - Renesas Technology Corp R5F2LA66ANFA Datasheet HTML 8Page - Renesas Technology Corp R5F2LA66ANFA Datasheet HTML 9Page - Renesas Technology Corp R5F2LA66ANFA Datasheet HTML 10Page - Renesas Technology Corp R5F2LA66ANFA Datasheet HTML 11Page - Renesas Technology Corp R5F2LA66ANFA Datasheet HTML 12Page - Renesas Technology Corp R5F2LA66ANFA Datasheet HTML 13Page - Renesas Technology Corp R5F2LA66ANFA Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 106 page
background image
R01DS0011EJ0100 Rev.1.00
Page 10 of 102
Dec 21, 2010
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
1. Overview
Table 1.11
Product List for R8C/LA6A Group
Current of Dec 2010
Figure 1.3
Correspondence of Part No., with Memory Size and Package of R8C/LA6A Group
Part No.
Internal ROM Capacity
Internal RAM
Capacity
Package Type
Remarks
Program ROM
Data Flash
R5F2LA64ANFP
16 Kbytes
1 Kbyte
× 2
2 Kbytes
PLQP0064KB-A
N Version
R5F2LA64ANFA
16 Kbytes
1 Kbyte
× 2
2 Kbytes
PLQP0064GA-A
R5F2LA66ANFP
32 Kbytes
1 Kbyte
× 2
2 Kbytes
PLQP0064KB-A
R5F2LA66ANFA
32 Kbytes
1 Kbyte
× 2
2 Kbytes
PLQP0064GA-A
R5F2LA67ANFP
48 Kbytes
1 Kbyte
× 2
3.5 Kbytes
PLQP0064KB-A
R5F2LA67ANFA
48 Kbytes
1 Kbyte
× 2
3.5 Kbytes
PLQP0064GA-A
R5F2LA68ANFP
64 Kbytes
1 Kbyte
× 2
3.5 Kbytes
PLQP0064KB-A
R5F2LA68ANFA
64 Kbytes
1 Kbyte
× 2
3.5 Kbytes
PLQP0064GA-A
R5F2LA64ADFP
16 Kbytes
1 Kbyte
× 2
2 Kbytes
PLQP0064KB-A
D Version
R5F2LA64ADFA
16 Kbytes
1 Kbyte
× 2
2 Kbytes
PLQP0064GA-A
R5F2LA66ADFP
32 Kbytes
1 Kbyte
× 2
2 Kbytes
PLQP0064KB-A
R5F2LA66ADFA
32 Kbytes
1 Kbyte
× 2
2 Kbytes
PLQP0064GA-A
R5F2LA67ADFP
48 Kbytes
1 Kbyte
× 2
3.5 Kbytes
PLQP0064KB-A
R5F2LA67ADFA
48 Kbytes
1 Kbyte
× 2
3.5 Kbytes
PLQP0064GA-A
R5F2LA68ADFP
64 Kbytes
1 Kbyte
× 2
3.5 Kbytes
PLQP0064KB-A
R5F2LA68ADFA
64 Kbytes
1 Kbyte
× 2
3.5 Kbytes
PLQP0064GA-A
Part No. R 5 F 2L A6 8 A N FP
Package type:
FP: LQFP (0.5 mm pin-pitch)
FA: LQFP (0.8 mm pin-pitch)
Classification
N: Operating ambient temperature
−20 to 85°C
D: Operating ambient temperature
−40 to 85°C
DataFlash
A: DataFlash
ROM capacity
4: 16KB
6: 32KB
7: 48KB
8: 64KB
R8C/LA6A Group
R8C/Lx Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor


Similar Part No. - R5F2LA66ANFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F2L357ADFP RENESAS-R5F2L357ADFP Datasheet
10Mb / 848P
   RENESAS MCU R8C FAMILY / R8C/Lx SERIES
R5F2L357ANFP RENESAS-R5F2L357ANFP Datasheet
10Mb / 848P
   RENESAS MCU R8C FAMILY / R8C/Lx SERIES
R5F2L357BDFP RENESAS-R5F2L357BDFP Datasheet
10Mb / 848P
   RENESAS MCU R8C FAMILY / R8C/Lx SERIES
R5F2L357BNFP RENESAS-R5F2L357BNFP Datasheet
10Mb / 848P
   RENESAS MCU R8C FAMILY / R8C/Lx SERIES
R5F2L357CDFP RENESAS-R5F2L357CDFP Datasheet
854Kb / 76P
   RENESAS MCU
More results

Similar Description - R5F2LA66ANFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8CL35A RENESAS-R8CL35A_09 Datasheet
1Mb / 89P
   Household appliances, office equipment, audio equipment, consumer products, etc.
R8C35M RENESAS-R8C35M Datasheet
560Kb / 57P
   household appliances, office equipment, audio equipment, consumer equipment
R8C33M RENESAS-R8C33M Datasheet
548Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C3NT RENESAS-R8C3NT Datasheet
589Kb / 58P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C32M RENESAS-R8C32M Datasheet
541Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
   Office Equipment Household Appliances
logo
Renesas Technology Corp
M16C64C RENESAS-M16C64C Datasheet
757Kb / 91P
   cameras, televisions, household appliances, office equipment
M16C RENESAS-M16C_11 Datasheet
891Kb / 112P
   televisions, household appliances, office equipment, communication devices
logo
American Electronic Com...
DG31H AEC-DG31H Datasheet
353Kb / 2P
   Domestic appliances, office equipment etc
logo
Toshiba Semiconductor
TLP3061 TOSHIBA-TLP3061 Datasheet
285Kb / 5P
   office machine household use equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com