Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC920BC5 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC920BC5
Description  80MHz Low-Power SC-70 Op Amp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC920BC5 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC920BC5 Datasheet HTML 1Page - Micrel Semiconductor MIC920BC5 Datasheet HTML 2Page - Micrel Semiconductor MIC920BC5 Datasheet HTML 3Page - Micrel Semiconductor MIC920BC5 Datasheet HTML 4Page - Micrel Semiconductor MIC920BC5 Datasheet HTML 5Page - Micrel Semiconductor MIC920BC5 Datasheet HTML 6Page - Micrel Semiconductor MIC920BC5 Datasheet HTML 7Page - Micrel Semiconductor MIC920BC5 Datasheet HTML 8Page - Micrel Semiconductor MIC920BC5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
March 2006
5
MIC920
MIC920
Micrel, Inc.
Typical Characteristics
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
-40 -20 0 20 40 60 80 100
TEMPERATURE (°C)
Offset Voltage
vs. Temperature
V± = ±2.5V
V± = ±5V
V± = ±9V
0.30
0.35
0.40
0.45
0.50
0.55
0.60
-40 -20 0 20 40 60 80 100
TEMPERATURE (°C)
Supply Current
vs. Temperature
V± = ±2.5V
V± = ±9V
V± = ±5V
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
0.56
0.58
0.60
0.62
2.5
3.8
5.1
6.4
7.7
9
SUPPLY VOLTAGE (V)
Supply Current
vs. Supply Voltage
–40°C
+85°C
+25°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
-900 -540 -180 180 540 900
COMMON-MODE VOLTAGE (V)
Offset Voltage vs.
Common-Mode Voltage
–40°C
+85°C
+25°C
V± = ±2.5V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
COMMON-MODE VOLTAGE (V)
Offset Voltage vs.
Common-Mode Voltage
–40°C
+85°C
+25°C
V± = ±5V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
COMMON-MODE VOLTAGE (V)
Offset Voltage vs.
Common-Mode Voltage
–40°C
+85°C
+25°C
V± = ±9V
40
44
48
52
56
60
64
68
72
76
80
84
2.0
3.4
4.8
6.2
7.6
9.0
SUPPLY VOLTAGE (V)
Short-Circuit Current vs.
Supply Voltage (Sourcing)
–40°C
85°C
25°C
50
47
44
41
38
35
32
29
26
23
20
17
2.0
3.4
4.8
6.2
7.6
9.0
SUPPLY VOLTAGE (V)
Short-Circuit Current vs.
Supply Voltage (Sinking)
–40°C
85°C
25°C
0
1
2
3
4
5
6
7
8
9
10
11
OUTPUT CURRENT (mA)
Output Voltage vs.
Output Current (Sourcing)
–40°C
85°C
25°C
V± = ±9V
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
OUTPUT CURRENT (mA)
Output Voltage vs.
Output Current (Sinking)
–40°C
85°C
25°C
V± = ±9V
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
OUTPUT CURRENT (mA)
Output Voltage vs.
Output Current (Sinking)
25°C
85°C
–40°C
V± = ±5V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
OUTPUT CURRENT (mA)
Output Voltage vs.
Output Current (Sourcing)
–40°C
85°C
25°C
V± = ±5V


Similar Part No. - MIC920BC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC920BC5 MICREL-MIC920BC5 Datasheet
161Kb / 11P
   80MHz Low-Power SC-70 Op Amp
More results

Similar Description - MIC920BC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC920 MICREL-MIC920 Datasheet
161Kb / 11P
   80MHz Low-Power SC-70 Op Amp
MIC922 MICREL-MIC922 Datasheet
277Kb / 12P
   230MHz Low-Power SC-70 Op Amp
MIC922 MICREL-MIC922_06 Datasheet
659Kb / 11P
   230MHz Low-Power SC-70 Op Amp
MIC921 MICREL-MIC921 Datasheet
161Kb / 11P
   45MHz Low-Power SC-70 Op Amp
MIC921 MICREL-MIC921_06 Datasheet
1Mb / 11P
   45MHz Low-Power SC-70 Op Amp
MIC918 MICREL-MIC918 Datasheet
47Kb / 7P
   51MHz Low-Power SOT-23-5/SC-70 Op Amp
MIC919 MICREL-MIC919 Datasheet
47Kb / 7P
   27MHz Low-Power SOT-23-5/SC-70 Op Amp
logo
Texas Instruments
OPA358 TI1-OPA358 Datasheet
854Kb / 18P
[Old version datasheet]   3V Single-Supply 80MHz High-Speed Op Amp
logo
Linear Technology
LT1800 LINER-LT1800 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800 LINER-LT1800_15 Datasheet
284Kb / 18P
   80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com