Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC920BC5 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC920BC5
Description  80MHz Low-Power SC-70 Op Amp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC920BC5 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC920BC5 Datasheet HTML 1Page - Micrel Semiconductor MIC920BC5 Datasheet HTML 2Page - Micrel Semiconductor MIC920BC5 Datasheet HTML 3Page - Micrel Semiconductor MIC920BC5 Datasheet HTML 4Page - Micrel Semiconductor MIC920BC5 Datasheet HTML 5Page - Micrel Semiconductor MIC920BC5 Datasheet HTML 6Page - Micrel Semiconductor MIC920BC5 Datasheet HTML 7Page - Micrel Semiconductor MIC920BC5 Datasheet HTML 8Page - Micrel Semiconductor MIC920BC5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MIC920
Micrel, Inc.
MIC920
2
March 2006
Absolute Maximum Ratings (Note 1)
Supply Voltage (VV+ – VV–) ...........................................20V
Differentail Input Voltage (VIN+ – VIN–)........... 4V, Note 3
Input Common-Mode Range (VIN+, VIN–)............VV+ to VV–
Lead Temperature (soldering, 5 sec.)........................ 260°C
Storage Temperature (TS) ......................................... 150°C
ESD Rating,
Note 4 ................................................... 1.5kV
Operating Ratings (Note 2)
Supply Voltage (VS).........................................±2.5V to ±9V
Junction Temperature (TJ).......................... –40°C to +85°C
Package Thermal Resistance..............................................
SOT-23-5 ...........................................................260°C/W
SC-70-5 .............................................................450°C/W
Electrical Characteristics (±5V)
V+ = +5V, V– = –5V, VCM = 0V, RL = 10MΩ; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOS
Input Offset Voltage
0.43
5
mV
VOS
VOS Temperature Coefficient
1
µV/°C
IB
Input Bias Current
0.26
0.6
µA
IOS
Input Offset Current
0.04
0.3
µA
VCM
Input Common-Mode Range
CMRR > 72dB
–3.25
+3.25
V
CMRR
Common-Mode Rejection Ratio
–2.5V < VCM < +2.5V
75
85
dB
PSRR
Power Supply Rejection Ratio
±3.5V < VS < ±9V
95
104
dB
AVOL
Large-Signal Voltage Gain
RL = 2k, VOUT = ±2V
65
82
dB
RL = 100Ω, VOUT = ±1V
85
dB
VOUT
Maximum Output Voltage Swing
positive, RL = 2kΩ
+3.0
3.6
V
negative, RL = 2kΩ
–3.6
–3.0
V
positive, RL = 200Ω
+1.5
3.0
V
negative, RL = 200Ω, Note 5
–2.5
–1.0
V
GBW
Unity Gain-Bandwidth Product
CL = 1.7pF
67
MHz
PM
Phase Margin
32
°
BW
–3dB Bandwidth
Av = 1, RL = 1kΩ, CL = 1.7pF
100
MHz
SR
Slew Rate
C=1.7pF, Gain=1, VOUT=5V, peak to peak,
1350
V/µs
positive SR = 1190V/µs
ISC
Short-Circuit Output Current
source
45
63
mA
sink
20
45
mA
IS
Supply Current
No Load
0.55
0.80
mA
Input Voltage Noise
f = 10kHz
11
V/√Hz
Input Current Noise
f = 10kHz
0.7
A/√Hz
Electrical Characteristics
V+ = +9V, V– = –9V, VCM = 0V, RL = 10MΩ; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOS
Input Offset Voltage
0.3
5
mV
VOS
Input Offset Voltage
1
µV/°C
Temperature Coefficient
IB
Input Bias Current
0.23
0.60
µA
IOS
Input Offset Current
0.04
0.3
µA
VCM
Input Common-Mode Range
CMRR > 75dB
–7.25
+7.25
V
CMRR
Common-Mode Rejection Ratio
–6.5V < VCM < +6.5V
60
91
dB
PSRR
Power Supply Rejection Ratio
±3.5V < VS < ±9V
95
104
dB


Similar Part No. - MIC920BC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC920BC5 MICREL-MIC920BC5 Datasheet
161Kb / 11P
   80MHz Low-Power SC-70 Op Amp
More results

Similar Description - MIC920BC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC920 MICREL-MIC920 Datasheet
161Kb / 11P
   80MHz Low-Power SC-70 Op Amp
MIC922 MICREL-MIC922 Datasheet
277Kb / 12P
   230MHz Low-Power SC-70 Op Amp
MIC922 MICREL-MIC922_06 Datasheet
659Kb / 11P
   230MHz Low-Power SC-70 Op Amp
MIC921 MICREL-MIC921 Datasheet
161Kb / 11P
   45MHz Low-Power SC-70 Op Amp
MIC921 MICREL-MIC921_06 Datasheet
1Mb / 11P
   45MHz Low-Power SC-70 Op Amp
MIC918 MICREL-MIC918 Datasheet
47Kb / 7P
   51MHz Low-Power SOT-23-5/SC-70 Op Amp
MIC919 MICREL-MIC919 Datasheet
47Kb / 7P
   27MHz Low-Power SOT-23-5/SC-70 Op Amp
logo
Texas Instruments
OPA358 TI1-OPA358 Datasheet
854Kb / 18P
[Old version datasheet]   3V Single-Supply 80MHz High-Speed Op Amp
logo
Linear Technology
LT1800 LINER-LT1800 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800 LINER-LT1800_15 Datasheet
284Kb / 18P
   80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com