Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC922 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC922
Description  230MHz Low-Power SC-70 Op Amp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC922 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC922_06 Datasheet HTML 1Page - Micrel Semiconductor MIC922_06 Datasheet HTML 2Page - Micrel Semiconductor MIC922_06 Datasheet HTML 3Page - Micrel Semiconductor MIC922_06 Datasheet HTML 4Page - Micrel Semiconductor MIC922_06 Datasheet HTML 5Page - Micrel Semiconductor MIC922_06 Datasheet HTML 6Page - Micrel Semiconductor MIC922_06 Datasheet HTML 7Page - Micrel Semiconductor MIC922_06 Datasheet HTML 8Page - Micrel Semiconductor MIC922_06 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
May 2006
5
MIC922
MIC922
Micrel, Inc.
Typical Characteristics
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.70
-40 -20 0 20 40 60 80 100
TEMPERATURE (°C)
Supply Current
vs. Temperature
V± = ±9V
V± = ±2.5V
V± = ±5V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-40 -20 0 20 40 60 80 100
TEMPERATURE (°C)
Offset Voltage
vs. Temperature
V± = ±2.5V
V± = ±9V
V± = ±5V
0
0.5
1
1.5
2
2.5
3
-40 -20 0 20 40 60 80 100
TEMPERATURE (°C)
Bias Current
vs. Temperature
V± = ±5V
V± = ±2.5V
V± = ±9V
-3
-2
-1
0
1
2
3
4
5
6
7
8
-5 -4 -3 -2 -1 0 1 2 3 4 5
COMMON-MODE VOLTAGE (V)
Offset Voltage
vs. Common-Mode Voltage
V± = ±5V
–40°C
25°C
85°C
-3
-2
-1
0
1
2
3
4
5
6
7
8
COMMON-MODE VOLTAGE (V)
Offset Voltage
vs. Common-Mode Voltage
85°C
25°C –40°C
V± = ±9V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0 10 20 30 40 50 60 70 80
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
25°C
–40°C
85°C
Sourcing
V± = ±5V
0
0.9
1.8
2.7
3.6
4.5
5.4
6.3
7.2
8.1
9.0
9.9
0 10 20 30 40 50 60 70 80 90
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
–40°C
+85°C
+25°C
Sourcing
V± = ±9V
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
-50-45-40-35-30-25-20-15-10 -5 0
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
–40°C
25°C
Sinking
V± = ±5V
85°C
-60
-54
-48
-42
-36
-30
-24
-18
-12
-6
0
6
SUPPLY VOLTAGE (±V)
Short Circuit Current
vs. Supply Voltage
Sinking
85°C
25°C
–40°C
0
9
18
27
36
45
54
63
72
81
90
99
SUPPLY VOLTAGE (±V)
Short-Circuit Current
vs. Supply Voltage
–40°C
85°C
25°C
Sourcing
-9.0
-8.1
-7.2
-6.3
-5.4
-4.5
-3.6
-2.7
-1.8
-0.9
0.0
0.9
-60-54-48-42-36-30-24-18-12 -6 0
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
–40°C
85°C
25°C
Sinking
V± = ±9V
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.5 3.5 4.5 5.5 6.5 7.5 8.5 9.5
SUPPLY VOLTAGE (V)
Supply Current
vs. Supply Voltage
–40°C
25°C
85°C


Similar Part No. - MIC922_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC922BC5 MICREL-MIC922BC5 Datasheet
277Kb / 12P
   230MHz Low-Power SC-70 Op Amp
More results

Similar Description - MIC922_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC922 MICREL-MIC922 Datasheet
277Kb / 12P
   230MHz Low-Power SC-70 Op Amp
MIC920 MICREL-MIC920 Datasheet
161Kb / 11P
   80MHz Low-Power SC-70 Op Amp
MIC920 MICREL-MIC920_06 Datasheet
1Mb / 11P
   80MHz Low-Power SC-70 Op Amp
MIC921 MICREL-MIC921 Datasheet
161Kb / 11P
   45MHz Low-Power SC-70 Op Amp
MIC921 MICREL-MIC921_06 Datasheet
1Mb / 11P
   45MHz Low-Power SC-70 Op Amp
MIC918 MICREL-MIC918 Datasheet
47Kb / 7P
   51MHz Low-Power SOT-23-5/SC-70 Op Amp
MIC919 MICREL-MIC919 Datasheet
47Kb / 7P
   27MHz Low-Power SOT-23-5/SC-70 Op Amp
logo
Maxim Integrated Produc...
MAX4385E MAXIM-MAX4385E_02 Datasheet
284Kb / 13P
   Low-Cost, 230MHz, Single/Quad Op Amps
Rev 0; 4/02
logo
AUK corp
S358P AUK-S358P Datasheet
217Kb / 3P
   Low Power Dual OP AMP
logo
Unisonic Technologies
LM321 UTC-LM321 Datasheet
225Kb / 7P
   LOW POWER SINGLE OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com