Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC923 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC923
Description  410MHz Low-Power SC70 Op Amp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC923 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC923_06 Datasheet HTML 1Page - Micrel Semiconductor MIC923_06 Datasheet HTML 2Page - Micrel Semiconductor MIC923_06 Datasheet HTML 3Page - Micrel Semiconductor MIC923_06 Datasheet HTML 4Page - Micrel Semiconductor MIC923_06 Datasheet HTML 5Page - Micrel Semiconductor MIC923_06 Datasheet HTML 6Page - Micrel Semiconductor MIC923_06 Datasheet HTML 7Page - Micrel Semiconductor MIC923_06 Datasheet HTML 8Page - Micrel Semiconductor MIC923_06 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
May 2006
5
MIC923
MIC923
Micrel, Inc.
Typical Characteristics
2.35
2.4
2.45
2.5
2.55
2.6
2.65
2.5 3.5 4.5 5.5 6.5 7.5 8.5 9.5
SUPPLY VOLTAGE (±V)
Supply Current
vs. Supply Voltage
–40°C
25°C
85°C
2.3
2.35
2.4
2.45
2.5
2.55
2.6
2.65
2.7
-40 -20 0 20 40 60 80 100
TEMPERATURE (°C)
Supply Current
vs. Temperature
±9V
±2.5V
±5V
0
0.5
1
1.5
2
2.5
-40 -20 0 20 40 60 80 100
LOAD CAPACITANCE (pF)
Positive Slew Rate vs.
Load Capacitance
±5V
±9V
±2.5V
-3
-2
-1
0
1
2
3
4
5
6
7
8
-5 -4 -3 -2 -1 0 1 2 3 4 5
COMMON-MODE VOLTAGE (V)
Offset Voltage
vs. Common-Mode Voltage
VCC = ±5V
85°C
–40°C
25°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-40 -20 0 20 40 60 80 100
TEMPERATURE (°C)
Offset Voltage
vs. Temperature
±2.5V
±5V
±9V
-3
-2
-1
0
1
2
3
4
5
6
7
8
-5 -4 -3 -2 -1 0 1 2 3 4 5
COMMON-MODE VOLTAGE (V)
Offset Voltage
vs. Common-Mode Voltage
V± = ±9V
–40°C
85°C
25°C
0
0.5
1.0
1.5
2.0
2.5
3.0
-40 -20 0 20 40 60 80 100
TEMPERATURE (mA)
Bias Current
vs. Temperature
±9V
±2.5V
±5V
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.5 3.5 4.5 5.5 6.5 7.5 8.5 9.5
SUPPLY VOLTAGE (V)
Supply Current
vs. Supply Voltage
–40°C
+85°C
+25°C
0
0.9
1.8
2.7
3.6
4.5
5.4
6.3
7.2
8.1
9.0
9.9
0 9 18 27 36 45 54 63 72 81 90
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
Sourcing
V± = ±9V
–40°C
25°C
85°C
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0 9 18 27 36 45 54 63 72 81 90
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
–40°C
+85°C
+25°C
Sourcing
V± = ±5V
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.5 3.5 4.5 5.5 6.5 7.5 8.5 9.5
SUPPLY VOLTAGE (V)
Supply Current
vs. Supply Voltage
–40°C
+85°C
+25°C
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
SUPPLY VOLTAGE (±V)
Supply Current
vs. Supply Voltage
–40°C
25°C
85°C


Similar Part No. - MIC923_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC923BC5 MICREL-MIC923BC5 Datasheet
358Kb / 11P
   410MHz Low-Power SC70 Op Amp
More results

Similar Description - MIC923_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC923 MICREL-MIC923 Datasheet
358Kb / 11P
   410MHz Low-Power SC70 Op Amp
logo
Microchip Technology
MIC920 MICROCHIP-MIC920 Datasheet
928Kb / 24P
   80 MHz Low-Power SC70 Op Amp
05/14/19
logo
AUK corp
S358P AUK-S358P Datasheet
217Kb / 3P
   Low Power Dual OP AMP
logo
Unisonic Technologies
LM321 UTC-LM321 Datasheet
225Kb / 7P
   LOW POWER SINGLE OP AMP
logo
KODENSHI_AUK CORP.
SN324 KODENSHI-SN324 Datasheet
372Kb / 8P
   Low Power Quad OP AMP
logo
AUK corp
S358 AUK-S358_1 Datasheet
212Kb / 4P
   Low Power Dual OP AMP
S358P AUK-S358P_1 Datasheet
213Kb / 4P
   Low Power Dual OP AMP
logo
AiT Semiconductor Inc.
AO321B AITSEMI-AO321B Datasheet
968Kb / 11P
   LOW POWER SINGLE OP AMP
REV1.0
logo
National Semiconductor ...
LM321 NSC-LM321 Datasheet
237Kb / 9P
   Low Power Single Op Amp
logo
AUK corp
S324P AUK-S324P_1 Datasheet
256Kb / 4P
   Low Power Quad OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com