Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC923 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC923
Description  410MHz Low-Power SC70 Op Amp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC923 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC923_06 Datasheet HTML 3Page - Micrel Semiconductor MIC923_06 Datasheet HTML 4Page - Micrel Semiconductor MIC923_06 Datasheet HTML 5Page - Micrel Semiconductor MIC923_06 Datasheet HTML 6Page - Micrel Semiconductor MIC923_06 Datasheet HTML 7Page - Micrel Semiconductor MIC923_06 Datasheet HTML 8Page - Micrel Semiconductor MIC923_06 Datasheet HTML 9Page - Micrel Semiconductor MIC923_06 Datasheet HTML 10Page - Micrel Semiconductor MIC923_06 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
May 2006
9
MIC923
MIC923
Micrel, Inc.
TIME (10ns/div)
Large Signal Response
V± = ±5V
Av = 2
C
L = 1.7pF
R
L = 1MΩ
R
F = 2kΩ
Positive Slew Rate = 970V/µs
Negative Slew Rate = 720V/µs
Large Signal Response
TIME (10ns/div)
V± = ±9V
Av = 2
C
L = 1.7pF
R
L = 1MΩ
R
F = 2kΩ
Positive Slew Rate = 2100V/µs
Negative Slew Rate = 2200V/µs
TIME (25ns/div)
Large Signal Response
V± = ±5V
Av = 2
C
L = 100pF
R
L = 1MΩ
R
F = 2kΩ
Positive Slew Rate = 440V/µs
Negative Slew Rate = 340V/µs
TIME (25ns/div)
Large Signal Response
V± = ±5V
Av = 2
C
L = 100pF
R
L = 1MΩ
R
F = 2kΩ
Positive Slew Rate = 700V/µs
Negative Slew Rate = 500V/µs
TIME (100ns/div)
Large Signal Response
V± = ±5V
Av = 2
C
L = 1000pF
R
L = 1MΩ
R
F = 2kΩ
Positive Slew Rate = 70V/µs
Negative Slew Rate = 45V/µs
TIME (100ns/div)
Large Signal Response
V± = ±9V
Av = 2
C
L = 1000pF
R
L = 1MΩ
R
F = 2kΩ
Positive Slew Rate = 87V/µs
Negative Slew Rate = 57V/µs


Similar Part No. - MIC923_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC923BC5 MICREL-MIC923BC5 Datasheet
358Kb / 11P
   410MHz Low-Power SC70 Op Amp
More results

Similar Description - MIC923_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC923 MICREL-MIC923 Datasheet
358Kb / 11P
   410MHz Low-Power SC70 Op Amp
logo
Microchip Technology
MIC920 MICROCHIP-MIC920 Datasheet
928Kb / 24P
   80 MHz Low-Power SC70 Op Amp
05/14/19
logo
AUK corp
S358P AUK-S358P Datasheet
217Kb / 3P
   Low Power Dual OP AMP
logo
Unisonic Technologies
LM321 UTC-LM321 Datasheet
225Kb / 7P
   LOW POWER SINGLE OP AMP
logo
KODENSHI_AUK CORP.
SN324 KODENSHI-SN324 Datasheet
372Kb / 8P
   Low Power Quad OP AMP
logo
AUK corp
S358 AUK-S358_1 Datasheet
212Kb / 4P
   Low Power Dual OP AMP
S358P AUK-S358P_1 Datasheet
213Kb / 4P
   Low Power Dual OP AMP
logo
AiT Semiconductor Inc.
AO321B AITSEMI-AO321B Datasheet
968Kb / 11P
   LOW POWER SINGLE OP AMP
REV1.0
logo
National Semiconductor ...
LM321 NSC-LM321 Datasheet
237Kb / 9P
   Low Power Single Op Amp
logo
AUK corp
S324P AUK-S324P_1 Datasheet
256Kb / 4P
   Low Power Quad OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com