Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC1232M Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC1232M
Description  關P Supervisory Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC1232M Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC1232M Datasheet HTML 1Page - Micrel Semiconductor MIC1232M Datasheet HTML 2Page - Micrel Semiconductor MIC1232M Datasheet HTML 3Page - Micrel Semiconductor MIC1232M Datasheet HTML 4Page - Micrel Semiconductor MIC1232M Datasheet HTML 5Page - Micrel Semiconductor MIC1232M Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
January 2006
1
MIC1232
MIC2755
Micrel, Inc.
MIC1232
µP Supervisory Circuit
General Description
The MIC1232 is a multifunction circuit which monitors mi-
croprocessor activity, external reset and power supplies in
microprocessor based systems. The circuit functions include
awatchdogtime,powersupplymonitor,microprocessorreset,
and manual pushbutton reset input.
The power supply line is monitored with a comparator and
an internal voltage reference. /RST is forced low when an
out-of-tolerance condition exists and remains asserted for
at least 250ms after VCC rises above the threshold voltage
(4.5V or 4.75V). The /RST pin will remain logic low with VCC
as low as 1.4V.
The Watchdog input (/ST) monitors µP activity and will as-
sert /RST if no µP activity has occurred with in the watchdog
timeout period. The watchdog timeout period is selectable
with nominal period of 150, 600, 1200 milliseconds.
Typical Application
VCC
RST
µP
RESET
VCC
MIC1232
VCC
PBRST
TOL GND
ST
I/O
TD
Features
• Power OK/Reset time delay, 250ms min.
• Watchdog timer, 150ms, 600ms, or 1.2s typical
• Precision supply voltage monitor, select between 5% or
10% of supply voltage
• Available in 8-pin surface mount (SO)
• Debounced External reset input
• Low supply current, <18µA typical
Applications
• Automotive systems
• Intelligent systems
• Critical microprocessor power monitoring
• Battery powered computers
• Controllers
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
Ordering Information
Part Number
Temperature Range
Package
Standard
Pb-Free
MIC1232N
MIC1232NY
–40ºC to +85ºC
8-Pin PDIP
MIC1232M
MIC1232MY
–40ºC to +85ºC
8-Pin SOIC


Similar Part No. - MIC1232M

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC1232M MICREL-MIC1232M Datasheet
162Kb / 8P
   關P Supervisory Circuit
More results

Similar Description - MIC1232M

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC706R MICREL-MIC706R_11 Datasheet
163Kb / 7P
   關P Supervisory Circuit
MIC705 MICREL-MIC705_06 Datasheet
180Kb / 7P
   關P Supervisory Circuit
MIC1832 MICREL-MIC1832 Datasheet
164Kb / 8P
   關P Supervisory Circuit
MIC705 MICREL-MIC705_14 Datasheet
441Kb / 10P
   關P Supervisory Circuit
logo
PulseCore Semiconductor
ASM161 PULSECORE-ASM161 Datasheet
189Kb / 9P
   關P Supervisory Circuit
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P_06 Datasheet
159Kb / 7P
   關P Supervisory Circuit
MIC1832 MICREL-MIC1832_06 Datasheet
149Kb / 7P
   關P Supervisory Circuit
MIC1232 MICREL-MIC1232 Datasheet
162Kb / 8P
   關P Supervisory Circuit
MIC708TMY MICREL-MIC708TMY Datasheet
451Kb / 10P
   關P Supervisory Circuit
logo
Impala Linear Corporati...
ILC1832 IMPALA-ILC1832 Datasheet
78Kb / 5P
   關P SUPERVISORY CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com