Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC1555BM5 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC1555BM5
Description  IttyBitty RC Timer / Oscillator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC1555BM5 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC1555BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC1555BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC1555BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC1555BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC1555BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC1555BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC1555BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC1555BM5 Datasheet HTML 9Page - Micrel Semiconductor MIC1555BM5 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Micrel, Inc.
MIC1555/1557
May 2010
6
M9999-052610-D
Functional Description
Refer to the block diagrams.
The MIC1555/7 provides the logic for creating simple RC
timer or oscillator circuits.
The MIC1555 has separate THR (threshold) and TRG
(trigger) connections for monostable (one-shot) or
astable (oscillator) operation.
The MIC1557 has a single T/T (threshold and trigger)
connection for astable (oscillator) operation only. The
MIC1557 includes a CS (chip select/reset) control.
Supply
VS (supply) is rated for +2.7V to +18V. An external
capacitor is recommended to decouple noise.
Resistive Divider
The resistive voltage divider is constructed of three
equal value resistors to produce 1/3VS and 2/3VS voltage
for trigger and threshold reference voltages.
Chip Select/Reset (MIC1557 only)
CS (chip select/reset) controls the bias supply to the
oscillator’s internal circuitry. CS must be connected to
CMOS logic-high or logic-low levels. Floating CS will
result in unpredictable operation. When the chip is
deselected, the supply current is less than 1µA. Forcing
CS low resets the MIC1557 by setting the flip flop,
forcing the output low.
Threshold Comparator
The threshold comparator is connected to S (set) on the
RS flip-flop. When the threshold voltage (2/3VS) is
reached, the flip-flop is set, making the output low. THR
is dominant over TRG.
Trigger Comparator
The trigger comparator is connected to R (reset) on the
RS flip-flop. When TRG (trigger) goes below the trigger
voltage (1/3VS), the flip-flop resets, making the output
high.
Flip-Flop and Output
A reset signal causes Q to go low, turning on the P-
channel MOSFET and turning off the N-channel
MOSFET. This makes the output rise to nearly VS.
A set signal causes Q to go high, turning off the P-
channel MOSFET, and turning on the N-channel
MOSFET, grounding OUT.
Basic Monostable Operation
Refer to the MIC1555 functional diagram.
A momentary low signal applied to TRG causes the
output to go high. The external capacitor charges slowly
through the external resistor. When VTHR (threshold
voltage) reaches 2/3VS, the output is switched off,
discharging the capacitor. During power-on, a single
pulse may be generated.
Basic Astable Operation
Refer to the MIC1557 functional diagram.
The MIC1557 starts with T/T low, causing the output to
go high. The external capacitor charges slowly through
the external resistor. When VT/T reaches 2/3VS
(threshold voltage), the output is switched off, slowly
discharging the capacitor. When VT/T decreases to
1/3VS (trigger voltage), the output is switched on,
causing VT/T to rise again, repeating the cycle.


Similar Part No. - MIC1555BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC1555BM5 MICREL-MIC1555BM5 Datasheet
166Kb / 8P
   IttyBitty??RC Timer / Oscillator
More results

Similar Description - MIC1555BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC1555 MICREL-MIC1555 Datasheet
166Kb / 8P
   IttyBitty??RC Timer / Oscillator
MIC1555 MICREL-MIC1555_15 Datasheet
947Kb / 18P
   IttyBitty짰 RC Timer/Oscillator
logo
Advanced Linear Devices
ALD7555 ALD-ALD7555 Datasheet
88Kb / 12P
   SINGLE/DUAL CMOS ANALOG RC TIMER
logo
STMicroelectronics
AN3101 STMICROELECTRONICS-AN3101 Datasheet
435Kb / 24P
   internal RC oscillator calibration
logo
IK Semicon Co., Ltd
BT8028-XX IKSEMICON-BT8028-XX Datasheet
203Kb / 6P
   RC oscillator on chip
BT8031-XX IKSEMICON-BT8031-XX Datasheet
269Kb / 3P
   RC oscillator on chip
logo
Hitachi Semiconductor
HD14541B HITACHI-HD14541B Datasheet
82Kb / 5P
   Programmable Oscillator/Timer
logo
Micrel Semiconductor
MIC281 MICREL-MIC281_11 Datasheet
177Kb / 12P
   Low-Cost IttyBitty??Thermal Sensor IttyBitty
MIC281 MICREL-MIC281 Datasheet
171Kb / 12P
   Low-Cost IttyBitty Thermal Sensor IttyBitty
MIC6270 MICREL-MIC6270_08 Datasheet
148Kb / 4P
   IttyBitty Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com