Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC1555YM5 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC1555YM5
Description  IttyBitty RC Timer / Oscillator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC1555YM5 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC1555YM5 Datasheet HTML 2Page - Micrel Semiconductor MIC1555YM5 Datasheet HTML 3Page - Micrel Semiconductor MIC1555YM5 Datasheet HTML 4Page - Micrel Semiconductor MIC1555YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC1555YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC1555YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC1555YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC1555YM5 Datasheet HTML 9Page - Micrel Semiconductor MIC1555YM5 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Micrel, Inc.
MIC1555/1557
May 2010
7
M9999-052610-D
Application Information
Basic Monostable (One-Shot) Circuit
A monostable oscillator produces a single pulse each
time that it is triggered, and is often referred to as a
“one-shot”. The pulse width is constant, while the time
between pulses depends on the trigger input. One-shots
are generally used to “stretch” incoming pulses, of
varying widths, to a fixed width. The IttyBitty
® MIC1555
is designed for monostable operation, but may also be
connected to provide astable oscillations. The pulse
width is determined by the time it takes to charge a
capacitor from ground to a comparator trip point. If the
capacitor (CT) is charged through a resistor (RT)
connected to the output of an MIC1555, the trip point is
approximately 1.1RCT (the same time as the initial
power-on cycle of an astable circuit.) If the trigger pulse
of an MIC1555 remains low longer than the output pulse
width, short oscillations may be seen in the output of a
one-shot circuit, since the threshold pin has precedence
over the trigger pin. These occur since the output goes
low when the threshold is exceeded, and then goes high
again as the trigger function is asserted. AC coupling the
input with a series capacitor and a pull-up resistor, with
an RC time constant less than the pulse width, will
prevent these short oscillations. A diode (DT) in parallel
with (RT) resets the one-shot quickly.
CS
OUT
THR
TRG
VS
GND
DT
RT
OUT
CIN
RPU
CT
MIC1555
Trigger
1 3
VS
tON = 1.1R T CT
2.7V to 18V
1
3
2
4
5
Figure 1. One-Shot Diagram
The period of a monostable circuit is:
t = k2 RC
where:
t = period (s)
k2 = constant [from Typical Characteristics
graph]
R = resistance (Ω)
C = capacitance (F)
Basic Astable (Oscillator) Circuits
An astable oscillator switches between two states, “on”
and “off”, producing a continuous square wave. The
IttyBitty
® MIC1557 is optimized for this function, with the
two comparator inputs, threshold and trigger (T/T), tied
together internally. Chip select (CS) is brought out to
allow on-off control of the oscillator.
The MIC1555 may also be used as an astable oscillator
by tying the threshold and trigger pins together, forming
a T/T pin. If a resistor (RT) is connected from the output
to a grounded timing capacitor, (CT) the voltage at their
junction will ramp up from ground when the output goes
high. If the T/T pin is connected to this junction, the
output will switch low when the ramp exceeds 2/3 of the
input voltage. The junction's voltage ramps down toward
ground while the output is low. When the ramp is below
1/3 of the input voltage, the output switches to high, and
the junction ramps up again. The continuing frequency of
an MIC1555/7 astable oscillator depends on the RC time
constant, and is approximately 0.7/RC below 1MHz. At
frequencies above 1MHz the RC multiplier increases as
capacitance is decreased, and propagation delay
becomes dominant. Non-symmetrical oscillator operation
is possible at frequencies up to 5MHz.
If a duty cycle other than 50% is desired, a low-power
signal diode may be connected in series with the timing
resistor (RA), and a second resistor (RB) in series with an
opposite facing diode connected in parallel. The
frequency is then made up of two components, the
charging time (tA) and the discharging time (tB) tA=
0.7RAC and tB= 0.7RBC. The frequency is the reciprocal
of the sum of the two times tA + tB, so the total time is
1.4RTCT. The first half-cycle of an astable, after power-
on or CS enable, is lengthened since the capacitor is
charging from ground instead of the 1/3 input trigger trip
voltage, to 1.1RC, the same as a monostable pulse.
RA
1k to 1M
CS
OUT
T/T
VS
GND
OUT
MIC1557
2.7V to 18V
CB
RE
C
T
100pF to 10µF
5
3
2
4
1
CS
t = 0.7( RA+RB)CT
t
RB
Figure 2. Oscillator Diagram


Similar Part No. - MIC1555YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC1555YM5 MICREL-MIC1555YM5 Datasheet
947Kb / 18P
   IttyBitty짰 RC Timer/Oscillator
More results

Similar Description - MIC1555YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC1555 MICREL-MIC1555 Datasheet
166Kb / 8P
   IttyBitty??RC Timer / Oscillator
MIC1555 MICREL-MIC1555_15 Datasheet
947Kb / 18P
   IttyBitty짰 RC Timer/Oscillator
logo
Advanced Linear Devices
ALD7555 ALD-ALD7555 Datasheet
88Kb / 12P
   SINGLE/DUAL CMOS ANALOG RC TIMER
logo
STMicroelectronics
AN3101 STMICROELECTRONICS-AN3101 Datasheet
435Kb / 24P
   internal RC oscillator calibration
logo
IK Semicon Co., Ltd
BT8028-XX IKSEMICON-BT8028-XX Datasheet
203Kb / 6P
   RC oscillator on chip
BT8031-XX IKSEMICON-BT8031-XX Datasheet
269Kb / 3P
   RC oscillator on chip
logo
Hitachi Semiconductor
HD14541B HITACHI-HD14541B Datasheet
82Kb / 5P
   Programmable Oscillator/Timer
logo
Micrel Semiconductor
MIC281 MICREL-MIC281_11 Datasheet
177Kb / 12P
   Low-Cost IttyBitty??Thermal Sensor IttyBitty
MIC281 MICREL-MIC281 Datasheet
171Kb / 12P
   Low-Cost IttyBitty Thermal Sensor IttyBitty
MIC6270 MICREL-MIC6270_08 Datasheet
148Kb / 4P
   IttyBitty Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com