Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2041-1BMM Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2041-1BMM
Description  Single Channel Low Voltage Power Distribution Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2041-1BMM Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2041-1BMM Datasheet HTML 2Page - Micrel Semiconductor MIC2041-1BMM Datasheet HTML 3Page - Micrel Semiconductor MIC2041-1BMM Datasheet HTML 4Page - Micrel Semiconductor MIC2041-1BMM Datasheet HTML 5Page - Micrel Semiconductor MIC2041-1BMM Datasheet HTML 6Page - Micrel Semiconductor MIC2041-1BMM Datasheet HTML 7Page - Micrel Semiconductor MIC2041-1BMM Datasheet HTML 8Page - Micrel Semiconductor MIC2041-1BMM Datasheet HTML 9Page - Micrel Semiconductor MIC2041-1BMM Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MIC2040/2041
Micrel
M9999-012004
6
January 2005
Typical Characteristics
100
150
200
250
300
350
400
450
500
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Supply Current
vs. Temperature
V
IN =VBIAS =1.6V
V
IN =VBIAS = 5.5V
V
IN =VBIAS = 3V
0
0.5
1
1.5
2
2.5
3
3.5
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Enable Input Threshold
(Falling)
vs. Temperature
V
BIAS = 5.5V
V
BIAS = 3V
V
BIAS = 1.6V
0
0.5
1
1.5
2
2.5
3
3.5
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Enable Input Threshold
(Rising)
vs. Temperature
V
BIAS = 5.5V
V
BIAS = 3V
V
BIAS = 1.6V
0
300
600
900
1200
1500
1800
2100
2400
2700
3000
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Output Leakage Current
vs. Temperature
V
BIAS = 5.5V
V
BIAS = 3V
V
BIAS = 1.6V
0
10
20
30
40
50
60
70
80
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
ON Resistance (R
DS(ON))
vs. Temperature
V
IN =VBIAS = 5V
V
IN =VBIAS = 3V
V
IN =VBIAS = 1.6V
300
310
320
330
340
350
360
370
380
390
400
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Current Limit Factor
vs. Temperature
V
BIAS = 5.5V
V
BIAS = 3V
V
BIAS = 1.6V
R
SET = 0.4A
300
310
320
330
340
350
360
370
380
390
400
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Current Limit Factor
vs. Temperature
V
BIAS = 5.5V
V
BIAS = 3V
V
BIAS = 1.6V
R
SET = 0.85A
300
310
320
330
340
350
360
370
380
390
400
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Current Limit Factor
vs. Temperature
V
BIAS = 5.5V
V
BIAS = 3V
V
BIAS = 1.6V
R
SET = 1.5A
0
50
100
150
200
250
300
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Output Low Voltage
vs. Temperature
V
BIAS = 5.5V
V
BIAS = 3V
V
BIAS = 1.6V
I
OL (/FAULT) = 15mA
1.2
1.25
1.3
1.35
1.4
1.45
1.5
1.55
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
UVLO Threshold
vs. Temperature
UVLO+
UVLO–
180
185
190
195
200
205
210
215
220
225
230
235
240
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
UVLO Adjust PinThreshold
vs. Temperature
UVLO+
UVLO–
20
25
30
35
40
45
50
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Flag Response Delay
vs. Temperature
T
FLAG = 3V
T
FLAG = 5V


Similar Part No. - MIC2041-1BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC204 MICREL-MIC204 Datasheet
269Kb / 15P
   SINGLE CHANNEL HIGH CURRENT LOW VOLTAGE, PROTECTED POWER DISTRIBUTION SWITCH
MIC2042 MICREL-MIC2042 Datasheet
832Kb / 15P
   Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
MIC2042-1BM MICREL-MIC2042-1BM Datasheet
832Kb / 15P
   Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
MIC2042-1BTS MICREL-MIC2042-1BTS Datasheet
832Kb / 15P
   Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
MIC2042-1YM MICREL-MIC2042-1YM Datasheet
832Kb / 15P
   Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
More results

Similar Description - MIC2041-1BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC204 MICREL-MIC204 Datasheet
269Kb / 15P
   SINGLE CHANNEL HIGH CURRENT LOW VOLTAGE, PROTECTED POWER DISTRIBUTION SWITCH
MIC2042 MICREL-MIC2042 Datasheet
832Kb / 15P
   Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
MIC2044 MICREL-MIC2044_05 Datasheet
718Kb / 15P
   Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
logo
Fitipower Integrated Te...
FP6861C FITIPOWER-FP6861C Datasheet
606Kb / 16P
   Single-Channel Power Distribution Switch
logo
HTC Korea TAEJIN Techno...
TJ2110 HTC-TJ2110 Datasheet
981Kb / 14P
   Single-Channel Power Distribution Switch
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Diodes Incorporated
AP22802 DIODES-AP22802 Datasheet
552Kb / 14P
   SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
logo
Micrel Semiconductor
MIC2025 MICREL-MIC2025_10 Datasheet
1,011Kb / 14P
   Single-Channel Power Distribution Switch MM8짰
logo
Diodes Incorporated
AP22811 DIODES-AP22811 Datasheet
503Kb / 17P
   SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
DS39135 Rev. 4 - 2
AP22804 DIODES-AP22804 Datasheet
932Kb / 19P
   SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
July 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com