Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2074 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2074
Description  Dual-Channel Power Distribution Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2074 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2074 Datasheet HTML 7Page - Micrel Semiconductor MIC2074 Datasheet HTML 8Page - Micrel Semiconductor MIC2074 Datasheet HTML 9Page - Micrel Semiconductor MIC2074 Datasheet HTML 10Page - Micrel Semiconductor MIC2074 Datasheet HTML 11Page - Micrel Semiconductor MIC2074 Datasheet HTML 12Page - Micrel Semiconductor MIC2074 Datasheet HTML 13Page - Micrel Semiconductor MIC2074 Datasheet HTML 14Page - Micrel Semiconductor MIC2074 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Micrel, Inc.
MIC2073/2074
January 2009
11
M9999-011209
Block Diagram
MIC2073/2074 Block Diagram
Functional Description
Thermal Shutdown
Thermal shutdown is employed to protect the device
from damage should the die temperature exceed safe
margins due mainly to short circuit faults. Each channel
employs its own thermal sensor. Thermal shutdown
shuts off the output MOSFET and asserts the FLG
output if the die temperature reaches 140°C and the
overheated channel is in current limit. The other channel
is not affected. If however, the die temperature exceeds
160°C, then both channels will be shut off. Upon
determining a thermal shutdown condition, the MIC2074
will latch the output off. In this case, a pull-up current
source is activated. This allows the output latch to
automatically reset when the load (such as a USB
device) is removed. The output can also be reset by
toggling EN. Refer to Figure 1 for timing details.
Input and Output
IN is the power supply connection to the logic circuitry
and the drain of the output MOSFET. OUT is the source
of the output MOSFET. In a typical circuit, current flows
from IN to OUT toward the load when the switch is
enabled.
An important consideration in a choosing switch is
whether it has “reverse voltage protection” that is, does
not have a body diode. Reverse voltage protection is
important when the switch is disabled and a voltage is
presented to the OUT pin that is greater than the VIN
voltage. The reverse voltage protection prevents current
flow in the reverse path from OUT to IN.
On other hand when the switch is enabled the switch is
bidirectional. In this case when a voltage is presented to
the OUT pin that is greater than the VIN voltage, current
will flow from OUT to IN.
The MIC2073 will automatically reset its output when the
die temperature cools down to 120°C. The MIC2073
output and FLG signal will continue to cycle on and off
until the device is disabled or the fault is removed.
Figure 2 depicts typical timing.
The output MOSFET and driver circuitry are also
designed to allow the MOSFET source to be externally
forced to a higher voltage than the drain (VOUT > VIN)
when the switch is disabled. In this situation, the
MIC2073/2074 prevents undesirable current flow from
OUT to IN.
Depending
upon
PCB
layout
package,
ambient
temperature, etc., it may take several hundred
milliseconds from the incidence of the fault to the output
MOSFET being shut off. This time will be shortest in the
case of a dead short on the output.


Similar Part No. - MIC2074

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2070 MICREL-MIC2070 Datasheet
51Kb / 9P
   USB Power Controller Advance Information
MIC2070 MICREL-MIC2070 Datasheet
1,020Kb / 13P
   USB Power Controller
MIC2070-1CQS MICREL-MIC2070-1CQS Datasheet
51Kb / 9P
   USB Power Controller Advance Information
MIC2070-1PCQS MICREL-MIC2070-1PCQS Datasheet
1,020Kb / 13P
   USB Power Controller
MIC2070-1PZQS MICREL-MIC2070-1PZQS Datasheet
1,020Kb / 13P
   USB Power Controller
More results

Similar Description - MIC2074

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2026-2YMTR MICREL-MIC2026-2YMTR Datasheet
1,000Kb / 16P
   Dual-Channel Power Distribution Switch
logo
Taiwan Semiconductor Co...
TS2026 TSC-TS2026 Datasheet
279Kb / 7P
   Dual-Channel Power Distribution Switch
logo
List of Unclassifed Man...
B2025 ETC1-B2025 Datasheet
97Kb / 3P
   Dual-Channel Power Distribution Switch
logo
Micrel Semiconductor
MIC2026A MICREL-MIC2026A_09 Datasheet
581Kb / 16P
   Dual-Channel Power Distribution Switch
logo
HTC Korea TAEJIN Techno...
TJ2205HD HTC-TJ2205HD Datasheet
865Kb / 13P
   Dual-Channel Power Distribution Switch
logo
Taiwan Semiconductor Co...
TS2026L TSC-TS2026L Datasheet
275Kb / 7P
   Dual-Channel Power Distribution Switch
logo
Fitipower Integrated Te...
FP6861D FITIPOWER-FP6861D Datasheet
311Kb / 6P
   Dual-Channel Power Distribution Switch
logo
Micrel Semiconductor
MIC2026 MICREL-MIC2026_10 Datasheet
1,000Kb / 16P
   Dual-Channel Power Distribution Switch
logo
Exar Corporation
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
   Dual Channel USB Power Distribution Switch
logo
Global Mixed-mode Techn...
G5258 GMT-G5258 Datasheet
77Kb / 1P
   Dual Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com