Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2141 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2141
Description  Micropower Boost Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2141 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2141_06 Datasheet HTML 2Page - Micrel Semiconductor MIC2141_06 Datasheet HTML 3Page - Micrel Semiconductor MIC2141_06 Datasheet HTML 4Page - Micrel Semiconductor MIC2141_06 Datasheet HTML 5Page - Micrel Semiconductor MIC2141_06 Datasheet HTML 6Page - Micrel Semiconductor MIC2141_06 Datasheet HTML 7Page - Micrel Semiconductor MIC2141_06 Datasheet HTML 8Page - Micrel Semiconductor MIC2141_06 Datasheet HTML 9Page - Micrel Semiconductor MIC2141_06 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Micrel, Inc.
MIC2141
December 2006
6
M9999-122006
Functional Diagram
330kHz
FIXED DUTY CYCLE
VC
FB
IN
GND
SW
Oscillator
MIC2141
Bandgap
Reference
Functional Description
See “Applications Information” for component selection
and pre-designed circuits.
Overview
This MIC2141 is a fixed-duty-cycle, constant-frequency,
gated-oscillator, micropower, switch-mode power supply
controller. Quiescent current for the MIC2141 is only
70µA in the switch off state, and since a MOSFET output
switch is used, additional current needed for switch drive
is minimized. Efficiencies above 85% throughout most
operating conditions can be realized.
Regulation
Regulation is performed by a hysteretic comparator
which regulates the output voltage by gating the internal
oscillator. The user applies a programming voltage to the
VC pin. (For a fixed or adjustable output regulator, with
an internal reference, use the MIC2142.) The output
voltage is divided down internally and then compared to
the VC, the control input voltage, forcing the output
voltage to 6 times the VC. The comparator has
hysteresis built into it, which determines the amount of
low frequency ripple that will be present on the output.
Once the feedback input to the comparator exceeds the
control voltage by 10mV, the high-frequency oscillator
drive is removed from the output switch. As the feedback
input to the comparator returns to the control voltage
level, the comparator is reset and the high-frequency
oscillator is again gated to the output switch. Typically
10mV of hysteresis seen at the comparator will
correspond to 60mV of low-frequency ripple at the
output.
Applications,
which
require
continuous
adjustment of the output voltage, can do so by
adjustment of the VC control pin.
Output
The maximum output voltage is limited by the voltage
capability of the output switch. Output voltages up to 22V
can be achieved with a standard boost circuit. Higher
output voltages require a flyback configuration.
Output Voltage Control
The internal hysteretic comparator disables the output
drive once the output voltage exceeds the nominal by
30mV. The drive is then enabled once the output voltage
drops below the nominal by 30mV.
The reference level, which actually programs the output
voltage, is set by the VC control input. The output is 6
times the control voltage (VC) and the output ripple will
be 6 times the comparator hystersis. Therefore, with
10mV of hystersis, there will be ±30mV variation in the
output around the nominal value. See the “Typical
Characteristics: Control Voltage vs. Output Voltage” for a
graph of input-to-output behavior.
The common-mode range of the comparator requires
that the maximum control voltage (VC) be held to 200mV
less than VIN. When programming for a 20V output, a
minimum VIN of 3.5V will be required. See the “Typical
Characteristics: Gain vs. Output Voltage” for a graph of
gain behavior. To achieve 20V output at lower input
voltages, the external resistive divider (R1 and R2)
shown in Figure 2 can be added. This circuit will
increase the control-to-output gain, while limiting the
error introduced by the tolerance of the internal resistor
feedback network.


Similar Part No. - MIC2141_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2141-BM5 MICREL-MIC2141-BM5 Datasheet
154Kb / 16P
   Micropower Boost Converter Preliminary Information
More results

Similar Description - MIC2141_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2142 MICREL-MIC2142 Datasheet
137Kb / 17P
   Micropower Boost Converter
MIC2142 MICREL-MIC2142_07 Datasheet
418Kb / 17P
   Micropower Boost Converter
logo
Linear Technology
LTC3459 LINER-LTC3459_15 Datasheet
226Kb / 12P
   10V Micropower Synchronous Boost Converter
LTC3459ES6TRMPBF LINER-LTC3459ES6TRMPBF Datasheet
226Kb / 12P
   10V Micropower Synchronous Boost Converter
logo
Analog Devices
MAX17291C AD-MAX17291C Datasheet
637Kb / 10P
   High-Voltage, Micropower, Boost Converter
19-101696; Rev 0; 9/23
logo
Linear Technology
LTC3459 LINER-LTC3459_07 Datasheet
220Kb / 12P
   10V Micropower Synchronous Boost Converter
LTC3459ES6TRMPBF LINER-LTC3459ES6TRMPBF Datasheet
226Kb / 12P
   10V Micropower Synchronous Boost Converter
logo
Micrel Semiconductor
MIC2141 MICREL-MIC2141 Datasheet
154Kb / 16P
   Micropower Boost Converter Preliminary Information
logo
ams AG
AS1340 AMSCO-AS1340 Datasheet
105Kb / 2P
   50V, Micropower, DC-DC Boost Converter
AS1340 AMSCO-AS1340_04 Datasheet
414Kb / 17P
   50V, Micropower, DC-DC Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com