Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2141 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2141
Description  Micropower Boost Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2141 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2141_06 Datasheet HTML 1Page - Micrel Semiconductor MIC2141_06 Datasheet HTML 2Page - Micrel Semiconductor MIC2141_06 Datasheet HTML 3Page - Micrel Semiconductor MIC2141_06 Datasheet HTML 4Page - Micrel Semiconductor MIC2141_06 Datasheet HTML 5Page - Micrel Semiconductor MIC2141_06 Datasheet HTML 6Page - Micrel Semiconductor MIC2141_06 Datasheet HTML 7Page - Micrel Semiconductor MIC2141_06 Datasheet HTML 8Page - Micrel Semiconductor MIC2141_06 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MIC2141
Micropower Boost Converter
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
December 2006
1
M9999-122006
General Description
The MIC2141 is a micropower boost switching regulator
that can operate from 3- or 4-cell nickel-metal-hydride
batteries or a single Li-ion cell. This regulator employs a
constant 330kHz, fixed 18% duty-cycle, gated-oscillator
architecture.
The MIC2141 can be used in applications where the
output voltage must be dynamically adjusted. The device
features
a
control
signal
input
which
is
used
to
proportionally adjust the output voltage. The control signal
input has a gain of 6, allowing a 0.8V to 3.6V control signal
to vary a 4.8V to 22V output.
The MIC2141 requires only three external components to
operate and is available in a tiny 5-pin SOT-23 package for
space and power-sensitive portable applications. The
MIC2141 draws only 70µA of quiescent current and can
operate with an efficiency exceeding 85%.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Implements low-power boost, SEPIC, or flyback
• 2.2V to 14V input voltage
• 330kHz switching frequency
• <2µA shutdown current
• 70µA quiescent current
• 1.24V bandgap reference
• Typical output current 1mA to 10mA
• SOT23-5 package
Applications
• LCD bias supply
• CCD digital camera supply
___________________________________________________________________________________________________________
Typical Application
MIC2141
Variable
V
OUT
V
C*
(from DAC)
10µF
10µH
15
2
34
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
5
10
15
20
25
V
OUT (V)
Control Voltage
vs. Output Voltage
DAC-Controlled LCD Bias Voltage Supply


Similar Part No. - MIC2141_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2141-BM5 MICREL-MIC2141-BM5 Datasheet
154Kb / 16P
   Micropower Boost Converter Preliminary Information
More results

Similar Description - MIC2141_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2142 MICREL-MIC2142 Datasheet
137Kb / 17P
   Micropower Boost Converter
MIC2142 MICREL-MIC2142_07 Datasheet
418Kb / 17P
   Micropower Boost Converter
logo
Linear Technology
LTC3459 LINER-LTC3459_15 Datasheet
226Kb / 12P
   10V Micropower Synchronous Boost Converter
LTC3459ES6TRMPBF LINER-LTC3459ES6TRMPBF Datasheet
226Kb / 12P
   10V Micropower Synchronous Boost Converter
logo
Analog Devices
MAX17291C AD-MAX17291C Datasheet
637Kb / 10P
   High-Voltage, Micropower, Boost Converter
19-101696; Rev 0; 9/23
logo
Linear Technology
LTC3459 LINER-LTC3459_07 Datasheet
220Kb / 12P
   10V Micropower Synchronous Boost Converter
LTC3459ES6TRMPBF LINER-LTC3459ES6TRMPBF Datasheet
226Kb / 12P
   10V Micropower Synchronous Boost Converter
logo
Micrel Semiconductor
MIC2141 MICREL-MIC2141 Datasheet
154Kb / 16P
   Micropower Boost Converter Preliminary Information
logo
ams AG
AS1340 AMSCO-AS1340 Datasheet
105Kb / 2P
   50V, Micropower, DC-DC Boost Converter
AS1340 AMSCO-AS1340_04 Datasheet
414Kb / 17P
   50V, Micropower, DC-DC Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com