Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2150 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2150
Description  2-Phase Dual Output PWM Synchronous Buck Control IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2150 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2150 Datasheet HTML 1Page - Micrel Semiconductor MIC2150 Datasheet HTML 2Page - Micrel Semiconductor MIC2150 Datasheet HTML 3Page - Micrel Semiconductor MIC2150 Datasheet HTML 4Page - Micrel Semiconductor MIC2150 Datasheet HTML 5Page - Micrel Semiconductor MIC2150 Datasheet HTML 6Page - Micrel Semiconductor MIC2150 Datasheet HTML 7Page - Micrel Semiconductor MIC2150 Datasheet HTML 8Page - Micrel Semiconductor MIC2150 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
MIC2150/MIC2151
2-Phase Dual Output PWM Synchronous
Buck Control IC
MicroLead Frame and MLF are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The
MIC2150/1
are
simple
2-phase
dual-output
synchronous buck control ICs featuring small size and high
efficiency. The ICs implement PWM control at 500kHz
(MIC2150) or 300kHz (MIC2151), with the outputs
switching 180
° out of phase. The result of the out-of-phase
operation is 1MHz input ripple frequency with ripple current
cancellation,
minimizing
the
required
input
filter
capacitance. A 1% output voltage tolerance allows the
maximum level of system performance. Internal drivers
with adaptive gate drive allow the highest efficiency with
the minimum external components.
A dual threshold enable pin, matched soft-start pins, and a
power good output are provided, allowing a high level of
control.
The MIC2150/1 are available in the small size 4mm×4mm
24-pin MLF
® package. The MIC2150/1 has a junction
operating range from –40
°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Applications
• Multi-output power supplies with sequencing
• DSP, FPGA, CPU and ASIC power supplies
• Telecom and Networking equipment
• Servers
Features
• Dual Synchronous Buck Control IC with outputs
switching 180 degree out-of-phase
• 4.5V to 14.5V input voltage range
• Adjustable output voltages down to 0.7V
• 1% output voltage accuracy
• MIC2150: 500kHz PWM operation
• MIC2151: 300kHz PWM operation
• Adaptive gate drive allows efficiencies over 95%
• Adjustable current limit with no sense resistor
-
Senses low-side MOSFET current
• Internal drivers allow 20A per phase
• Power Good output allow simple sequencing
• Dual threshold enable pin
• Independent programmable soft-start pins
• Output over-voltage protection
• Input UVLO
• Works with ceramic output capacitors
• Tiny 4mm×4mm 24-Pin MLF® package
• Junction temperature range of -40°C to +125°C
_________________________________________________________________________________________________________________________
Typical Application
August 2009
M9999-082809-A
(408) 944-0800


Similar Part No. - MIC2150

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2155 MICREL-MIC2155 Datasheet
644Kb / 33P
   2-Phase, Single Output, PWM Synchronous Buck Control IC
MIC2155 MICREL-MIC2155 Datasheet
623Kb / 35P
   Two-Phase, Single-Output, PWM Synchronous Buck Control IC
MIC2155YML MICREL-MIC2155YML Datasheet
644Kb / 33P
   2-Phase, Single Output, PWM Synchronous Buck Control IC
MIC2155YML MICREL-MIC2155YML Datasheet
623Kb / 35P
   Two-Phase, Single-Output, PWM Synchronous Buck Control IC
MIC2155_0911 MICREL-MIC2155_0911 Datasheet
623Kb / 35P
   Two-Phase, Single-Output, PWM Synchronous Buck Control IC
More results

Similar Description - MIC2150

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2155 MICREL-MIC2155 Datasheet
644Kb / 33P
   2-Phase, Single Output, PWM Synchronous Buck Control IC
MIC2155_0911 MICREL-MIC2155_0911 Datasheet
623Kb / 35P
   Two-Phase, Single-Output, PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
   500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
MIC2169 MICREL-MIC2169_09 Datasheet
207Kb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2168 MICREL-MIC2168_05 Datasheet
1Mb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2168 MICREL-MIC2168 Datasheet
159Kb / 14P
   1MHZ PWM SYNCHRONOUS BUCK CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com