Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2159 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2159
Description  SYNCHRONOUS-itty Step-Down Converter IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2159 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2159_09 Datasheet HTML 4Page - Micrel Semiconductor MIC2159_09 Datasheet HTML 5Page - Micrel Semiconductor MIC2159_09 Datasheet HTML 6Page - Micrel Semiconductor MIC2159_09 Datasheet HTML 7Page - Micrel Semiconductor MIC2159_09 Datasheet HTML 8Page - Micrel Semiconductor MIC2159_09 Datasheet HTML 9Page - Micrel Semiconductor MIC2159_09 Datasheet HTML 10Page - Micrel Semiconductor MIC2159_09 Datasheet HTML 11Page - Micrel Semiconductor MIC2159_09 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Micrel, Inc.
MIC2159
March 2009
8
M9999-030509-B
MOSFET Gate Drive
The MIC2159 high-side drive circuit is designed to
switch an N-Channel MOSFET. The Functional Block
Diagram shows a bootstrap circuit, consisting of D1 and
CBST. This circuit supplies energy to the high-side drive
circuit. Capacitor CBST circuit is charged while the low-
side MOSFET is on and the voltage on the VSW pin is
approximately 0V. When the high-side MOSFET driver is
turned on, energy from CBST is used to turn the MOSFET
on. As the MOSFET turns on, the voltage on the VSW
pin increases to approximately VIN. Diode D1 is
reversed biased and CBST floats high while continuing to
keep the high-side MOSFET on. When the low-side
switch is turned back on, CBST is recharged through D1.
The drive voltage is derived from the internal 5V VDD
bias supply. The nominal low-side gate drive voltage is
5V and the nominal high-side gate drive voltage is
approximately 4.5V due the voltage drop across D1. An
approximate 50ns delay between the low-side(off) to
high-side(on) driver transitions is used to prevent current
from simultaneously flowing unimpeded through both
MOSFETs
(shoot-through).
Adaptive
gate
drive
is
implemented on the high-side(off) to low-side(on) driver
transition to reduce losses in the flywheel diode and to
prevent shoot-through. This is operated by detecting the
VSW pin; once this pin is detected to reach 1.5v, the
high-side MOSFET can be assumed to be off and the
low side driver is enabled.


Similar Part No. - MIC2159_09

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2159YMME MICREL-MIC2159YMME Datasheet
636Kb / 17P
   SYNCHRONOUS-itty??Step-Down Converter IC
More results

Similar Description - MIC2159_09

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2159 MICREL-MIC2159 Datasheet
636Kb / 17P
   SYNCHRONOUS-itty??Step-Down Converter IC
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
   Synchronous Step-Down Converter
RT2875A RICHTEK-RT2875A Datasheet
295Kb / 16P
   Synchronous Step-Down Converter
RT7249 RICHTEK-RT7249 Datasheet
275Kb / 17P
   Synchronous Step-Down Converter
logo
Rohm
BD90521MUV-C ROHM-BD90521MUV-C Datasheet
2Mb / 42P
   Synchronous Step-Down Converter
BD90541MUV-C ROHM-BD90541MUV-C Datasheet
2Mb / 40P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2856 RICHTEK-RT2856 Datasheet
308Kb / 19P
   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com