Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2043-2BTS Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2043-2BTS
Description  Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2043-2BTS Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2043-2BTS Datasheet HTML 7Page - Micrel Semiconductor MIC2043-2BTS Datasheet HTML 8Page - Micrel Semiconductor MIC2043-2BTS Datasheet HTML 9Page - Micrel Semiconductor MIC2043-2BTS Datasheet HTML 10Page - Micrel Semiconductor MIC2043-2BTS Datasheet HTML 11Page - Micrel Semiconductor MIC2043-2BTS Datasheet HTML 12Page - Micrel Semiconductor MIC2043-2BTS Datasheet HTML 13Page - Micrel Semiconductor MIC2043-2BTS Datasheet HTML 14Page - Micrel Semiconductor MIC2043-2BTS Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
January 2005
11
M0512-112603
MIC2042/2043
Micrel
Functional Description
The MIC2042 and MIC2043 are high-side N-Channel switches
equipped with programmable current limit up to 3A for use in
general purpose power distribution applications. The switches,
available with active-high or active-low enable inputs, provide
output slew-rate control and circuit protection via thermal
shutdown and an optional output latch during overcurrent
conditions.
Input and Output
V
BIAS supplies power to the internal circuitry of the switch and
must be present for the switch to operate. V
IN is connected to
the drain of the output MOSFET and sources power to the
switched load. V
IN must be less than or equal to VBIAS. VOUT
is the source terminal of the output MOSFET and attaches to
the load. In a typical circuit, current flows from V
IN to VOUT
toward the load. If V
OUT is greater than VIN, current will flow
from V
OUT to VIN since the switch is bi-directional when the
device is enabled. When disabled (OFF), the switch will block
current flow from either direction.
Enable Input
Enable, the ON/OFF control for the output switch, is a digital
input available as an active-high (–1) or active-low (–2)
signal. The EN pin, referenced to approximately 0.5 × VBIAS,
must be driven to a clearly defined logic high or logic low.
Failure to observe this requirement, or allowing EN to float,
will cause the MIC2042/43 to exhibit unpredictable behavior.
EN should not be allowed to go negative with respect to
ground, nor allowed to exceed VBIAS. Failure to adhere to
these conditions may result in damage to the device.
Undervoltage Lockout
When the switch is enabled, undervoltage lockout (UVLO)
monitors the input voltage, V
IN, and prevents the output
MOSFET from turning on until V
IN exceeds a predetermined
level, nominally set at 1.45V. The UVLO threshold is adjust-
able and can be varied by applying an external resistor divider
to the UVLOIN pin from VIN to GND. The resistive divider
network is required when the input voltage is below 1.5V. The
UVLO threshold is internally preset to 1.45V if the UVLOIN
pin is left open. See “Applications Information” section.
Programmable Current Limit
The MIC2042/43 is designed to prevent damage to the
external load by limiting the maximum amount of current it
can draw. The current limit is programmed by an external
resistor (R
SET) connected from ILIM to ground and becomes
active when the output voltage is at least 200mV below the
voltage at the input to the device. The limiting current value
is defined by the current limit factor (CLF) divided by R
SET,
and the MIC2042/43 will limit from 0.5A to 3A with a set point
accuracy of ±22%. In programming the nominal current limit,
the value of R
SET is determined using the following equation:
R
CLF
I
390A
I
SET
LIMIT
LIMIT
==
× Ω
()
(1)
And given the ±22% tolerance of the current limit factor (CLF),
the external resistor is bound by:
103Ω ≤ RSET ≤ 970Ω
(2)
The graphs below (Figure 3) display the current limit factor
characteristic over the full temperature range at the indicated
voltage. These curves can be used as a point of reference in
determining the maximum variation in the device’s current
limit over the full temperature range. For example: With
V
IN = VBIAS = 3.0V and a nominal 2A current limit
(R
SET = 192Ω), the low and high current limit settings for the
MIC2042/43 would be 1.66A and 2.34A, respectively, as
shown on the 3V graph using the 192Ω reference point.
When current limiting occurs, the MIC2042 and MIC2043
respond differently. Upon first reaching the limiting current
both devices restrict current flow, allowing the load voltage to
drop below V
IN. If the VIN-to-VOUT differential voltage ex-
ceeds 200mV, then a fault condition is declared and the fault
delay timer is started. If the fault condition persists longer than
the delay period, typically 28ms, then the /FAULT output
asserts low. At this point, the MIC2042 will continue to supply
current to the load at the limiting value (I
LIMIT), whereas the
MIC2043 will latch off its output.
0
0.5
1
1.5
2
2.5
3
3.5
4
0 120 240 360 480 600 720 840 960
R
SET (Ω)
Current Limit
vs. R
SET
–40°C to +85°C
V
IN =VBIAS = 5V
CLF (LO)
CLF (HI)
0
0.5
1
1.5
2
2.5
3
3.5
4
0 120 240 360 480 600 720 840 960
R
SET (Ω)
Current Limit
vs. R
SET
–40°C to +85°C
V
IN =VBIAS = 3V
CLF (LO)
CLF (HI)
0
0.5
1
1.5
2
2.5
3
3.5
4
0 120 240 360 480 600 720 840 960
R
SET (Ω)
Current Limit
vs. R
SET
–40°C to +85°C
V
IN =VBIAS = 1.6V
CLF (LO)
CLF (HI)
Figure 3. Current Limit Factor


Similar Part No. - MIC2043-2BTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC204 MICREL-MIC204 Datasheet
269Kb / 15P
   SINGLE CHANNEL HIGH CURRENT LOW VOLTAGE, PROTECTED POWER DISTRIBUTION SWITCH
MIC2040 MICREL-MIC2040 Datasheet
640Kb / 15P
   Single Channel Low Voltage Power Distribution Switch
MIC2040-1BMM MICREL-MIC2040-1BMM Datasheet
640Kb / 15P
   Single Channel Low Voltage Power Distribution Switch
MIC2040-1YMM MICREL-MIC2040-1YMM Datasheet
640Kb / 15P
   Single Channel Low Voltage Power Distribution Switch
MIC2040-2BMM MICREL-MIC2040-2BMM Datasheet
640Kb / 15P
   Single Channel Low Voltage Power Distribution Switch
More results

Similar Description - MIC2043-2BTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2044 MICREL-MIC2044_05 Datasheet
718Kb / 15P
   Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
MIC204 MICREL-MIC204 Datasheet
269Kb / 15P
   SINGLE CHANNEL HIGH CURRENT LOW VOLTAGE, PROTECTED POWER DISTRIBUTION SWITCH
MIC2040 MICREL-MIC2040 Datasheet
640Kb / 15P
   Single Channel Low Voltage Power Distribution Switch
logo
Exar Corporation
XRP2527 EXAR-XRP2527 Datasheet
3Mb / 13P
   Single/Dual Channel Adjustable Current Power Distribution Switch
logo
Fitipower Integrated Te...
FP6861C FITIPOWER-FP6861C Datasheet
606Kb / 16P
   Single-Channel Power Distribution Switch
logo
HTC Korea TAEJIN Techno...
TJ2110 HTC-TJ2110 Datasheet
981Kb / 14P
   Single-Channel Power Distribution Switch
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Diodes Incorporated
AP22802 DIODES-AP22802 Datasheet
552Kb / 14P
   SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
logo
Monolithic Power System...
MP6215 MPS-MP6215 Datasheet
658Kb / 10P
   3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62170 MPS-MP62170 Datasheet
366Kb / 12P
   3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com