Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2077-1YM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2077-1YM
Description  Quad USB Power Distribution Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2077-1YM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2077-1YM Datasheet HTML 1Page - Micrel Semiconductor MIC2077-1YM Datasheet HTML 2Page - Micrel Semiconductor MIC2077-1YM Datasheet HTML 3Page - Micrel Semiconductor MIC2077-1YM Datasheet HTML 4Page - Micrel Semiconductor MIC2077-1YM Datasheet HTML 5Page - Micrel Semiconductor MIC2077-1YM Datasheet HTML 6Page - Micrel Semiconductor MIC2077-1YM Datasheet HTML 7Page - Micrel Semiconductor MIC2077-1YM Datasheet HTML 8Page - Micrel Semiconductor MIC2077-1YM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MIC2027/2077
Quad USB Power Distribution Switch
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
September 2006
1
M9999-091506
General Description
The MIC2027 and MIC2077 are quad high-side MOSFET
switches optimized for general-purpose power distribution
requiring circuit protection. The MIC2027/77 are internally
current limited and have thermal shutdown that protects
the device and load.
The MIC2077 offers “smart” thermal shutdown that
reduces current consumption in fault modes. When a
thermal shutdown fault occurs, the output is latched off
until the faulty load is removed. Removing the load or
toggling the enable input will reset the device output.
Both devices employ soft-start circuitry that minimizes
inrush current in applications where highly capacitive loads
are employed.
A fault status output flag is asserted during overcurrent
and thermal shutdown conditions. Transient current limit
faults are internally filtered.
The MIC2027/77 are available in 16-pin narrow (150 mil)
and wide (300 mil) SOIC packages.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• 150mΩ maximum on-resistance per channel
• 2.7V to 5.5V operating range
• 500mA minimum continuous current per channel
• Short-circuit protection with thermal shutdown
• Thermally isolated channels
• Fault status flag with 3ms filter eliminates false
assertions
• Undervoltage lockout
• Reverse current flow blocking (no “body diode”)
• Circuit breaker mode (MIC2077) reduces power
consumption
• Logic-compatible inputs
• Soft-start circuit
• Low quiescent current
• Pin compatible with MIC2524 and MIC2527
Applications
• USB peripherals
• General purpose power switching
• ACPI power distribution
• Notebook PCs
• PDAs
• PC card hot swap
Typical Application
®
UL Recognized Component
4-Port Self-Powered Hub


Similar Part No. - MIC2077-1YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2077-1BM MICREL-MIC2077-1BM Datasheet
550Kb / 16P
   Quad USB Power Distribution Switch Preliminary Information
MIC2077-1BWM MICREL-MIC2077-1BWM Datasheet
550Kb / 16P
   Quad USB Power Distribution Switch Preliminary Information
More results

Similar Description - MIC2077-1YM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3544 TI1-LM3544 Datasheet
818Kb / 15P
[Old version datasheet]   Quad Port USB Power Distribution Switch
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
   Quad Power Distribution Switch Quad Power Distribution Switch
MIC2027 MICREL-MIC2027 Datasheet
550Kb / 16P
   Quad USB Power Distribution Switch Preliminary Information
logo
First Silicon Co., Ltd
FC9516A FS-FC9516A Datasheet
796Kb / 12P
   USB Power-Distribution Switch
FC9521 FS-FC9521 Datasheet
691Kb / 8P
   USB Power-Distribution Switch
logo
Semtech Corporation
SC5826 SEMTECH-SC5826 Datasheet
151Kb / 8P
   HotSwitch??USB Power Distribution Switch
logo
National Semiconductor ...
LM3544 NSC-LM3544 Datasheet
349Kb / 13P
   Quad Port USB Power Distribution Switch and Over-Current Protection
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
   Dual Channel USB Power Distribution Switch
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537 Datasheet
88Kb / 12P
   Quad Power Distribution Switch Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com