Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2171BT Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2171BT
Description  100kHz 2.5A Switching Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2171BT Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2171BT Datasheet HTML 3Page - Micrel Semiconductor MIC2171BT Datasheet HTML 4Page - Micrel Semiconductor MIC2171BT Datasheet HTML 5Page - Micrel Semiconductor MIC2171BT Datasheet HTML 6Page - Micrel Semiconductor MIC2171BT Datasheet HTML 7Page - Micrel Semiconductor MIC2171BT Datasheet HTML 8Page - Micrel Semiconductor MIC2171BT Datasheet HTML 9Page - Micrel Semiconductor MIC2171BT Datasheet HTML 10Page - Micrel Semiconductor MIC2171BT Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Micrel, Inc.
MIC2171
May 2007
7
M9999-051107
The junction temperature for any semiconductor is
calculated using the following:
TJ = TA + P(total) θJA
where:
TJ = junction temperature
TA = ambient temperature (maximum)
P(total) = total power dissipation
θJA = junction to ambient thermal resistance
For the practical example:
TA = 70°C
θJA = 45°C/W (TO-220)
then:
TJ = 70 + (1.24 × 45)
TJ = 126°C
This junction temperature is below the rated maximum of
150°C.
Grounding
Refer to Figure 5. Heavy lines indicate high current
paths.
MIC2171
IN
SW
FB
VC
VIN
GND
Single point ground
Figure 5. Single Point Ground
A single point ground is strongly recommended for
proper operation.
The signal ground, compensation network ground, and
feed-back network connections are sensitive to minor
voltage variations. The input and output capacitor
grounds and power ground conductors will exhibit
voltage drop when carrying large currents. Keep the
sensitive circuit ground traces separate from the power
ground traces. Small voltage variations applied to the
sensitive circuits can prevent the MIC2171 or any
switching regulator from functioning properly.
Boost Conversion
Refer to Figure 1 for a typical boost conversion
application where a +5V logic supply is available but
+12V at 0.25A is required.
The first step in designing a boost converter is
determining whether inductor L1 will cause the converter
to operate in either continuous or discontinuous mode.
Discontinuous mode is preferred because the feedback
control of the converter is simpler.
When L1 discharges its current completely during the
MIC2171 off-time, it is operating in discontinuous mode.
L1 is operating in continuous mode if it does not
discharge completely before the MIC2171 power switch
is turned on again.
Discontinuous Mode Design
Given the maximum output current, solve equation (1) to
determine
whether
the
device
can
operate
in
discontinuous mode without initiating the internal device
current limit.
(1)
OUT
IN(min)
CL
OUT
V
V
2
I
I
δ
⎟⎟
⎜⎜
(1a)
F
OUT
IN(min)
F
OUT
V
V
V
V
V
+
+
=
δ
where:
ICL = internal switch current limit
ICL = 2.5A when δ < 50%
ICL = 1.67 (2 – δ) when δ ≥ 50%
(Refer to Electrical Characteristics.)
IOUT = maximum output current
VIN(min) = minimum input voltage = VIN – VSW
δ = duty cycle
VOUT = required output voltage
VF = D1 forward voltage drop
For the example in Figure 1.
IOUT = 0.25A
ICL = 1.67 (2–0.662) = 2.24A
VIN(min) = 4.18V
δ = 0.662
VOUT = 12.0V
VF = 0.36V (@ .26A, 70°C)
then:
12
0.662
4.178
2
2.235
IOUT
×
×
IOUT ≤ 0.258A
This value is greater than the 0.25A output current
requirement, so we can proceed to find the minimum
inductance value of L1 for discontinuous operation at
POUT.
(2)
SW
OUT
2
IN
f
2P
)
(V
L1
δ


Similar Part No. - MIC2171BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2171BT MICREL-MIC2171BT Datasheet
80Kb / 10P
   100kHz 2.5A Switching Regulator Preliminary Information
More results

Similar Description - MIC2171BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2171 MICREL-MIC2171 Datasheet
80Kb / 10P
   100kHz 2.5A Switching Regulator Preliminary Information
logo
Linear Technology
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1170 LINER-LT1170 Datasheet
266Kb / 20P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1172 LINER-LT1172_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
STMicroelectronics
E-L4960 STMICROELECTRONICS-E-L4960 Datasheet
329Kb / 16P
   2.5A POWER SWITCHING REGULATOR
L4960 STMICROELECTRONICS-L4960 Datasheet
189Kb / 16P
   2.5A POWER SWITCHING REGULATOR
June 2000
logo
Microsemi Corporation
LX2172 MICROSEMI-LX2172 Datasheet
259Kb / 6P
   1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
logo
NTE Electronics
NTE7107 NTE-NTE7107 Datasheet
83Kb / 3P
   Integrated Circuit Switching Regulator, 2.5A
logo
Microchip Technology
MIC2171 MICROCHIP-MIC2171 Datasheet
2Mb / 24P
   100 kHz, 2.5A Switching Regulator
Revision A (May 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com