Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2171WU Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2171WU
Description  100kHz 2.5A Switching Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2171WU Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2171WU Datasheet HTML 2Page - Micrel Semiconductor MIC2171WU Datasheet HTML 3Page - Micrel Semiconductor MIC2171WU Datasheet HTML 4Page - Micrel Semiconductor MIC2171WU Datasheet HTML 5Page - Micrel Semiconductor MIC2171WU Datasheet HTML 6Page - Micrel Semiconductor MIC2171WU Datasheet HTML 7Page - Micrel Semiconductor MIC2171WU Datasheet HTML 8Page - Micrel Semiconductor MIC2171WU Datasheet HTML 9Page - Micrel Semiconductor MIC2171WU Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Micrel, Inc.
MIC2171
May 2007
6
M9999-051107
Application Information
Soft Start
A diode-coupled capacitor from COMP to circuit ground
slows the output voltage rise at turn on (Figure 3).
MIC2171
IN
COMP
C2
R1
VIN
D2
C1
D1
Figure 3. Soft Start
The additional time it takes for the error amplifier to
charge the capacitor corresponds to the time it takes the
output to reach regulation. Diode D1 discharges C1
when VIN is removed.
Current Limit
MIC2171
IN
COMP
C2
R3
VIN
Q1
R2
GND
R1
C1
SW
FB
VOUT
Note: Input and output
returns not common
ICL 0.6V/R2
Figure 4. Current Limit
The maximum current limit of the MIC2171 can be
reduced by adding a voltage clamp to the COMP output
(Figure 4). This feature can be useful in applications
requiring either a complete shutdown of Q1’s switching
action or a form of current fold-back limiting. This use of
the COMP output does not disable the oscillator,
amplifiers or other circuitry, therefore, the supply current
is never less than approximately 5mA.
Thermal Management
Although the MIC2171 family contains thermal protection
circuitry, for best reliability, avoid prolonged operation
with junction temperatures near the rated maximum.
The junction temperature is determined by first
calculating the power dissipation of the device. For the
MIC2171, the total power dissipation is the sum of the
device operating losses and power switch losses.
The device operating losses are the dc losses
associated with biasing all of the internal functions plus
the losses of the power switch driver circuitry. The dc
losses are calculated from the supply voltage (VIN) and
device supply current (IQ).The MIC2171 supply current is
almost constant regardless of the supply voltage (see
“Electrical Characteristics”). The driver section losses
(not including the switch) are a function of supply
voltage, power switch current, and duty cycle.
P(bias+driver) = (VIN IQ) + (VIN(min) x ISW x ∆IIN)
where:
P(bias+driver) = device operating losses
VIN(min) = supply voltage = VIN – VSW
IQ = typical quiescent supply current
ICL = power switch current limit
∆IIN = typical supply current increase
As a practical example refer to Figure 1.
VIN = 5.0V
IQ = 0.007A
ICL = 2.21A
δ = 66.2% (0.662)
then:
VIN(min) = 5.0V – (2.21 x 0.37) = 4.18V
P(bias+driver) = (5 x 0.007) + (4.18 x 2.21 x 0.009)
P(bias+driver) = 0.1W
Power switch dissipation calculations are greatly
simplified by making two assumptions which are usually
fairly accurate. First, the majority of losses in the power
switch are due to on-losses. To find these losses, assign
a resistance value to the collector/emitter terminals of
the device using the saturation voltage versus collector
current curves (see Typical Performance Character-
istics). Power switch losses are calculated by modeling
the switch as a resistor with the switch duty cycle
modifying the average power dissipation.
PSW = (ISW)
2 R
SW δ
where:
δ = duty cycle
F
OUT
IN(min)
F
OUT
V
V
V
V
V
+
+
=
δ
VSW = ICL (RSW)
VOUT = output voltage
VF = D1 forward voltage drop at IOUT
From the Typical performance Characteristics:
RSW = 0.37Ω
then:
PSW = (2.21)
2 × 0.37 × 0.662
PSW = 1.2W
P(total) = 1.2 + 0.1
P(total) = 1.3W


Similar Part No. - MIC2171WU

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2171WU MICROCHIP-MIC2171WU Datasheet
2Mb / 24P
   100 kHz, 2.5A Switching Regulator
Revision A (May 2022)
MIC2171WU-TR MICROCHIP-MIC2171WU-TR Datasheet
2Mb / 24P
   100 kHz, 2.5A Switching Regulator
Revision A (May 2022)
More results

Similar Description - MIC2171WU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2171 MICREL-MIC2171 Datasheet
80Kb / 10P
   100kHz 2.5A Switching Regulator Preliminary Information
logo
Linear Technology
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1170 LINER-LT1170 Datasheet
266Kb / 20P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1172 LINER-LT1172_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
STMicroelectronics
E-L4960 STMICROELECTRONICS-E-L4960 Datasheet
329Kb / 16P
   2.5A POWER SWITCHING REGULATOR
L4960 STMICROELECTRONICS-L4960 Datasheet
189Kb / 16P
   2.5A POWER SWITCHING REGULATOR
June 2000
logo
Microsemi Corporation
LX2172 MICROSEMI-LX2172 Datasheet
259Kb / 6P
   1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
logo
NTE Electronics
NTE7107 NTE-NTE7107 Datasheet
83Kb / 3P
   Integrated Circuit Switching Regulator, 2.5A
logo
Microchip Technology
MIC2171 MICROCHIP-MIC2171 Datasheet
2Mb / 24P
   100 kHz, 2.5A Switching Regulator
Revision A (May 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com