Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F21324GKSP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F21324GKSP
Description  Refer to Table 1.5 Product List for R8C/32G Group.
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21324GKSP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F21324GKSP Datasheet HTML 1Page - Renesas Technology Corp R5F21324GKSP Datasheet HTML 2Page - Renesas Technology Corp R5F21324GKSP Datasheet HTML 3Page - Renesas Technology Corp R5F21324GKSP Datasheet HTML 4Page - Renesas Technology Corp R5F21324GKSP Datasheet HTML 5Page - Renesas Technology Corp R5F21324GKSP Datasheet HTML 6Page - Renesas Technology Corp R5F21324GKSP Datasheet HTML 7Page - Renesas Technology Corp R5F21324GKSP Datasheet HTML 8Page - Renesas Technology Corp R5F21324GKSP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
R8C/32G Group, R8C/32H Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0026EJ0010 Rev.0.10
Page 2 of 53
Feb 08, 2011
1.1.2
Specifications
Tables 1.1 and 1.2 outline the Specifications for R8C/32G Group. Tables 1.3 and 1.4 outline the Specifications
for R8C/32H Group.
Note:
1. Timer RD in these products does not support full-spec emulators. Use the on-chip debugging emulator for
debugging.
Table 1.1
Specifications for R8C/32G Group (1)
Item
Function
Specification
CPU
Central processing
unit
R8C CPU core
• Number of fundamental instructions: 89
• Minimum instruction execution time:
50 ns (f(XIN) = 20 MHz, VCC = 2.7 to 5.5 V)
• Multiplier: 16 bits × 16 bits
→ 32 bits
• Multiply-accumulate instruction: 16 bits × 16 bits + 32 bits
→ 32 bits
• Operation mode: Single-chip mode (address space: 1 Mbyte)
Memory
ROM, RAM, Data
flash
Refer to Table 1.5 Product List for R8C/32G Group.
Power Supply
Voltage
Detection
Voltage detection
circuit
• Power-on reset
• Voltage detection 3 (detection level of voltage detection 1 selectable)
I/O Ports
Programmable I/O
ports
• Input-only: 1 pin
• CMOS I/O ports: 15, selectable pull-up resistor
Clock
Clock generation
circuits
3 circuits: XIN clock oscillation circuit,
High-speed on-chip oscillator (with frequency adjustment function),
Low-speed on-chip oscillator
• Oscillation stop detection: XIN clock oscillation stop detection function
• Frequency divider circuit: Dividing selectable 1, 2, 4, 8, and 16
• Low power consumption modes:
Standard operating mode (high-speed clock, high-speed on-chip oscillator,
low-speed on-chip oscillator), wait mode, stop mode
Interrupts
• Number of interrupt vectors: 69
• External Interrupt: 7 (INT × 3, Key input × 4)
• Priority levels: 7 levels
Watchdog Timer
• 14 bits × 1 (with prescaler)
• Reset start selectable
• Low-speed on-chip oscillator for watchdog timer selectable
DTC (Data Transfer Controller)
• 1 channel
• Activation sources: 28
• Transfer modes: 2 (normal mode, repeat mode)
Timer
Timer RA
8 bits × 1 (with 8-bit prescaler)
Timer mode (period timer), pulse output mode (output level inverted every
period), event counter mode, pulse width measurement mode, pulse period
measurement mode
Timer RB
8 bits × 1 (with 8-bit prescaler)
Timer mode (period timer), programmable waveform generation mode (PWM
output), programmable one-shot generation mode, programmable wait one-
shot generation mode
Timer RC
16 bits × 1 (with 4 capture/compare registers)
Timer mode (input capture function, output compare function), PWM mode
(output 3 pins), PWM2 mode (PWM output pin)
Timer RD (1)
16 bits × 2 (with 4 capture/compare registers)
Timer mode (input capture function, output compare function), PWM mode
(output 6 pins), reset synchronous PWM mode (output three-phase
waveforms (6 pins), sawtooth wave modulation), complementary PWM mode
(output three-phase waveforms (6 pins), triangular wave modulation), PWM3
mode (PWM output 2 pins with fixed period)


Similar Part No. - R5F21324GKSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21324GKSP RENESAS-R5F21324GKSP Datasheet
520Kb / 57P
   RENESAS MCU
More results

Similar Description - R5F21324GKSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F2L357MNFP RENESAS-R5F2L357MNFP Datasheet
877Kb / 75P
   R8C/L35M Group, R8C/L36M Group, R8C/L38M Group, R8C/L3AM Group RENESAS MCU
R5F21344PJFP RENESAS-R5F21344PJFP Datasheet
542Kb / 56P
   R8C/34P Group, R8C/34R Group RENESAS MCU
R5F21336TNFPV2 RENESAS-R5F21336TNFPV2 Datasheet
445Kb / 50P
   R8C/33T Group
R5F21206JFPU1 RENESAS-R5F21206JFPU1 Datasheet
432Kb / 47P
   R8C/20 Group, R8C/21 Group RENESAS MCU
R8C34U RENESAS-R8C34U_15 Datasheet
854Kb / 95P
   The R8C/34U Group, R8C/34K Group of single-chip MCUs incorporates the R8C CPU core,
logo
Cirrus Logic
PA61M CIRRUS-PA61M Datasheet
154Kb / 2P
   Table 4 Group A Inspection
PA02M CIRRUS-PA02M Datasheet
157Kb / 2P
   Table 4 Group A Inspection
PA08M APEX-PA08M Datasheet
67Kb / 1P
   TABLE 4 GROUP A INSPECTION
PA21M APEX-PA21M Datasheet
25Kb / 1P
   TABLE 4 GROUP A INSPECTION
PA85M APEX-PA85M Datasheet
67Kb / 1P
   TABLE 4 GROUP A INSPECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com