Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F21324GKSP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F21324GKSP
Description  Refer to Table 1.5 Product List for R8C/32G Group.
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21324GKSP Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F21324GKSP Datasheet HTML 1Page - Renesas Technology Corp R5F21324GKSP Datasheet HTML 2Page - Renesas Technology Corp R5F21324GKSP Datasheet HTML 3Page - Renesas Technology Corp R5F21324GKSP Datasheet HTML 4Page - Renesas Technology Corp R5F21324GKSP Datasheet HTML 5Page - Renesas Technology Corp R5F21324GKSP Datasheet HTML 6Page - Renesas Technology Corp R5F21324GKSP Datasheet HTML 7Page - Renesas Technology Corp R5F21324GKSP Datasheet HTML 8Page - Renesas Technology Corp R5F21324GKSP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
R8C/32G Group, R8C/32H Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0026EJ0010 Rev.0.10
Page 3 of 53
Feb 08, 2011
Note:
1. Specify the K version if K version functions are to be used.
Table 1.2
Specifications for R8C/32G Group (2)
Item
Function
Specification
Serial
Interface
UART0
Clock synchronous serial I/O/UART × 1 channel
UART2
Clock synchronous serial I/O/UART, I2C mode (I2C-bus), IE mode (IEBus),
multiprocessor communication function
Synchronous Serial
Communication Unit (SSU)
1
LIN Module
Hardware LIN: 1 (timer RA, UART0)
A/D Converter
10-bit resolution × 4 channels, includes sample and hold function, with sweep
mode
Comparator B
2 circuits
Flash Memory
• Programming and erasure voltage: VCC = 2.7 to 5.5 V
• Programming and erasure endurance: 10,000 times (data flash)
1,000 times (program ROM)
• Program security: ROM code protect, ID code check
• Debug functions: On-chip debug, on-board flash rewrite function
• Background operation (BGO) function
Operating Frequency/Supply
Voltage
f(XIN) = 20 MHz (VCC = 2.7 to 5.5 V)
Current consumption
Typ. 7 mA (VCC = 5.0 V, f(XIN) = 20 MHz)
Operating Ambient Temperature
-40 to 85
°C (J version)
-80 to 125
°C (K version) (1)
Package
20-pin SSOP
Package code: PLSP0020JB-A (previous code: 20P2F-A)


Similar Part No. - R5F21324GKSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21324GKSP RENESAS-R5F21324GKSP Datasheet
520Kb / 57P
   RENESAS MCU
More results

Similar Description - R5F21324GKSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F2L357MNFP RENESAS-R5F2L357MNFP Datasheet
877Kb / 75P
   R8C/L35M Group, R8C/L36M Group, R8C/L38M Group, R8C/L3AM Group RENESAS MCU
R5F21344PJFP RENESAS-R5F21344PJFP Datasheet
542Kb / 56P
   R8C/34P Group, R8C/34R Group RENESAS MCU
R5F21336TNFPV2 RENESAS-R5F21336TNFPV2 Datasheet
445Kb / 50P
   R8C/33T Group
R5F21206JFPU1 RENESAS-R5F21206JFPU1 Datasheet
432Kb / 47P
   R8C/20 Group, R8C/21 Group RENESAS MCU
R8C34U RENESAS-R8C34U_15 Datasheet
854Kb / 95P
   The R8C/34U Group, R8C/34K Group of single-chip MCUs incorporates the R8C CPU core,
logo
Cirrus Logic
PA61M CIRRUS-PA61M Datasheet
154Kb / 2P
   Table 4 Group A Inspection
PA02M CIRRUS-PA02M Datasheet
157Kb / 2P
   Table 4 Group A Inspection
PA08M APEX-PA08M Datasheet
67Kb / 1P
   TABLE 4 GROUP A INSPECTION
PA21M APEX-PA21M Datasheet
25Kb / 1P
   TABLE 4 GROUP A INSPECTION
PA85M APEX-PA85M Datasheet
67Kb / 1P
   TABLE 4 GROUP A INSPECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com