Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2176-2YMM Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2176-2YMM
Description  Wide Input Voltage, Synchronous Buck Controllers Featuring Adaptive On-Time Control
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2176-2YMM Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2176-2YMM Datasheet HTML 3Page - Micrel Semiconductor MIC2176-2YMM Datasheet HTML 4Page - Micrel Semiconductor MIC2176-2YMM Datasheet HTML 5Page - Micrel Semiconductor MIC2176-2YMM Datasheet HTML 6Page - Micrel Semiconductor MIC2176-2YMM Datasheet HTML 7Page - Micrel Semiconductor MIC2176-2YMM Datasheet HTML 8Page - Micrel Semiconductor MIC2176-2YMM Datasheet HTML 9Page - Micrel Semiconductor MIC2176-2YMM Datasheet HTML 10Page - Micrel Semiconductor MIC2176-2YMM Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Micrel, Inc.
MIC2176
November 2010
7
M9999-111710-A
Typical Characteristics (Continued)
VDD Operating Supply Current
vs. Temperature
0
2
4
6
8
10
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VDD Shutdown Current
vs. Temperature
0
0.2
0.4
0.6
0.8
1
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VDD UVLO Threshold
vs. Temperature
3.2
3.4
3.6
3.8
4.0
4.2
Rising
MIC2176-2
VIN = 48V
VOUT = 3.3V
IOUT = 0A
VDD = 5V
SWITCHING
VIN = 48V
IOUT = 0A
VDD = 5V
VEN = 0V
Falling
VIN = 48V
3.0
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN Shutdown Current
vs. Temperature
0
5
10
15
20
25
30
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
Current Limit
vs. Temperature
0
5
10
15
20
VIN Operating Supply Current
vs. Temperature
10
12
14
16
18
20
22
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
MIC2176-2
VIN = 48V
VOUT = 3.3V
IOUT = 0A
VDD = 5V
SWITCHING
VIN = 48V
VDD = 5V
IOUT = 0A
VIN = 48V
VOUT = 3.3V
VDD = 5V
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
Load Regulation
vs. Temperature
-0.2%
0.0%
0.2%
0.4%
0.6%
0.8%
1.0%
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
Feedback Voltage
vs. Temperature
0.792
0.794
0.796
0.798
0.800
0.802
0.804
0.806
0.808
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
Line Regulation
vs. Temperature
-0.2%
0.0%
0.2%
0.4%
0.6%
0.8%
1.0%
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 6V to 70V
VOUT = 3.3V
IOUT = 0A
VDD = 5V
VIN = 48V
VOUT = 3.3V
IOUT = 0A
VDD = 5V
VIN = 48V
VOUT = 3.3V
VDD = 5V
IOUT = 0A to 5A
Switching Frequency
vs. Temperature
160
180
200
220
240
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
MIC2176-1
VIN = 48V
VOUT = 3.3V
IOUT = 0A
VDD = 5V
EN Bias Current
vs. Temperature
0
20
40
60
80
100
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 48V
VEN = 0V
VDD = 5V


Similar Part No. - MIC2176-2YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2176-2YMM MICREL-MIC2176-2YMM Datasheet
1Mb / 31P
   Wide Input Voltage, Synchronous Buck
More results

Similar Description - MIC2176-2YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2101 MICREL-MIC2101 Datasheet
1Mb / 37P
   38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2125 MICROCHIP-MIC2125 Datasheet
1Mb / 34P
   28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
07/14/15
logo
Micrel Semiconductor
MIC2103 MICREL-MIC2103_13 Datasheet
1Mb / 38P
   75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
MIC2101 MICREL-MIC2101_13 Datasheet
1Mb / 36P
   38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2103 MICREL-MIC2103 Datasheet
1Mb / 36P
   75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2103 MICROCHIP-MIC2103 Datasheet
1Mb / 42P
   75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
10/25/17
logo
Micrel Semiconductor
MIC2164 MICREL-MIC2164_10 Datasheet
1Mb / 39P
   Synchronous Buck Controllers Featuring Adaptive On-Time Control 28V Input, Constant Frequency
MIC2164 MICREL-MIC2164 Datasheet
918Kb / 36P
   Constant Frequency, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2174 MICREL-MIC2174_10 Datasheet
706Kb / 27P
   Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
logo
Microchip Technology
MIC2127A MICROCHIP-MIC2127A Datasheet
827Kb / 38P
   75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
11/07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com