Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2177BWM Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2177BWM
Description  2.5A Synchronous Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2177BWM Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2177BWM Datasheet HTML 1Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 2Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 3Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 4Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 5Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 6Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 7Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 8Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Micrel, Inc.
MIC2177
April 2008
2
M9999-042108
Ordering Information
Part Number
Output
Voltage
Switching
Frequency
Temperature Range
Package
Lead Finish
MIC2177-3.3BWM
3.3V
200kHz
–40°C to +85°C
20-Pin Wide SOIC
Standard
MIC2177-5.0BWM
5.0V
200kHz
–40°C to +85°C
20-Pin Wide SOIC
Standard
MIC2177BWM
Adj.
200kHz
–40°C to +85°C
20-Pin Wide SOIC
Standard
MIC2177-3.3YWM
3.3V
200kHz
–40°C to +85°C
20-Pin Wide SOIC
Pb-Free
Pin Configuration
2
VIN
3
SW
4
PGND
5
PGND
6
PGND
7
PGND
1
VIN
8
SW
9
VIN
EN
20
BIAS
19
SY NC
18
SGND
17
SGND
16
SGND
15
10
OUT
14
13
12
11 AUTO
FB
COM P
SGND
20-Pin Wide SOIC (WM)


Similar Part No. - MIC2177BWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2177BWM MICREL-MIC2177BWM Datasheet
181Kb / 16P
   2.5A Synchronous Buck Regulator
More results

Similar Description - MIC2177BWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2177 MICREL-MIC2177 Datasheet
181Kb / 16P
   2.5A Synchronous Buck Regulator
MIC2178 MICREL-MIC2178 Datasheet
170Kb / 16P
   2.5A Synchronous Buck Regulator
MIC2178 MICREL-MIC2178_05 Datasheet
179Kb / 15P
   2.5A Synchronous Buck Regulator
MIC24420 MICREL-MIC24420 Datasheet
1Mb / 34P
   2.5A Dual Output PWM Synchronous Buck Regulator IC
logo
Alpha & Omega Semicondu...
AOZ1283PI AOSMD-AOZ1283PI Datasheet
917Kb / 15P
   EZBuck??2.5A Simple Buck Regulator
logo
Lowpower Semiconductor ...
LP28303A POWER-LP28303A Datasheet
541Kb / 8P
   2.5A Synchronous Buck Li-ion Charger
logo
Alpha & Omega Semicondu...
AOZ1283 AOSMD-AOZ1283 Datasheet
1Mb / 15P
   EZBuck™ 2.5A Simple Buck Regulator
Rev. 1.0 May 2014
logo
ON Semiconductor
NCP1597 ONSEMI-NCP1597_13 Datasheet
346Kb / 13P
   Synchronous Buck Regulator
April, 2013 ??Rev. 3
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
   Synchronous Buck Regulator
logo
Sanken electric
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
   Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com