Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F562N7BDLE Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R5F562N7BDLE
Description  100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562N7BDLE Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R5F562N7BDLE Datasheet HTML 4Page - Renesas Technology Corp R5F562N7BDLE Datasheet HTML 5Page - Renesas Technology Corp R5F562N7BDLE Datasheet HTML 6Page - Renesas Technology Corp R5F562N7BDLE Datasheet HTML 7Page - Renesas Technology Corp R5F562N7BDLE Datasheet HTML 8Page - Renesas Technology Corp R5F562N7BDLE Datasheet HTML 9Page - Renesas Technology Corp R5F562N7BDLE Datasheet HTML 10Page - Renesas Technology Corp R5F562N7BDLE Datasheet HTML 11Page - Renesas Technology Corp R5F562N7BDLE Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
RX62N Group and RX621 Group
16-Bit SDRAM Connection and Access Examples
R01AN0585EJ0202 Rev.2.02
Page 8 of 22
Feb 14, 2014
RFA
DSL
DSL
SDRAM command
Auto refresh
cycle
SDCLK
DSL
RFA
DSL
DSL
Auto refresh
cycle
DSL
Auto refresh
interval
DSL: Device deselect command
RFA: Auto refresh command
REFW: "0011" = 4 cycles
REFC: "02EDh" = 749 cycles
Figure 4 Auto Refresh Timing


Similar Part No. - R5F562N7BDLE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F562T6ADFF RENESAS-R5F562T6ADFF Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
R5F562T6ADFF RENESAS-R5F562T6ADFF Datasheet
640Kb / 25P
   MCUs
R5F562T6ADFM RENESAS-R5F562T6ADFM Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
R5F562T6ADFM RENESAS-R5F562T6ADFM Datasheet
640Kb / 25P
   MCUs
R5F562T6BDFF RENESAS-R5F562T6BDFF Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
More results

Similar Description - R5F562N7BDLE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX634 RENESAS-RX634 Datasheet
902Kb / 106P
   54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
   240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
   120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com