Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2179YSM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2179YSM
Description  1.5A Synchronous Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2179YSM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2179YSM Datasheet HTML 1Page - Micrel Semiconductor MIC2179YSM Datasheet HTML 2Page - Micrel Semiconductor MIC2179YSM Datasheet HTML 3Page - Micrel Semiconductor MIC2179YSM Datasheet HTML 4Page - Micrel Semiconductor MIC2179YSM Datasheet HTML 5Page - Micrel Semiconductor MIC2179YSM Datasheet HTML 6Page - Micrel Semiconductor MIC2179YSM Datasheet HTML 7Page - Micrel Semiconductor MIC2179YSM Datasheet HTML 8Page - Micrel Semiconductor MIC2179YSM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
June 2009
1
M9999-063009
Micrel, Inc.
MIC2179
MIC2179
1.5A Synchronous Buck Regulator
General Description
The Micrel MIC2179 is a 200kHz synchronous buck (step-
down) switching regulator designed for high-efficiency, bat-
tery-powered applications.
TheMIC2179operatesfroma4.5Vto16.5Vinputandfeatures
internal power MOSFETs that can supply up to 1.5A output
current. It can operate with a maximum duty cycle of 100%
for use in low-dropout conditions. It also features a shutdown
mode that reduces quiescent current to less than 5µA.
The MIC2179 achieves high efficiency over a wide output
current range by operating in either PWM or skip mode. The
operating mode is externally selected, typically by an intel-
ligentsystem,whichchoosestheappropriatemodeaccording
to operating conditions, efficiency, and noise requirements.
The switching frequency is preset to 200kHz and can be
synchronized to an external clock signal of up to 300kHz.
The MIC2179 uses current-mode control with internal current
sensing. Current-mode control provides superior line regula-
tionandmakestheregulatorcontrolloopeasytocompensate.
The output is protected with pulse-by-pulse current limiting
and thermal shutdown. Undervoltage lockout turns the output
off when the input voltage is less than 4.5V.
The MIC2179 and is packaged in a 20-lead SSOP package
with an operating temperature range of –40°C to +85°C.
Typical Application
BIAS
SGND
COMP
PGND
FB
SW
VIN
C2
100µF
6.3V
VOUT
3.3V/600mA
L1
22µH
C4
6.8nF
C3
0.01µF
MIC
2179-3.3
PWM
Skip Mode
PWM Mode
SYNC
EN
VIN
5.4V to 16.5V
C1
10µF
20V
U1
15
5
13
8
9–12
14
7
1,2,
19,20
3,4
16,17
D1
MBRM120
PWRGD
6
R1
20k
Output Good
Output Low
Pins 4 and 18 are not connected.
Pins 3 and 4 can be connected
together for a low-impedance
connection.
R5
4.02k
Features
• 4.5V to 16.5V input voltage range
• Dual-mode operation for high efficiency (up to 96%)
PWM mode for > 150mA load current
Skip mode for <150mA load current
• 150mΩ internal power MOSFETs at 12V input
• 200kHz preset switching frequency
• Low quiescent current
1.0mA in PWM mode
600µA in skip mode
< 5µA in shutdown mode
• Current-mode control
Simplified loop compensation
Superior line regulation
• 100% duty cycle for low dropout operation
• Current limit
• Thermal shutdown
• Undervoltage lockout
Applications
• High-efficiency, battery-powered supplies
• Buck (step-down) dc-to-dc converters
• Cellular telephones
• Laptop computers
• Hand-held instruments
• Battery Charger
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com


Similar Part No. - MIC2179YSM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2179 MICREL-MIC2179 Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
MIC2179-3.3BSM MICREL-MIC2179-3.3BSM Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
MIC2179-5.0BSM MICREL-MIC2179-5.0BSM Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
MIC2179BSM MICREL-MIC2179BSM Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
More results

Similar Description - MIC2179YSM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2179 MICREL-MIC2179 Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1015 AOSMD-AOZ1015 Datasheet
722Kb / 15P
   EZBuck??1.5A Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7504 ANPEC-APW7504 Datasheet
300Kb / 17P
   1.5MHz, 1.5A Synchronous Buck Regulator
logo
National Semiconductor ...
LM2652 NSC-LM2652 Datasheet
473Kb / 3P
   1.5A, Dual High Performance Synchronous Buck Regulator
logo
Intersil Corporation
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
   1.5A Synchronous Buck Regulator with Integrated MOSFETs
logo
Alpha & Omega Semicondu...
AOZ1615 AOSMD-AOZ1615 Datasheet
832Kb / 14P
   1.5A/3MHz Buck Regulator
logo
Fairchild Semiconductor
FAN2011EMPX FAIRCHILD-FAN2011EMPX Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011_06 Datasheet
617Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
ACE Technology Co., LTD...
ACE7215C ACE-ACE7215C Datasheet
1,013Kb / 10P
   1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com