Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2184BM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2184BM
Description  Low Voltage Buck PWM Control IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2184BM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2184BM Datasheet HTML 1Page - Micrel Semiconductor MIC2184BM Datasheet HTML 2Page - Micrel Semiconductor MIC2184BM Datasheet HTML 3Page - Micrel Semiconductor MIC2184BM Datasheet HTML 4Page - Micrel Semiconductor MIC2184BM Datasheet HTML 5Page - Micrel Semiconductor MIC2184BM Datasheet HTML 6Page - Micrel Semiconductor MIC2184BM Datasheet HTML 7Page - Micrel Semiconductor MIC2184BM Datasheet HTML 8Page - Micrel Semiconductor MIC2184BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MIC2184
Micrel, Inc.
M9999-042205
4
April 2005
Electrical Characteristics
V
INA = VINP = VCSH = 5V, VOUT = 3.3V, VEN/UVLO = 5V, VFREQ/2 = 0V, TJ = 25ºC, unless otherwise specified. Bold values indicate
–40ºC < T
J < +125ºC.
Parameter
Condition
Min
Typ
Max
Units
Regulation
Feedback Voltage Reference
(±1%)
1.233
1.245
1.257
V
(±2%)
1.22
1.27
V
Feedback Bias Current
50
nA
Output Voltage Line Regulation
5V ≤ VIN ≤ 12V
0.04
% / V
Output Voltage Load Regulation
0mV < (V
CSH – VCSL) < 75mV
0.9
%
Output Voltage Total Regulation
5V ≤ VINA ≤ 12V, 0mV < (VCSH – VCSL) < 75mV (±3%)
1.208
1.282
V
Input & V
DD Supply
V
INA Input Current
0.7
mA
V
INP Input Current, Note 4
(Excluding external MOSFET gate current)
1.0
mA
Shutdown Quiescent Current
V
EN/UVLO = 0V; (IVINA + IVINP)
0.5
5
µA
Digital Supply Voltage (V
DD)IL = 0
2.82
3.0
3.18
V
Digital Supply load regulation
I
L = 0 to 1mA
0.03
V
Undervoltage Lockout
V
DD upper threshold (turn on threshold)
2.75
V
UVLO Hysteresis
100
mV
Reference Output(VREF)
Reference Voltage
(±1.5%)
1.226
1.245
1.264
V
(±2.5%)
1.213
1.276
V
Reference Voltage Line
5V < V
INA < 12V
2
mV
Regulation
Reference Voltage Load
0 < I
REF < 100µA1
mV
Regulation
Enable/UVLO
Enable Input Threshold
0.6
0.9
1.2
V
UVLO Threshold
(Turn-on threshold)
1.4
1.5
1.6
V
UVLO Hysteresis
140
mV
Enable Input Current
V
EN/UVLO = 5V
0.2
5
µA
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
INA, VINP) ......................................... 15V
Digital Supply Voltage (V
DD) ........................................... 7V
Comp Pin Voltage (V
COMP) ............................ –0.3V to +3V
Feedback Pin Voltage (V
FB) .......................... –0.3V to +3V
Enable Pin Voltage (V
EN/UVLO) ..................... –0.3V to 15V
Current Sense Voltage (V
CSH–VCSL) ............... –0.3V to 1V
Sync Pin Voltage (V
SYNC) ................................ –0.3V to 7V
Freq/2 Pin Voltage (V
FREQ/2) ............................ -0.3V to 7V
Power Dissipation (P
D)
16 lead SOIC ................................. 400mW @ T
A = 85°C
16 lead QSOP ............................... 245mW @ T
A = 80°C
Ambient Storage Temp ............................ –65°C to +150°C
ESD Rating, ............................................................. Note 3
Operating Ratings (Note 2)
Supply Voltage (V
INA, VINP) ........................ +2.9V to +14V
Ambient Operating Temperature ......... –40°C ≤ TA ≤ +85°C
Junction Temperature ....................... –40°C ≤ TJ ≤ +125°C
Output Voltage Range ...................................... 1.3V to 12V
PackageThermal Resistance
θJA 16-lead SOP ............................................... 100°C/W
θJA 16-lead QSOP ............................................. 163°C/W


Similar Part No. - MIC2184BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2184BM MICREL-MIC2184BM Datasheet
75Kb / 12P
   Low Voltage Buck PWM Control IC Final Information
More results

Similar Description - MIC2184BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
   Low Voltage Synchronous Buck PWM Control IC
MIC2184 MICREL-MIC2184 Datasheet
75Kb / 12P
   Low Voltage Buck PWM Control IC Final Information
MIC2183 MICREL-MIC2183 Datasheet
98Kb / 12P
   Low Voltage Synchronous Buck PWM Control IC Final Information
MIC2186 MICREL-MIC2186_05 Datasheet
189Kb / 15P
   Low Voltage PWM Control IC
MIC2186 MICREL-MIC2186 Datasheet
162Kb / 16P
   Low Voltage PWM Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
   500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
   500kHz PWM Synchronous Buck Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com